Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM48L730ZWTT Datasheet(PDF) 5 Page - Texas Instruments

Part # RM48L730ZWTT
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L730ZWTT Datasheet(HTML) 5 Page - Texas Instruments

  RM48L730ZWTT Datasheet HTML 1Page - Texas Instruments RM48L730ZWTT Datasheet HTML 2Page - Texas Instruments RM48L730ZWTT Datasheet HTML 3Page - Texas Instruments RM48L730ZWTT Datasheet HTML 4Page - Texas Instruments RM48L730ZWTT Datasheet HTML 5Page - Texas Instruments RM48L730ZWTT Datasheet HTML 6Page - Texas Instruments RM48L730ZWTT Datasheet HTML 7Page - Texas Instruments RM48L730ZWTT Datasheet HTML 8Page - Texas Instruments RM48L730ZWTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 147 page
background image
DMA
POM
DMM
HTU1
HTU2
MainCrossBar: ArbitrationandPrioritizationControl
CRC
SwitchedCentralResource
PeripheralCentralResourceBridge
DualCortex-R4F
CPUsinLockstep
SwitchedCentralResource
MibADC1
MibADC2
I2C
N2HET1
GIO
N2HET2
64KBFlash
forEEPROM
Emulation
withECC
IOMM
PMM
VIM
RTI
DCC1
DCC2
3M
Flash
with
ECC
ETM-R4
RTP
64K
64K
64K
64K
256K
RAM
with
ECC
EMIF
EMIF_CLK
EMIF_CKE
EMIF_nCS[4:2]
EMIF_nCS[0]
EMIF_ADDR[21:0]
EMIF_BA[1:0]
EMIF_DATA[15:0]
EMIF_nDQM[1:0]
EMIF_nOE
EMIF_nWE
EMIF_nRAS
EMIF_nCAS
EMIF_nRW
EMIF_nWAIT
SwitchedCentralResource
Device
Host
USB1.OverCurrent
USB1.RCV
USB1.VM
USB1.VP
USB1.PortPower
USB1.SPEED
USB1.SUSPEND
USB1.TXDAT
USB1.TXEN
USB1.TXSE0
USB2.OverCurrent
USB2.RCV
USB2.VM
USB2.VP
USB2.PortPower
USB2.SPEED
USB2.SUSPEND
USB2.TXDAT
USB2.TXEN
USB2.TXSE0
USB_FUNC.GZO
USB_FUNC.PUENO
USB_FUNC.PUENON
USB_FUNC.RXDI
USB_FUNC.RXDMI
USB_FUNC.RXDPI
USB_FUNC.SE0O
USB_FUNC.SUSPENDO
USB_FUNC.TXDO
USB_FUNC.VBUSI
#2
#3
#4
# 1
# 2
# 1
alwayson
Core/RAM
RAM
Core
# 5
# 3
ColorLegendforPowerDomains
SwitchedCentralResource
USBSlaves
USBHost
DCAN1
DCAN2
DCAN3
LIN
SCI
SPI4
MibSPI1
CAN1_RX
CAN1_TX
CAN2_RX
CAN2_TX
CAN3_RX
CAN3_TX
MIBSPI1_CLK
MIBSPI1_SIMO[1:0]
MIBSPI1_SOMI[1:0]
MIBSPI1_nCS[5:0]
MIBSPI1_nENA
SPI2
SPI2_CLK
SPI2_SIMO
SPI2_SOMI
SPI2_nCS[1:0]
SPI2_nENA
MibSPI3
MIBSPI3_CLK
MIBSPI3_SIMO
MIBSPI3_SOMI
MIBSPI3_nCS[5:0]
MIBSPI3_nENA
SPI4_CLK
SPI4_SIMO
SPI4_SOMI
SPI4_nCS0
SPI4_nENA
MibSPI5
MIBSPI5_SIMO[3:0]
MIBSPI5_SOMI[3:0]
MIBSPI5_nCS[3:0]
MIBSPI5_nENA
LIN_RX
LIN_TX
SCI_RX
SCI_TX
SYS
nPORRST
nRST
ECLK
ESM
nERROR
RM48L930
RM48L730
RM48L530
www.ti.com
SPNS176
– SEPTEMBER 2011
1.4
Functional Block Diagram
Figure 1-1. Functional Block Diagram
Copyright
© 2011, Texas Instruments Incorporated
RM48Lx30 16/32-Bit RISC Flash Microcontroller
5
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530


Similar Part No. - RM48L730ZWTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM48L730 TI1-RM48L730 Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx30 16- and 32-Bit RISC Flash Microcontroller
RM48L730DPGET TI1-RM48L730DPGET Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx30 16- and 32-Bit RISC Flash Microcontroller
RM48L730DZWTT TI1-RM48L730DZWTT Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx30 16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - RM48L730ZWTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM48L930 TI1-RM48L930_15 Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx30 16- and 32-Bit RISC Flash Microcontroller
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com