Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH08T255WAS Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T255WAS
Description  40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08T255WAS Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTH08T255WAS Datasheet HTML 6Page - Texas Instruments PTH08T255WAS Datasheet HTML 7Page - Texas Instruments PTH08T255WAS Datasheet HTML 8Page - Texas Instruments PTH08T255WAS Datasheet HTML 9Page - Texas Instruments PTH08T255WAS Datasheet HTML 10Page - Texas Instruments PTH08T255WAS Datasheet HTML 11Page - Texas Instruments PTH08T255WAS Datasheet HTML 12Page - Texas Instruments PTH08T255WAS Datasheet HTML 13Page - Texas Instruments PTH08T255WAS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Output Capacitor (Required)
Output Capacitor Information
TurboTrans Output Capacitance
Non-TurboTrans Output Capacitance
PTH08T255W
SLTS290 – NOVEMBER 2008 ........................................................................................................................................................................................... www.ti.com
The PTH08T255W requires a minimum output capacitance of 1000µF of polymer-aluminum, tantulum, or
polymer-tantalum type. Ceramic output capacitance can be used in addition to the required non-ceramic type.
The required capacitance above the minimum is determined by actual transient deviation requirements. See the
TurboTrans Technology application section within this document for specific capacitance selection.
When selecting output capacitors, the main considerations are capacitor type, temperature stability, and ESR.
When using the TurboTrans feature, the capacitance × ESR product should also be considered (see the
following section).
Ceramic output capacitors added for high-frequency bypassing should be located as close as possible to the
load to be effective. Ceramic capacitor values below 10µF should not be included when calculating the total
output capacitance value.
When the operating temperature is below 0°C, the ESR of aluminum electrolytic capacitors increases. For these
applications, OS-CON, poly-aluminum, and polymer-tantalum types should be considered.
TurboTrans allows the designer to optimize the output capacitance according to the system transient design
requirement. High quality, ultra-low ESR capacitors are required to maximize TurboTrans effectiveness. When
using TurboTrans, the capacitor's capacitance (µF) × ESR (m
Ω) product determines its capacitor type; Type A,
B, or C. These three types are defined as follows:
Type A = (100
≤ capacitance × ESR ≤ 1000) (e.g. ceramic) (use Type A capacitors in addition to Type B or C)
Type B = (1000 < capacitance × ESR
≤ 5000) (e.g. polymer-tantalum)
Type C = (5000 < capacitance × ESR
≤ 10,000) (e.g. OS-CON)
When using more than one type of output capacitor, select the capacitor type that makes up the majority of your
total output capacitance. When calculating the C×ESR product, use the maximum ESR value from the capacitor
manufacturer's datasheet.
Working Examples:
A capacitor with a capacitance of 330µF and an ESR of 5m
Ω, has a C×ESR product of 1650µFxmΩ (330µF ×
5m
Ω). This is a Type B capacitor. A capacitor with a capacitance of 1000µF and an ESR of 8mΩ, has a C×ESR
product of 8000µFxm
Ω (1000µF × 8mΩ). This is a Type C capacitor.
See the TurboTrans Technology application section within this document for specific capacitance selection.
Table 3 includes a preferred list of capacitors by type and vendor. See the Output Bus / TurboTrans column.
If the TurboTrans feature is not used, minimum ESR and maximum capacitor limits must be followed. System
stability may be effected and increased output capacitance may be required without TurboTrans.
When using the PTH08T255W, observe the minimum ESR of the entire output capacitor bank. The minimum
ESR limit of the output capacitor bank is 7m
Ω. A list of preferred low-ESR type capacitors, are identified in
Table 3.
When using the PTH08T255W without the TurboTrans feature, the maximum amount of capacitance is 1000 µF
of ceramic type. Large amounts of capacitance may reduce system stability.
Utilizing the TurboTrans feature improves system stability, improves transient response, and reduces the
amount of output capacitance required to meet system transient design requirements.
10
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PTH08T255W


Similar Part No. - PTH08T255WAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T250W TI-PTH08T250W Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250WAD TI-PTH08T250WAD Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250WAS TI-PTH08T250WAS Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250WAST TI-PTH08T250WAST Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250WAZ TI-PTH08T250WAZ Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results

Similar Description - PTH08T255WAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T260W TI-PTH08T260W Datasheet
1Mb / 36P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T260W TI-PTH08T260W_15 Datasheet
1Mb / 38P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH12040W TI-PTH12040W_15 Datasheet
570Kb / 27P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12040W TI1-PTH12040W_14 Datasheet
626Kb / 28P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12040W TI-PTH12040W Datasheet
636Kb / 27P
[Old version datasheet]   50-A, 8-V to 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH08T250W TI-PTH08T250W Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W_15 Datasheet
2Mb / 39P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTV08040W TI-PTV08040W Datasheet
714Kb / 23P
[Old version datasheet]   50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE
PTH08T240W TI-PTH08T240W Datasheet
846Kb / 30P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH08T220W TI-PTH08T220W_09 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com