Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6MBP400VEA060-50 Datasheet(PDF) 1 Page - Fuji Electric

Part # 6MBP400VEA060-50
Description  IGBT MODULE (V series) 600V / 400A / IPM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

6MBP400VEA060-50 Datasheet(HTML) 1 Page - Fuji Electric

  6MBP400VEA060-50 Datasheet HTML 1Page - Fuji Electric 6MBP400VEA060-50 Datasheet HTML 2Page - Fuji Electric 6MBP400VEA060-50 Datasheet HTML 3Page - Fuji Electric 6MBP400VEA060-50 Datasheet HTML 4Page - Fuji Electric 6MBP400VEA060-50 Datasheet HTML 5Page - Fuji Electric 6MBP400VEA060-50 Datasheet HTML 6Page - Fuji Electric 6MBP400VEA060-50 Datasheet HTML 7Page - Fuji Electric 6MBP400VEA060-50 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
http://www.fujielectric.com/products/semiconductor/
6MBP400VEA060-50
IGBT Modules
IGBT MODULE (V series)
600V / 400A / IPM
Maximum Ratings and Characteristics
Absolute Maximum Ratings (TC=25°C, VCC=15V unless otherwise specified)
Items
Symbol
Min.
Max.
Units
Collector-Emitter Voltage (*1)
VCES
0
600
V
Short Circuit Voltage
VSC
200
400
V
Collector Current
DC
IC
-
400
A
1ms
ICP
-
800
A
Duty=68.6% (*2)
-IC
-
400
A
Collector Power Dissipation 1 device (*3)
PC
-
1086
W
Collector Current
DC
IC
-
-
A
1ms
ICP
-
-
A
Forward Current of Diode
IF
-
-
A
Collector Power Dissipation 1 device (*3)
PC
-
-
W
Supply Voltage of Pre-Driver (*4)
VCC
-0.5
20
V
Input Signal Voltage (*5)
Vin
-0.5
VCC+0.5
V
Alarm Signal Voltage (*6)
VALM
-0.5
VCC
V
Alarm Signal Current (*7)
IALM
-
20
mA
Junction Temperature
Tj
-
150
°C
Operating Case Temperature
Topr
-20
110
°C
Storage Temperature
Tstg
-40
125
°C
Solder Temperature (*8)
Tsol
-
260
°C
Isolating Voltage (*9)
Viso
-
AC2500
Vrms
Screw Torque
Terminal (M5)
-
-
3.5
Nm
Mounting (M5)
Note *1: VCES shall be applied to the input voltage between all Collector and Emitter.
[ P1-(U,V,W,B) , P2-(U,V,W,B) , (U,V,W,B)-N1 , (U,V,W,B)-N2 ]
Note *2: Duty=125°C/Rth(j-c)D/(IF×VF Max.)×100
Note *3: PC=125°C/Rth(j-c)Q (Inverter & Brake)
Note *4: VCC shall be applied to the input voltage between terminal No.3 and 1, 7 and 5, 11 and 9, 14 and 13.
Note *5: Vin shall be applied to the input voltage between terminal No.2 and 1, 6 and 5, 10 and 9, 15~18 and 13.
Note *6: VALM shall be applied to the voltage between terminal No.4 and 1, 8 and 5, 12 and 9, 19 and 13.
Note *7: IALM shall be applied to the input current to terminal No.4, 8, 12 and 19.
Note *8: Immersion time 10±1sec. 1 time
Note *9: Terminal to base, 50/60Hz sine wave 1min. All terminals should be connected together during the test.
Features
• Temperature protection provided by directly detecting
the junction temperature of the IGBTs
• Low power loss and soft switching
• High performance and high reliability IGBT with overheating
protection
• Higher reliability because of a big decrease in number of
parts in built-in control circuit


Similar Part No. - 6MBP400VEA060-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP100NA060-01 FUJI-6MBP100NA060-01 Datasheet
4Mb / 15P
   IGBT-IPM
6MBP100RA060 FUJI-6MBP100RA060 Datasheet
780Kb / 7P
   IGBT-IPM
6MBP100RA120 FUJI-6MBP100RA120 Datasheet
319Kb / 7P
   IGBT(1200V/100A)
6MBP100RTB060 FUJI-6MBP100RTB060 Datasheet
735Kb / 8P
   IPM-R3 series
6MBP100RTJ060 FUJI-6MBP100RTJ060 Datasheet
1Mb / 22P
   IGBT - IPM
More results

Similar Description - 6MBP400VEA060-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP75VDA060-50 FUJI-6MBP75VDA060-50 Datasheet
582Kb / 8P
   IGBT MODULE (V series) 600V / 75A / IPM
7MBP150VDA060-50 FUJI-7MBP150VDA060-50 Datasheet
677Kb / 11P
   IGBT MODULE (V series) 600V / 150A / IPM
7MBP200VDA060-50 FUJI-7MBP200VDA060-50 Datasheet
689Kb / 11P
   IGBT MODULE (V series) 600V / 200A / IPM
6MBP200VEA060-50 FUJI-6MBP200VEA060-50 Datasheet
612Kb / 8P
   IGBT MODULE (V series) 600V / 200A / IPM
6MBP150VDA060-50 FUJI-6MBP150VDA060-50 Datasheet
587Kb / 8P
   IGBT MODULE (V series) 600V / 150A / IPM
7MBP75VDA060-50 FUJI-7MBP75VDA060-50 Datasheet
677Kb / 11P
   IGBT MODULE (V series) 600V / 75A / IPM
6MBP75VBA060-50 FUJI-6MBP75VBA060-50 Datasheet
897Kb / 8P
   IGBT MODULE (V series) 600V / 75A / IPM
6MBP50VDA060-50 FUJI-6MBP50VDA060-50 Datasheet
574Kb / 8P
   IGBT MODULE (V series) 600V / 50A / IPM
7MBP100VDA060-50 FUJI-7MBP100VDA060-50 Datasheet
684Kb / 11P
   IGBT MODULE (V series) 600V / 100A / IPM
7MBP50VDA060-50 FUJI-7MBP50VDA060-50 Datasheet
684Kb / 11P
   IGBT MODULE (V series) 600V / 50A / IPM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com