Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM9211 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM9211 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 3Page - Texas Instruments PCM9211 Datasheet HTML 4Page - Texas Instruments PCM9211 Datasheet HTML 5Page - Texas Instruments PCM9211 Datasheet HTML 6Page - Texas Instruments PCM9211 Datasheet HTML 7Page - Texas Instruments PCM9211 Datasheet HTML 8Page - Texas Instruments PCM9211 Datasheet HTML 9Page - Texas Instruments PCM9211 Datasheet HTML 10Page - Texas Instruments PCM9211 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 121 page
background image
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
ERROR/INT0
NPCM/INT1
MPIO_A0
MPIO_A1
MPIO_A2
MPIO_A3
MPIO_C0
MPIO_C1
MPIO_C2
MPIO_C3
MPIO_B0
MPIO_B1
VDDRX
RXIN1
RST
RXIN2
RXIN3
RXIN4/ASCKIO
RXIN5/ABCKIO
RXIN6/ALRCKIO
RXIN7/ADIN0
MODE
MS/ADR1
MC/SCL
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
PCM9211
PCM9211
www.ti.com
SBAS495 – JUNE 2010
PIN CONFIGURATIONS
PT PACKAGE
LQFP-48
(TOP VIEW)
PIN FUNCTIONS
PIN
5-V
NO.
NAME
I/O
TOLERANT
DESCRIPTION
1
ERROR/INT0
O
No
DIR Error detection output / Interrupt0 output
2
NPCM/INT1
O
No
DIR Non-PCM detection output / Interrupt1 output
3
MPIO_A0
I/O
Yes
Multipurpose I/O, Group A(1)
4
MPIO_A1
I/O
Yes
Multipurpose I/O, Group A(1)
5
MPIO_A2
I/O
Yes
Multipurpose I/O, Group A(1)
6
MPIO_A3
I/O
Yes
Multipurpose I/O, Group A(1)
7
MPIO_C0
I/O
Yes
Multipurpose I/O, Group C(1)
8
MPIO_C1
I/O
Yes
Multipurpose I/O, Group C(1)
9
MPIO_C2
I/O
Yes
Multipurpose I/O, Group C(1)
10
MPIO_C3
I/O
Yes
Multipurpose I/O, Group C(1)
11
MPIO_B0
I/O
Yes
Multipurpose I/O, Group B(1)
12
MPIO_B1
I/O
Yes
Multipurpose I/O, Group B(1)
13
MPIO_B2
I/O
Yes
Multipurpose I/O, Group B(1)
14
MPIO_B3
I/O
Yes
Multipurpose I/O, Group B(1)
15
MPO0
O
No
Multipurpose output 0
(1)
Schmitt trigger input
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PCM9211


Similar Part No. - PCM9211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM9211 TI-PCM9211 Datasheet
1Mb / 121P
[Old version datasheet]   Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
PCM9211PT TI1-PCM9211PT Datasheet
1Mb / 125P
[Old version datasheet]   Digital Audio Interface Transceiver
PCM9211PTR TI1-PCM9211PTR Datasheet
1Mb / 125P
[Old version datasheet]   Digital Audio Interface Transceiver
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
[Old version datasheet]   Digital Audio Interface Transceiver
More results

Similar Description - PCM9211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DIX9211 TI1-DIX9211 Datasheet
935Kb / 107P
[Old version datasheet]   216-kHz Digital Audio Interface Transceiver (DIX)
logo
Sanyo Semicon Device
LC89075W-H SANYO-LC89075W-H Datasheet
422Kb / 69P
   Digital Audio Interface Receiver with Stereo ADC and Audio Selector
logo
Cirrus Logic
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
PCM4202-EP TI1-PCM4202-EP Datasheet
1,000Kb / 29P
[Old version datasheet]   High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converte
PCM9211 TI-PCM9211 Datasheet
1Mb / 121P
[Old version datasheet]   Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
[Old version datasheet]   Digital Audio Interface Transceiver
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com