Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1662AID Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1662AID
Description  Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1662AID Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA1662AID Datasheet HTML 4Page - Texas Instruments OPA1662AID Datasheet HTML 5Page - Texas Instruments OPA1662AID Datasheet HTML 6Page - Texas Instruments OPA1662AID Datasheet HTML 7Page - Texas Instruments OPA1662AID Datasheet HTML 8Page - Texas Instruments OPA1662AID Datasheet HTML 9Page - Texas Instruments OPA1662AID Datasheet HTML 10Page - Texas Instruments OPA1662AID Datasheet HTML 11Page - Texas Instruments OPA1662AID Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
0.00001
0.0001
0.001
0.01
1m
10m
100m
1
10 20
Output Amplitude (Vrms)
G = 10V/V, RL = 600Ω
G = 10V/V, RL = 2kΩ
G = +1V/V, RL = 600Ω
G = +1V/V, RL = 2kΩ
G = −1V/V, RL = 600Ω
G = −1V/V, RL = 2kΩ
f = 1 kHz
BW = 80 kHz
RS = 0 Ω
G011
0.00001
0.0001
0.001
0.01
100m
1
10
20
Output Amplitude (Vrms)
DIM 30: 3 kHz − Square Wave, 15 kHz Sine Wave
CCIF Twin Tone: 19 kHz and 20 kHz
SMPTE / DIN: Two −Tone 4:1, 60 Hz and 7 KHz
G=+1V/V
G012
−160
−140
−120
−100
−80
100
1k
10k
100k
Frequency (Hz)
VOUT = 3 VRMS
Gain = +1 V/V
G013
0
20
40
60
80
100
120
140
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
+PSRR
−PSRR
CMRR
G014
Time (1 s/div)
m
VIN
VOUT
G = +1 V/V
CL = 10 pF
G015
Time (1 s/div)
m
VIN
VOUT
G = +1 V/V
CL = 10 pF
VS = 1.5 V
±
G040
OPA1662
OPA1664
SBOS489
– DECEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±15 V, and RL = 2 kΩ, unless otherwise noted.
INTERMODULATION DISTORTION vs
THD+N RATIO vs OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
Figure 13.
Figure 14.
CHANNEL SEPARATION vs FREQUENCY
CMRR AND PSRR vs FREQUENCY (Referred to Input)
Figure 15.
Figure 16.
SMALL-SIGNAL STEP RESPONSE
SMALL-SIGNAL STEP RESPONSE
Figure 17.
Figure 18.
8
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA1662 OPA1664


Similar Part No. - OPA1662AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1662AIDGKRQ1 TI1-OPA1662AIDGKRQ1 Datasheet
2Mb / 33P
[Old version datasheet]   Operational Amplifier
OPA1662AIDRQ1 TI1-OPA1662AIDRQ1 Datasheet
2Mb / 33P
[Old version datasheet]   Operational Amplifier
More results

Similar Description - OPA1662AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1662-Q1 TI-OPA1662-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1692 TI1-OPA1692 Datasheet
488Kb / 23P
[Old version datasheet]   Low-Power, Low-Noise and Low-Distortion Audio Operational Amplifiers
OPA1692 TI1-OPA1692_18 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Power, Low-Noise and Low-Distortion SoundPlus Audio Operational Amplifiers
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1678 TI1-OPA1678_18 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
OPA1678 TI1-OPA1678 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
OPA1678_1807 TI1-OPA1678_1807 Datasheet
1Mb / 48P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
OPA1655 TI-OPA1655 Datasheet
3Mb / 38P
[Old version datasheet]   OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown??Audio Operational Amplifiers
DECEMBER 2021
OPA1677 TI-OPA1677 Datasheet
3Mb / 52P
[Old version datasheet]   OPA167x Low-Distortion Audio Operational Amplifiers
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com