Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMAPL138B Datasheet(PDF) 1 Page - Texas Instruments

Part # OMAPL138B
Description  OMAPL138B C6-Integra DSPARM Processor
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAPL138B Datasheet(HTML) 1 Page - Texas Instruments

  OMAPL138B Datasheet HTML 1Page - Texas Instruments OMAPL138B Datasheet HTML 2Page - Texas Instruments OMAPL138B Datasheet HTML 3Page - Texas Instruments OMAPL138B Datasheet HTML 4Page - Texas Instruments OMAPL138B Datasheet HTML 5Page - Texas Instruments OMAPL138B Datasheet HTML 6Page - Texas Instruments OMAPL138B Datasheet HTML 7Page - Texas Instruments OMAPL138B Datasheet HTML 8Page - Texas Instruments OMAPL138B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 282 page
background image
OMAPL138B-EP
www.ti.com
SPRS815B – DECEMBER 2011 – REVISED MARCH 2012
OMAPL138B C6-Integra™ DSP+ARM® Processor
Check for Samples: OMAPL138B-EP
1
OMAPL138B C6-Integra™ DSP+ARM® Processor
1.1
Features
1
• Highlights
• C674x Two Level Cache Memory Architecture
– Dual Core SoC
– 32K-Byte L1P Program RAM/Cache
345-MHz ARM926EJ-S™ RISC MPU
– 32K-Byte L1D Data RAM/Cache
345-MHz C674x Fixed/Floating-Point VLIW
– 256K-Byte L2 Unified Mapped RAM/Cache
DSP
– Flexible RAM/Cache Partition (L1 and L2)
– Supports TI’s Basic Secure Boot
• Enhanced Direct-Memory-Access Controller 3
– Enhanced Direct-Memory-Access Controller
(EDMA3):
(EDMA3)
– 2 Channel Controllers
– Serial ATA (SATA) Controller
– 3 Transfer Controllers
– DDR2/Mobile DDR Memory Controller
– 64 Independent DMA Channels
– Two Multimedia Card (MMC)/Secure Digital
– 16 Quick DMA Channels
(SD) Card Interface
– Programmable Transfer Burst Size
– LCD Controller
• TMS320C674x Floating-Point VLIW DSP Core
– Video Port Interface (VPIF)
– Load-Store Architecture With Non-Aligned
– 10/100 Mb/s Ethernet MAC (EMAC)
Support
– Programmable Real-Time Unit Subsystem
– 64 General-Purpose Registers (32 Bit)
– Three Configurable UART Modules
– Six ALU (32-/40-Bit) Functional Units
– USB 1.1 OHCI (Host) With Integrated PHY
Supports 32-Bit Integer, SP (IEEE Single
– One Multichannel Audio Serial Port
Precision/32-Bit) and DP (IEEE Double
Precision/64-Bit) Floating Point
– Two Multichannel Buffered Serial Ports
Supports up to Four SP Additions Per
• Dual Core SoC
Clock, Four DP Additions Every 2 Clocks
– 345-MHz ARM926EJ-S™ RISC MPU
Supports up to Two Floating Point (SP or
– 345-MHz C674x Fixed/Floating-Point VLIW
DP) Reciprocal Approximation (RCPxP)
DSP
and Square-Root Reciprocal
• ARM926EJ-S Core
Approximation (RSQRxP) Operations Per
– 32-Bit and 16-Bit (Thumb®) Instructions
Cycle
– DSP Instruction Extensions
– Two Multiply Functional Units
– Single Cycle MAC
Mixed-Precision IEEE Floating Point
– ARM® Jazelle® Technology
Multiply Supported up to:
– EmbeddedICE-RT™ for Real-Time Debug
2 SP x SP
→ SP Per Clock
• ARM9 Memory Architecture
2 SP x SP
→ DP Every Two Clocks
– 16K-Byte Instruction Cache
2 SP x DP
→ DP Every Three Clocks
– 16K-Byte Data Cache
2 DP x DP
→ DP Every Four Clocks
– 8K-Byte RAM (Vector Table)
Fixed Point Multiply Supports Two 32 x
– 64K-Byte ROM
32-Bit Multiplies, Four 16 x 16-Bit
Multiplies, or Eight 8 x 8-Bit Multiplies per
• C674x™ Instruction Set Features
Clock Cycle, and Complex Multiples
– Superset of the C67x+™ and C64x+™ ISAs
– Instruction Packing Reduces Code Size
– Up to 3648/2746 C674x MIPS/MFLOPS
– All Instructions Conditional
– Byte-Addressable (8-/16-/32-/64-Bit Data)
– Hardware Support for Modulo Loop
– 8-Bit Overflow Protection
Operation
– Bit-Field Extract, Set, Clear
– Protected Mode Operation
– Normalization, Saturation, Bit-Counting
– Exceptions Support for Error Detection and
– Compact 16-Bit Instructions
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2011–2012, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - OMAPL138B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAPL138B-EP TI1-OMAPL138B-EP Datasheet
1Mb / 284P
[Old version datasheet]   OMAPL138B C6-Integra DSP ARM Processor
OMAPL138B-EP TI-OMAPL138B-EP Datasheet
1Mb / 284P
[Old version datasheet]   OMAPL138B C6-Integra DSPARM Processor
OMAPL138B-EP TI-OMAPL138B-EP_15 Datasheet
1Mb / 284P
[Old version datasheet]   OMAPL138B C6-Integra DSPARM Processor
OMAPL138B-EP TI1-OMAPL138B-EP_16 Datasheet
1Mb / 284P
[Old version datasheet]   OMAPL138B C6-Integra DSP ARM Processor
OMAPL138BGWTMEP TI1-OMAPL138BGWTMEP Datasheet
1Mb / 284P
[Old version datasheet]   OMAPL138B C6-Integra DSP ARM Processor
More results

Similar Description - OMAPL138B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAPL138B-EP TI-OMAPL138B-EP_15 Datasheet
1Mb / 284P
[Old version datasheet]   OMAPL138B C6-Integra DSPARM Processor
OMAPL138B-EP TI1-OMAPL138B-EP_16 Datasheet
1Mb / 284P
[Old version datasheet]   OMAPL138B C6-Integra DSP ARM Processor
OMAP-L132 TI1-OMAP-L132 Datasheet
1Mb / 227P
[Old version datasheet]   OMAP-L132 C6-Integra DSPARM Processor
OMAP-L138 TI1-OMAP-L138_11 Datasheet
1Mb / 287P
[Old version datasheet]   OMAP-L138 C6-Integra DSPARM Processor
MAY2011
TMS320C6A8167 TI-TMS320C6A8167 Datasheet
1Mb / 280P
[Old version datasheet]   TMS320C6A816x Integra DSPARM Processors
OMAP-L132 TI1-OMAP-L132_14 Datasheet
1Mb / 232P
[Old version datasheet]   DSP ARM Processor
OMAP-L138 TI1-OMAP-L138_16 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000 DSP ARM Processor
logo
List of Unclassifed Man...
SAM5504B ETC1-SAM5504B Datasheet
947Kb / 51P
   AUDIO & MUSIC MULTI-DSP PROCESSOR
SAM5716B ETC1-SAM5716B Datasheet
1Mb / 89P
   AUDIO & MUSIC MULTI-DSP PROCESSOR
SAM5704B ETC1-SAM5704B Datasheet
1Mb / 89P
   AUDIO & MUSIC MULTI-DSP PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com