Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA450TPWRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PGA450TPWRQ1
Description  ULTRASONIC-SENSOR SIGNAL CONDITIONER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA450TPWRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PGA450TPWRQ1 Datasheet HTML 2Page - Texas Instruments PGA450TPWRQ1 Datasheet HTML 3Page - Texas Instruments PGA450TPWRQ1 Datasheet HTML 4Page - Texas Instruments PGA450TPWRQ1 Datasheet HTML 5Page - Texas Instruments PGA450TPWRQ1 Datasheet HTML 6Page - Texas Instruments PGA450TPWRQ1 Datasheet HTML 7Page - Texas Instruments PGA450TPWRQ1 Datasheet HTML 8Page - Texas Instruments PGA450TPWRQ1 Datasheet HTML 9Page - Texas Instruments PGA450TPWRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
PGA450-Q1
SLDS185A – APRIL 2012 – REVISED APRIL 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VPWR voltage for POR to
VPWRPOR
POR is deasserted
3
4.2
V
occur
VAVDD
AVDD pin voltage
IAVDD = 5 mA
4.75
5
5.25
V
IAVDD
AVDD pin load current
5
mA
VDVDD
DVDD pin voltage
1.8
V
VREF
VREF pin voltage
3
V
Power-up time – AVDD and
VPWR = 7 V to 18 V, VREG is not in
tPU
10
ms
DVDD reach regulation levels.
regulation
VREG
VPWR = 7V
VREG_SEL = 0_XXX for 4.7
±100
V–5.4 V
Transducer primary voltage
IREG =
VREGTOL
mV
tolerance
100 µA
VPWR = 10V
VREG_SEL = 1_XXX for 7.7
±150
V–8.4 V
Transducer voltage droop while
VREGCHARGE
IREG = 100 mA, below VREG_SEL setting
500
charging
mV
VREGREADY
VREG_READY threshold
Below VREG_SEL setting
250
VPWR > VREG_SEL + 2.5 V
90
100
110
mA
IVREG
VREG output current
VPWR > VREG_SEL + 2 V
100
µA
VREG short-to-ground
VREGI_S2G
VPWR = 16 V, TA = 105 °C, no burst
110
mA
protection current
CLOCK
FOSC
Internal oscillator frequency
25°C
15.8
16
16.2
MHz
FDUTY
Internal oscillator duty cycle
50
%
Before LIN sync
–4
4
%
Internal oscillator frequency
accuracy
LIN baud rate = 19.2 kBPS, after LIN sync
–0.5
0.5
%
LOW-SIDE DRIVE MOSFETs
rds(on)
FET ON resistance
Iload = 500 mA, TA = 105 °C
1.2
Ω
IPULSE
Drain pulse current
50 kHz
1.5
A
Drive clamping voltage
Vgs = 0 V, Idd = 10 mA
40
V
Leakage current
5
µA
LOW NOISE AMPLIFIER
LNA_GAIN setting = 0b00
1680
1750
1820
LNA_GAIN setting = 0b01
892
930
968
AV
Gain
V/V
LNA_GAIN Setting = 0b10
496
517
538
LNA_GAIN Setting = 0b11
99
104
109
RIN
Input impedance
40 kHz
100
k
Ω
Clamp voltage
–1.5
1.5
V
ILIM
Input current limit
200
mA
Noise (input-referred of the
IN pin = GND, TA = 105 °C, center
0.7
µVrms
signal chain)
frequency = 40 kHz, Bandwidth = 10 kHz
Input-referred PSRR
VPWR = 7 V, LNA gain setting = 0b00
93
dB
12-bit A/D CONVERTER
VADCREF
Input voltage range
0
3
V
Conversion time
1
µs
DNL
20% to 80% input range
2.5
LSB
INL
20% to 80% input range, best-fit curve
4
LSB
Gain
Best-fit curve
1373
1378
1383
LSB/V
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): PGA450-Q1


Similar Part No. - PGA450TPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA450-Q1 TI1-PGA450-Q1 Datasheet
1Mb / 61P
[Old version datasheet]   ULTRASONIC-SENSOR SIGNAL CONDITIONER
PGA450-Q1 TI1-PGA450-Q1_14 Datasheet
1Mb / 61P
[Old version datasheet]   ULTRASONIC-SENSOR SIGNAL CONDITIONER
More results

Similar Description - PGA450TPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA450-Q1 TI1-PGA450-Q1_14 Datasheet
1Mb / 61P
[Old version datasheet]   ULTRASONIC-SENSOR SIGNAL CONDITIONER
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSSC5101 RENESAS-ZSSC5101 Datasheet
804Kb / 29P
   xMR Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3123 IDT-ZSSC3123 Datasheet
688Kb / 63P
   Capacitive Sensor Signal Conditioner
logo
Texas Instruments
PGA301-Q1 TI1-PGA301-Q1 Datasheet
63Kb / 3P
[Old version datasheet]   Pressure Sensor Signal Conditioner
PGA400-Q1 TI1-PGA400-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   PRESSURE SENSOR SIGNAL CONDITIONER
logo
Integrated Device Techn...
ZSSC416X IDT-ZSSC416X Datasheet
201Kb / 4P
   Sensor Signal Conditioner Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com