Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA377AIDBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA377AIDBVT
Description  5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA377AIDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA377AIDBVT Datasheet HTML 5Page - Texas Instruments OPA377AIDBVT Datasheet HTML 6Page - Texas Instruments OPA377AIDBVT Datasheet HTML 7Page - Texas Instruments OPA377AIDBVT Datasheet HTML 8Page - Texas Instruments OPA377AIDBVT Datasheet HTML 9Page - Texas Instruments OPA377AIDBVT Datasheet HTML 10Page - Texas Instruments OPA377AIDBVT Datasheet HTML 11Page - Texas Instruments OPA377AIDBVT Datasheet HTML 12Page - Texas Instruments OPA377AIDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
C
1
100nF
R
2
10kW
R
1
1kW
+5V
V
OUT
V
IN
V
=2.5V
CM
OPA377
-0.5
3
2
1
0
-1
-2
-3
InputCommon-ModeVoltage(V)
6.0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
+V
-V
OPA377
OPA2377
OPA4377
www.ti.com
SBOS504B
– FEBRUARY 2010 – REVISED JANUARY 2011
APPLICATION INFORMATION
OPERATING CHARACTERISTICS
The OPA377 family of amplifiers has parameters that
are fully specified from 2.2V to 5.5V (
±1.1V to
±2.75V). Many of the specifications apply from –40°C
to +125
°C. Parameters that can exhibit significant
variance
with
regard
to
operating
voltage
or
temperature
are
presented
in
the
Typical
Characteristics.
GENERAL LAYOUT GUIDELINES
For best operational performance of the device, good
printed circuit board (PCB) layout practices are
required. Low-loss, 0.1mF bypass capacitors must be
connected between each supply pin and ground,
placed as close to the device as possible. A single
bypass capacitor from V+ to ground is applicable to
single-supply applications.
BASIC AMPLIFIER CONFIGURATIONS
Figure 21. Basic Single-Supply Connection
The OPA377 family is unity-gain stable. It does not
exhibit output phase inversion when the input is
overdriven. A typical single-supply connection is
COMMON-MODE VOLTAGE RANGE
shown in Figure 21. The OPA377 is configured as a
The input common-mode voltage range of the
basic inverting amplifier with a gain of
–10V/V. This
OPA377 series extends 100mV beyond the supply
single-supply connection has an output centered on
rails. The offset voltage of the amplifier is low, from
the common-mode voltage, VCM. For the circuit
approximately (V
–) to (V+) – 1V, as shown in
shown, this voltage is 2.5V, but may be any value
Figure
22.
The
offset
voltage
increases
as
within the common-mode input voltage range.
common-mode
voltage
exceeds
(V+)
–1V.
Common-mode rejection is specified from (V
–) to
(V+)
– 1.3V.
Figure 22. Offset and Common-Mode Voltage
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA377 OPA2377 OPA4377


Similar Part No. - OPA377AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA377AIDBVT TI1-OPA377AIDBVT Datasheet
1Mb / 27P
[Old version datasheet]   5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
More results

Similar Description - OPA377AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA377 TI1-OPA377_15 Datasheet
1Mb / 27P
[Old version datasheet]   5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
OPA4377 TI-OPA4377 Datasheet
1Mb / 27P
[Old version datasheet]   5MHz, Low-Noise,Single, Dual, Quad CMOS Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Texas Instruments
LMV771 TI-LMV771_15 Datasheet
1Mb / 34P
[Old version datasheet]   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com