Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2333HD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2333HD
Description  1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2333HD Datasheet(HTML) 5 Page - Texas Instruments

  OPA2333HD Datasheet HTML 1Page - Texas Instruments OPA2333HD Datasheet HTML 2Page - Texas Instruments OPA2333HD Datasheet HTML 3Page - Texas Instruments OPA2333HD Datasheet HTML 4Page - Texas Instruments OPA2333HD Datasheet HTML 5Page - Texas Instruments OPA2333HD Datasheet HTML 6Page - Texas Instruments OPA2333HD Datasheet HTML 7Page - Texas Instruments OPA2333HD Datasheet HTML 8Page - Texas Instruments OPA2333HD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
OPA2333-HT
www.ti.com
SBOS483F – JULY 2009 – REVISED AUGUST 2012
Electrical Characteristics: VS = 1.8 V to 5.5 V
Boldface limits apply over the specified temperature range, TA = –55°C to 210°C. At TA = 25°C, RL = 10 kΩ connected to
VS/2, VCM = VS/2, and VOUT = VS/2 (unless otherwise noted).
TA = –55°C to 125°C
TA = 175°C
(1)
TA = 210°C
(2)
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
OFFSET
VOLTAGE
Input offset
VOS
VS = 5 V
2
10
μV
voltage
over
22
26
26
μV
temperature
vs
dVOS/dT
0.02
0.05
0.05
μV/°C
temperature
vs power
PSRR
VS = 1.8 V to 5.5 V
1
6
1.2
8
1.7
11
μV/V
supply
Long-term
See (3)
stability(3)
Channel
0.1
μV/V
separation, dc
INPUT BIAS
CURRENT
Input bias current
IB
±70
±200
pA
over
±150
±1250
±5300
pA
Temperature
Input offset
±1060
IOS
±140
±400
±700
pA
current
0
NOISE
Input voltage
noise,
0.3
1.0
1.0
μVPP
f = 0.01 Hz to
1 Hz
Input voltage
noise,
1.1
1.5
1.5
μVPP
f = 0.1 Hz to
10 Hz
Input current
in
100
fA/
√Hz
noise, f = 10 Hz
INPUT
VOLTAGE
RANGE
Common mode
(V–) –
(V+) (V–) –
(V–) + (V–) –
(V–) +
VCM
V
voltage range
0.1
+ 0.1
0.25
0.25
0.25
0.25
Common-Mode
CMRR
(V–) – 0.1 V < VCM < (V+) + 0.1 V
102
130
101
91
dB
Rejection Ratio
INPUT
CAPACITANCE
Differential
2
4.25
4.25
pF
Common mode
4
12.25
12.25
pF
OPEN-LOOP
GAIN
Open-loop
(V–) + 100 mV < VO < (V+) – 100 mV,
AOL
104
130
93
110
85
93
dB
voltage gain
RL = 10 kΩ
FREQUENCY
RESPONSE
Gain-bandwidth
GBW
CL = 100 pF
350
350
350
kHz
product
Slew rate
SR
G = 1
0.16
0.25
0.25
V/
μs
(1)
Minimum and maximum parameters are characterized for operation at TA = 175°C, but may not be production tested at that
temperature. Production test limits with statistical guardbands are used to ensure high temperature performance.
(2)
Minimum and maximum parameters are characterized for operation at TA = 210°C, but may not be production tested at that
temperature. Production test limits with statistical guardbands are used to ensure high temperature performance.
(3)
300-hour life test at 150°C demonstrated randomly distributed variation of approximately 1
μV.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPA2333-HT


Similar Part No. - OPA2333HD

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2333 BURR-BROWN-OPA2333 Datasheet
474Kb / 18P
   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
logo
Texas Instruments
OPA2333 TI1-OPA2333 Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2333 TI1-OPA2333 Datasheet
1Mb / 26P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
OPA2333 TI1-OPA2333 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA2333-HT TI-OPA2333-HT_15 Datasheet
452Kb / 24P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
More results

Similar Description - OPA2333HD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2333P TI1-OPA2333P Datasheet
1Mb / 26P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifier, Zero-Drift
OPA2333-Q1 TI1-OPA2333-Q1 Datasheet
409Kb / 16P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-Q1 TI-OPA2333-Q1_15 Datasheet
984Kb / 20P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333-Q1 TI1-OPA333-Q1 Datasheet
493Kb / 18P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333-Q1 TI-OPA333-Q1_15 Datasheet
430Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-HT TI-OPA2333-HT_15 Datasheet
452Kb / 24P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333A-EP TI-OPA333A-EP Datasheet
610Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI1-OPA333_17 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333 TI-OPA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333A-EP TI-OPA333A-EP_09 Datasheet
575Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com