Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2320AIDR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2320AIDR
Description  Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2320AIDR Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2320AIDR Datasheet HTML 4Page - Texas Instruments OPA2320AIDR Datasheet HTML 5Page - Texas Instruments OPA2320AIDR Datasheet HTML 6Page - Texas Instruments OPA2320AIDR Datasheet HTML 7Page - Texas Instruments OPA2320AIDR Datasheet HTML 8Page - Texas Instruments OPA2320AIDR Datasheet HTML 9Page - Texas Instruments OPA2320AIDR Datasheet HTML 10Page - Texas Instruments OPA2320AIDR Datasheet HTML 11Page - Texas Instruments OPA2320AIDR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
1
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1
-
-
-
-
-
0.9
2.9
SupplyVoltage( V)
±
1.1
1.3
1.5
1.7
2.5
I
B-
I
B+
2.3
2.1
1.9
2.7
6
5
4
3
2
1
0
1
2
3
4
5
6
-
-
-
-
-
-
-3
3
Common-ModeVoltage(V)
-2.5
-2
-1.5
-1
1
0.5
0
-0.5
1.5
I
B+
I
B-
I
OS
2
2.5
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
100
-
-50
150
Temperature( C)
°
-25
25
50
0
75
100
125
I
OS
I
B+
I
B-
I
OS
I
B
40
35
30
25
20
15
10
5
0
InputBiasCurrent(pA)
140
120
100
80
60
40
20
0
100
10M
Frequency(Hz)
1k
10k
100k
1M
CMRR
PSRR
130
125
120
115
110
105
100
95
90
-50
150
Temperature( C)
°
-25
0
25
125
PSRR
CMRR
100
75
50
V =1.8Vto5.5V
S
OPA320, OPA2320
OPA320S, OPA2320S
SBOS513D
– AUGUST 2010 – REVISED NOVEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VCM = VOUT = mid-supply, and RL = 10kΩ, unless otherwise noted.
INPUT BIAS CURRENT vs SUPPLY VOLTAGE
INPUT BIAS CURRENT vs COMMON-MODE VOLTAGE
Figure 7.
Figure 8.
INPUT BIAS CURRENT DISTRIBUTION
INPUT BIAS CURRENT vs TEMPERATURE
Figure 9.
Figure 10.
CMRR AND PSRR vs FREQUENCY
CMRR AND PSRR vs TEMPERATURE
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): OPA320 OPA2320 OPA320S OPA2320S


Similar Part No. - OPA2320AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2320AIDR TI1-OPA2320AIDR Datasheet
1Mb / 31P
[Old version datasheet]   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
logo
National Semiconductor ...
OPA2320AIDR NSC-OPA2320AIDR Datasheet
1Mb / 37P
   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA2320AIDRGR TI1-OPA2320AIDRGR Datasheet
1Mb / 31P
[Old version datasheet]   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
logo
National Semiconductor ...
OPA2320AIDRGR NSC-OPA2320AIDRGR Datasheet
1Mb / 37P
   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA2320AIDRGT TI1-OPA2320AIDRGT Datasheet
1Mb / 31P
[Old version datasheet]   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
More results

Similar Description - OPA2320AIDR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA320 NSC-OPA320 Datasheet
1Mb / 37P
   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA320 TI1-OPA320 Datasheet
1Mb / 31P
[Old version datasheet]   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA2328 TI-OPA2328 Datasheet
1Mb / 23P
[Old version datasheet]   OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
FEBRUARY 2022
OPA2328 TI-OPA2328_V01 Datasheet
1Mb / 27P
[Old version datasheet]   OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
REVISED JUNE 2022
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA328 TI-OPA328 Datasheet
1Mb / 31P
[Old version datasheet]   OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED NOVEMBER 2022
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
OPA328 TI-OPA328_V01 Datasheet
1Mb / 32P
[Old version datasheet]   OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED MAY 2023
logo
Burr-Brown (TI)
OPA727 BURR-BROWN-OPA727 Datasheet
537Kb / 20P
   20MHz, High Precision CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com