Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2180IDGKR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2180IDGKR
Description  0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2180IDGKR Datasheet(HTML) 1 Page - Texas Instruments

  OPA2180IDGKR Datasheet HTML 1Page - Texas Instruments OPA2180IDGKR Datasheet HTML 2Page - Texas Instruments OPA2180IDGKR Datasheet HTML 3Page - Texas Instruments OPA2180IDGKR Datasheet HTML 4Page - Texas Instruments OPA2180IDGKR Datasheet HTML 5Page - Texas Instruments OPA2180IDGKR Datasheet HTML 6Page - Texas Instruments OPA2180IDGKR Datasheet HTML 7Page - Texas Instruments OPA2180IDGKR Datasheet HTML 8Page - Texas Instruments OPA2180IDGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Time (1 s/div)
Peak-to-Peak Noise = 250 nV
OPA2180
OPA4180
www.ti.com
SBOS584B
– NOVEMBER 2011 – REVISED DECEMBER 2011
0.1-
μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift
OPERATIONAL AMPLIFIERS
Check for Samples: OPA2180, OPA4180
1
FEATURES
APPLICATIONS
2
Low Offset Voltage: 75
μV (max)
Bridge Amplifiers
Zero-Drift: 0.1
μV/°C
Strain Gauges
Low Noise: 10 nV/
√Hz
Test Equipment
Very Low 1/f Noise
Transducer Applications
Excellent DC Precision:
Temperature Measurement
– PSRR: 126 dB
Electronic Scales
– CMRR: 114 dB
Medical Instrumentation
– Open-Loop Gain (AOL): 120 dB
Resister Thermal Detectors
Quiescent Current: 525
μA (max)
Precision Active Filters
Wide Supply Range:
±2 V to ±18 V
DESCRIPTION
Rail-to-Rail Output:
The OPA2180 and OPA4180 operational amplifiers
Input Includes Negative Rail
use zero-drift techniques to simultaneously provide
Low Bias Current: 250 pA (typ)
low offset voltage (75
μV), and near zero-drift over
RFI Filtered Inputs
time
and
temperature.
These
miniature,
high-precision, low quiescent current amplifiers offer
MicroSIZE Packages
high input impedance and rail-to-rail output swing
within 18 mV of the rails. The input common-mode
range includes the negative rail. Either single or dual
supplies can be used in the range of +4.0 V to +36 V
(
±2 V to ±18 V).
The dual version is offered in MSOP-8 and SO-8
packages. The quad is offered in SO-14 and
TSSOP-14 packages. All versions are specified for
operation from
–40°C to +105°C.
Zero-Drift Amplifier Portfolio
OFFSET VOLTAGE
OFFSET VOLTAGE DRIFT
BANDWIDTH
VERSION
PRODUCT
(
µV)
(
µV/°C)
(MHz)
Single
(1)
OPA188 (4 V to 36 V)
25
0.085
2
OPA333 (5 V)
10
0.05
0.35
Single
OPA378 (5 V)
50
0.25
0.9
OPA735 (12 V)
5
0.05
1.6
OPA2188 (4 V to 36 V)
25
0.085
2
OPA2180 (4 V to 36 V)
75
0.35
2
Dual
OPA2333 (5 V)
10
0.05
0.35
OPA2378 (5 V)
50
0.25
0.9
OPA2735 (12 V)
5
0.05
1.6
OPA4188 (4 V to 36 V)
25
0.085
2
Quad
(1)
OPA4180 (4 V to 36 V)
75
0.35
2
Quad
OPA4330 (5 V)
50
0.25
0.35
(1)
Shaded rows denote future product releases.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright
© 2011, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA2180IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2180IDGKR TI-OPA2180IDGKR Datasheet
1Mb / 27P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2180IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2180 TI-OPA2180_13 Datasheet
1Mb / 27P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180 Datasheet
1Mb / 38P
[Old version datasheet]   OPAx180 0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
[Old version datasheet]    Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI-OPA187_19 Datasheet
2Mb / 45P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1810 TI1-OPA187_1810 Datasheet
2Mb / 44P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1812 TI1-OPA187_1812 Datasheet
2Mb / 43P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI1-OPA187_V02 Datasheet
2Mb / 49P
[Old version datasheet]   OPAx187 0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com