Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA564AIDWP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA564AIDWP
Description  1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA564AIDWP Datasheet(HTML) 1 Page - Texas Instruments

  OPA564AIDWP Datasheet HTML 1Page - Texas Instruments OPA564AIDWP Datasheet HTML 2Page - Texas Instruments OPA564AIDWP Datasheet HTML 3Page - Texas Instruments OPA564AIDWP Datasheet HTML 4Page - Texas Instruments OPA564AIDWP Datasheet HTML 5Page - Texas Instruments OPA564AIDWP Datasheet HTML 6Page - Texas Instruments OPA564AIDWP Datasheet HTML 7Page - Texas Instruments OPA564AIDWP Datasheet HTML 8Page - Texas Instruments OPA564AIDWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
OPA564
www.ti.com
SBOS372E
– OCTOBER 2008 – REVISED JANUARY 2011
1.5A, 24V, 17MHz
POWER OPERATIONAL AMPLIFIER
Check for Samples: OPA564
1
FEATURES
DESCRIPTION
23
HIGH OUTPUT CURRENT: 1.5A
WIDE POWER-SUPPLY RANGE:
The OPA564 is a low-cost, high-current operational
amplifier that is ideal for driving up to 1.5A into
– Single Supply: +7V to +24V
reactive loads. The high slew rate provides 1.3MHz
– Dual Supply: ±3.5V to ±12V
full-power bandwidth and excellent linearity. These
LARGE OUTPUT SWING: 20VPP at 1.5A
monolithic integrated circuits provide high reliability in
demanding powerline communications and motor
FULLY PROTECTED:
control applications.
– THERMAL SHUTDOWN
The OPA564 operates from a single supply of 7V to
– ADJUSTABLE CURRENT LIMIT
24V, or dual power supplies of
±3.5V to ±12V. In
DIAGNOSTIC FLAGS:
single-supply operation, the input common-mode
– OVER-CURRENT
range extends to the negative supply. At maximum
output current, a wide output swing provides a 20VPP
– THERMAL SHUTDOWN
(IOUT = 1.5A) capability with a nominal 24V supply.
OUTPUT ENABLE/SHUTDOWN CONTROL
The
OPA564
is
internally
protected
against
HIGH SPEED:
over-temperature conditions and current overloads. It
– GAIN-BANDWIDTH PRODUCT: 17MHz
is designed to provide an accurate, user-selected
– FULL-POWER BANDWIDTH AT 10VPP:
current limit. Two flag outputs are provided; one
1.3MHz
indicates current limit and the second shows a
thermal over-temperature condition. It also has an
– SLEW RATE: 40V/ms
Enable/Shutdown pin that can be forced low to shut
DIODE FOR JUNCTION TEMPERATURE
down the output, effectively disconnecting the load.
MONITORING
The OPA564 is housed in a thermally-enhanced,
HSOP-20 PowerPAD
™ PACKAGE
surface-mount PowerPAD
™ package (HSOP-20) with
(Bottom- and Top-Side Thermal Pad Versions)
the choice of the thermal pad on either the top side or
the bottom side of the package. Operation for both
APPLICATIONS
versions is specified over the industrial temperature
POWERLINE COMMUNICATIONS
range,
–40°C to +85°C.
VALVE, ACTUATOR DRIVER
OPA564 RELATED PRODUCTS
VCOM DRIVER
FEATURES
DEVICE
MOTOR DRIVER
Zer
ø-Drift PGA with 2-Channel Input
PGA112
AUDIO POWER AMPLIFIER
Mux and SPI
POWER-SUPPLY OUTPUT AMPLIFIER
Zer
ø-Drift Operational Amplifier,
OPA365
50MHz, RRI/O, Single-Supply
TEST EQUIPMENT AMPLIFIER
Quad Operational Amplifier, JFET
TRANSDUCER EXCITATION
TL074
Input , Low Noise
LASER DIODE DRIVER
Power Operational Amplifier, 1.2A,
OPA561
GENERAL-PURPOSE LINEAR POWER
15V, 17MHz, 50V/ms
BOOSTER
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
© 2008–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA564AIDWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA564AQDWPRQ1 TI1-OPA564AQDWPRQ1 Datasheet
1,002Kb / 34P
[Old version datasheet]   1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
More results

Similar Description - OPA564AIDWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA564-Q1 TI1-OPA564-Q1 Datasheet
1,002Kb / 34P
[Old version datasheet]   1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
OPA564 TI-OPA564_15 Datasheet
1Mb / 37P
[Old version datasheet]   1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
logo
Weidmuller
2660200279 WEIDMULLER-2660200279 Datasheet
149Kb / 3P
   PRO PM 35W 24V 1.5A
logo
TiMOTION Technology Co....
TBB8 TIMOTION-TBB8 Datasheet
321Kb / 3P
   Discharging voltage 24V DC, 1.5A
20180600-D
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com