Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA564AQDWPRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA564AQDWPRQ1
Description  1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA564AQDWPRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  OPA564AQDWPRQ1 Datasheet HTML 1Page - Texas Instruments OPA564AQDWPRQ1 Datasheet HTML 2Page - Texas Instruments OPA564AQDWPRQ1 Datasheet HTML 3Page - Texas Instruments OPA564AQDWPRQ1 Datasheet HTML 4Page - Texas Instruments OPA564AQDWPRQ1 Datasheet HTML 5Page - Texas Instruments OPA564AQDWPRQ1 Datasheet HTML 6Page - Texas Instruments OPA564AQDWPRQ1 Datasheet HTML 7Page - Texas Instruments OPA564AQDWPRQ1 Datasheet HTML 8Page - Texas Instruments OPA564AQDWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
OPA564-Q1
www.ti.com
SBOS567
– JUNE 2011
ELECTRICAL CHARACTERISTICS (continued)
At TCASE = +25°C, VS = ±12V, RLOAD = 20kΩ to GND, RSET = 7.5kΩ, and E/S pin enabled, unless otherwise noted.
OPA564-Q1
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY(11)
Specified Voltage Range
VS
±12
V
Operating Voltage Range
7
24
V
Quiescent Current(12)
IQ
IOUT = 0
39
50
mA
Over Temperature
TA = –40°C to 125°C
50
mA
Quiescent Current in Shutdown Mode
IQSD
5
mA
Specified Voltage for Digital
VDIG
(V
–) + 3.0
(V
–) + 5.5
V
Digital Quiescent Current
IDIG
VDIG = 5V
43
100
μA
TEMPERATURE RANGE
Operating Range
–40
+125(13)
°C
Thermal Resistance
HSOP-20 DWP PowerPAD (Pad Down)
θJA
High K Board
33
°C/W
θJC
50
°C/W
θJP
1.83
°C/W
θJB
22
°C/W
HSOP-20 DWD PowerPAD (Pad Up)(14)
θJA
High K Board
45.5
°C/W
θJC
6.3
°C/W
θJB
22
°C/W
(11) Power-supply sequencing requirements must be observed. See Power Supplies section for more information.
(12) Quiescent current increases when the current limit is increased (see Typical Characteristics).
(13) The OPA564-Q1 typically goes into thermal shutdown at a junction temperature above +140
°C.
(14) Thermal modeling of the DWD-20 package was done based on a 1-inch AAVID Thermalloy heatsink (Thermalloy part no. 65810).
Copyright
© 2011, Texas Instruments Incorporated
5


Similar Part No. - OPA564AQDWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA564AIDWD TI1-OPA564AIDWD Datasheet
1Mb / 35P
[Old version datasheet]   1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
OPA564AIDWDR TI1-OPA564AIDWDR Datasheet
1Mb / 35P
[Old version datasheet]   1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
OPA564AIDWP TI1-OPA564AIDWP Datasheet
1Mb / 35P
[Old version datasheet]   1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
OPA564AIDWPR TI1-OPA564AIDWPR Datasheet
1Mb / 35P
[Old version datasheet]   1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
More results

Similar Description - OPA564AQDWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA564 TI1-OPA564 Datasheet
1Mb / 35P
[Old version datasheet]   1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
OPA564 TI-OPA564_15 Datasheet
1Mb / 37P
[Old version datasheet]   1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
logo
Weidmuller
2660200279 WEIDMULLER-2660200279 Datasheet
149Kb / 3P
   PRO PM 35W 24V 1.5A
logo
TiMOTION Technology Co....
TBB8 TIMOTION-TBB8 Datasheet
321Kb / 3P
   Discharging voltage 24V DC, 1.5A
20180600-D
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com