Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA356-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA356-Q1
Description  200-MHz CMOS OPERATIONAL AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA356-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA356-Q1 Datasheet HTML 6Page - Texas Instruments OPA356-Q1 Datasheet HTML 7Page - Texas Instruments OPA356-Q1 Datasheet HTML 8Page - Texas Instruments OPA356-Q1 Datasheet HTML 9Page - Texas Instruments OPA356-Q1 Datasheet HTML 10Page - Texas Instruments OPA356-Q1 Datasheet HTML 11Page - Texas Instruments OPA356-Q1 Datasheet HTML 12Page - Texas Instruments OPA356-Q1 Datasheet HTML 13Page - Texas Instruments OPA356-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
APPLICATION INFORMATION
PCB Layout
Operating Voltage
Output Drive
OPA356-Q1
SBOS479 – MARCH 2009.................................................................................................................................................................................................. www.ti.com
The OPA356 is a CMOS high-speed voltage-feedback operational amplifier designed for video and other
general-purpose applications.
The amplifier features a 200-MHz gain bandwidth and 360-V/
µs slew rate, but it is unity-gain stable and can be
operated as a 1-V/V voltage follower.
Its input common-mode voltage range includes ground, allowing the OPA356 to be used in virtually any
single-supply application up to a supply voltage of 5.5 V.
Good high-frequency PC board layout techniques should be employed for the OPA356. Generous use of ground
planes, short direct signal traces, and a suitable bypass capacitor located at the V+ pin assure clean, stable
operation. Large areas of copper also provide a means of dissipating heat that is generated within the amplifier in
normal operation.
Sockets are definitely not recommended for use with any high-speed amplifier.
A 10-
µF ceramic bypass capacitor is the minimum recommended value; adding a 1-µF or larger tantalum
capacitor in parallel can be beneficial when driving a low-resistance load. Providing adequate bypass
capacitance is essential to achieving very low harmonic and intermodulation distortion.
The OPA356 is specified over a power-supply range of 2.7 V to 5.5 V (±1.35 V to ±2.75 V). However, the supply
voltage may range from 2.5 V to 5.5 V (±1.25 V to ±2.75 V). Supply voltages higher than 7.5 V (absolute
maximum) can permanently damage the amplifier.
Parameters that vary significantly over supply voltage or temperature are shown in the Typical Characteristics
section of this data sheet.
The OPA356 output stage is capable of driving a standard back-terminated 75-
Ω video cable. By
back-terminating a transmission line, it does not exhibit a capacitive load to its driver. A properly back-terminated
75-
Ω cable does not appear as capacitance; it presents only a 150-Ω resistive load to the OPA356 output.
The output stage can supply high short-circuit current (typically over 200 mA). Therefore, an on-chip thermal
shutdown circuit is provided to protect the OPA356 from dangerously high junction temperatures. At 160°C, the
protection circuit will shut down the amplifier. Normal operation will resume when the junction temperature cools
to below 140°C.
NOTE:
It is not recommended to run a continuous dc current in excess of ±60 mA. See the
"Output Voltage Swing vs Output Current" graph in the Typical Characteristics section
of this data sheet.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): OPA356-Q1


Similar Part No. - OPA356-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA356-Q1 TI-OPA356-Q1_15 Datasheet
900Kb / 18P
[Old version datasheet]   200-MHz CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - OPA356-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2356-EP TI1-OPA2356-EP Datasheet
1Mb / 29P
[Old version datasheet]   200-MHz, CMOS operational amplifier
OPA356-Q1 TI-OPA356-Q1_15 Datasheet
900Kb / 18P
[Old version datasheet]   200-MHz CMOS OPERATIONAL AMPLIFIER
OPA2356-EP_1904 TI1-OPA2356-EP_1904 Datasheet
1Mb / 29P
[Old version datasheet]   200-MHz, CMOS operational amplifier
OPA355-Q1 TI-OPA355-Q1 Datasheet
383Kb / 18P
[Old version datasheet]   200-MHz CMOS Operational Amplifier With Shutdown
logo
SG Micro Corp
SGM8926 SGMICRO-SGM8926 Datasheet
317Kb / 10P
   CMOS Operational Amplifier
SGM8067 SGMICRO-SGM8067_15 Datasheet
298Kb / 7P
   CMOS Operational Amplifier
logo
Texas Instruments
LMH6601 TI1-LMH6601_16 Datasheet
2Mb / 40P
[Old version datasheet]   CMOS Operational Amplifier
logo
ELM Electronics
ELM852-SERIES ELM-ELM852-SERIES Datasheet
934Kb / 9P
   CMOS operational amplifier
logo
ON Semiconductor
NCS20161 ONSEMI-NCS20161 Datasheet
321Kb / 22P
   8 MHz, Rail-To-Rail, CMOS Operational Amplifier
October, 2022 - Rev. 0
logo
Texas Instruments
OPA373 TI1-OPA373_16 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com