Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR12DCN Datasheet(PDF) 2 Page - Motorola, Inc

Part # MCR12DCN
Description  Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCR12DCN Datasheet(HTML) 2 Page - Motorola, Inc

  MCR12DCN Datasheet HTML 1Page - Motorola, Inc MCR12DCN Datasheet HTML 2Page - Motorola, Inc MCR12DCN Datasheet HTML 3Page - Motorola, Inc MCR12DCN Datasheet HTML 4Page - Motorola, Inc MCR12DCN Datasheet HTML 5Page - Motorola, Inc MCR12DCN Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MCR12DCM MCR12DCN
2
Motorola Thyristor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
Peak Forward Blocking Current
Peak Reverse Blocking Current
(VAK = Rated VDRM or VRRM, Gate Open)
TJ = 25°C
TJ = 125°C
IDRM
IRRM
0.01
5.0
mA
Peak On–State Voltage (1)
(ITM = 24 A)
VTM
1.4
2.1
Volts
Gate Trigger Current (Continuous dc)
(VD = 12 V, RL = 100 W, TJ = 25°C)
(VD = 12 V, RL = 100 W, TJ = –40°C)
IGT
2.0
7.0
20
40
mA
Gate Trigger Voltage (Continuous dc)
(VD = 12 V, RL = 100 W, TJ = 25°C)
(VD = 12 V, RL = 100 W, TJ = –40°C)
(VD = 12 V, RL = 100 W, TJ = 125°C)
VGT
0.5
0.2
0.65
1.0
2.0
Volts
Holding Current
(VD = 12 V, IT = 200 mA, TJ = 25°C)
(VD = 12 V, IT = 200 mA, TJ = –40°C)
IH
4.0
22
40
80
mA
Latching Current
(VD = 12 V, IG = 20 mA, TJ = 25°C)
(VD = 12 V, IG = 40 mA, TJ = –40°C)
IL
4.0
22
40
80
mA
DYNAMIC CHARACTERISTICS
Characteristics
Symbol
Min
Typ
Max
Unit
Critical Rate of Rise of Off–State Voltage
(VD = Rated VDRM, Exponential Waveform, Gate Open, TJ = 125°C)
dv/dt
50
200
V/
ms
(1) Pulse Test; Pulse Width
≤ 2.0 msec, Duty Cycle ≤ 2%.


Similar Part No. - MCR12DCN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR12DCN ONSEMI-MCR12DCN Datasheet
64Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
February, 2006 ??Rev. 5
MCR12DCNT4 ONSEMI-MCR12DCNT4 Datasheet
64Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
February, 2006 ??Rev. 5
MCR12DCNT4G ONSEMI-MCR12DCNT4G Datasheet
64Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
February, 2006 ??Rev. 5
More results

Similar Description - MCR12DCN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com