Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JL723SCA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # JL723SCA
Description  LM723JAN Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

JL723SCA Datasheet(HTML) 4 Page - Texas Instruments

  JL723SCA Datasheet HTML 1Page - Texas Instruments JL723SCA Datasheet HTML 2Page - Texas Instruments JL723SCA Datasheet HTML 3Page - Texas Instruments JL723SCA Datasheet HTML 4Page - Texas Instruments JL723SCA Datasheet HTML 5Page - Texas Instruments JL723SCA Datasheet HTML 6Page - Texas Instruments JL723SCA Datasheet HTML 7Page - Texas Instruments JL723SCA Datasheet HTML 8Page - Texas Instruments JL723SCA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Absolute Maximum Ratings (Note 1)
Pulse Voltage from V
+ to V(50 ms)
50V
Continuous Voltage from V
+ to V
40V
Input-Output Voltage Differential
40V
Differential Input Voltage
±5V
Voltage between non-inverting input and V
-
+8V
Current from V
Z
25 mA
Current from V
REF
15 mA
Internal Power Dissipation (T
A = 125˚C)
Metal Can (Note 2)
300 mW
Cavity DIP (Note 2)
400 mW
Maximum T
J
+175˚C
Storage Temperature Range
−65˚C
≤ T
A
≤ +150˚C
Lead Temperature
(Soldering, 4 sec. max.)
300˚C
Thermal Resistance
θ
JA
Cerdip (Still Air)
Cerdip (500LF/ Min Air flow)
Metal Can (Still Air)
Metal Can (500LF/ Min Air flow)
100˚C/W
61˚C/W
156˚C/W
89˚C/W
θ
JC
CERDIP
Metal Can
22˚C/W
37˚C/W
ESD Tolerance (Note 3)
1200V
Recommended Operating Conditions
Input Voltage Range
9.5V to 40V
DC
Output Voltage Range
2V to 37V
DC
Input-Output Voltage Differential
2.5 V to 38V
DC
Ambient Operating Temperature Range
−55˚C
≤ T
A
≤ +125˚C
Quality Conformance Inspection
MIL-STD-883, Method 5004 and Method 5005
Subgroup
Description
Temp ( ˚C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
www.national.com
3


Similar Part No. - JL723SCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
JL723SCA TI1-JL723SCA Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
More results

Similar Description - JL723SCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM723JAN-SP TI-LM723JAN-SP Datasheet
815Kb / 21P
[Old version datasheet]   LM723JAN Voltage Regulator
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com