Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL5001AQDRG4Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL5001AQDRG4Q1
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL5001AQDRG4Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TL5001AQDRG4Q1 Datasheet HTML 1Page - Texas Instruments TL5001AQDRG4Q1 Datasheet HTML 2Page - Texas Instruments TL5001AQDRG4Q1 Datasheet HTML 3Page - Texas Instruments TL5001AQDRG4Q1 Datasheet HTML 4Page - Texas Instruments TL5001AQDRG4Q1 Datasheet HTML 5Page - Texas Instruments TL5001AQDRG4Q1 Datasheet HTML 6Page - Texas Instruments TL5001AQDRG4Q1 Datasheet HTML 7Page - Texas Instruments TL5001AQDRG4Q1 Datasheet HTML 8Page - Texas Instruments TL5001AQDRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DETAILED DESCRIPTION
VOLTAGE REFERENCE
ERROR AMPLIFIER
To PWM
Comparator
Vref = 1 V
4
VI(FB)
3
+
R2
R1
COMP
FB
Compensation
Network
TL5001/A
GND
8
OSCILLATOR/PWM
DEAD-TIME CONTROL (DTC)
R
DT
+ (Rt ) 1250) [D(Vosc max * Vosc min) ) Vosc min]
V
RT
; V
RT
+ 1 V
(1)
TL5001A-Q1
www.ti.com .............................................................................................................................................. SLVS603B – AUGUST 2005 – REVISED FEBRUARY 2009
A 2.5-V regulator operating from VCC is used to power the internal circuitry of the TL5001A and as a reference for
the error amplifier and SCP circuits. A resistive divider provides a 1-V reference for the error amplifier
noninverting input which typically is within 2% of nominal over the operating temperature range.
The error amplifier compares a sample of the dc-to-dc converter output voltage to the 1-V reference and
generates an error signal for the PWM comparator. The dc-to-dc converter output voltage is set by selecting the
error-amplifier gain (see Figure 1), using the following expression:
VO = (1 + R1/R2) (1 V)
Figure 1. Error-Amplifier Gain Setting
The error-amplifier output is brought out as COMP for use in compensating the dc-to-dc converter control loop for
stability. Because the amplifier can only source 45
µA, the total dc-load resistance should be 100 kΩ or more.
The oscillator frequency (fosc) can be set between 20 kHz and 500 kHz by connecting a resistor between RT and
GND. Acceptable resistor values range from 15 k
Ω to 250 kΩ. The oscillator frequency can be determined by
using the graph shown in Figure 5.
The oscillator output is a triangular wave with a minimum value of approximately 0.7 V and a maximum value of
approximately 1.3 V. The PWM comparator compares the error-amplifier output voltage and the DTC input
voltage to the triangular wave and turns the output transistor off whenever the triangular wave is greater than the
lesser of the two inputs.
DTC provides a means of limiting the output-switch duty cycle to a value less than 100%, which is critical for
boost and flyback converters. A current source generates a reference current (IDT) at DTC that is nominally equal
to the current at the oscillator timing terminal (RT). Connecting a resistor between DTC and GND generates a
dead-time reference voltage (VDT), which the PWM/DTC comparator compares to the oscillator triangle wave as
described in the previous section. Nominally, the maximum duty cycle is 0% when VDT is 0.7 V or less and
100% when VDT is 1.3 V or greater. Because the triangle wave amplitude is a function of frequency and the
source impedance of RT is relatively high (1250
Ω), choosing RDT for a specific maximum duty cycle (D) is
accomplished using the following equation and the voltage limits for the frequency in question as found in
Figure 11 (Voscmax and Voscmin are the maximum and minimum oscillator levels):
Where
RDT and Rt are in Ω, D is in decimal
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TL5001A-Q1


Similar Part No. - TL5001AQDRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5001AQDRG4 TI-TL5001AQDRG4 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001AQDRG4 TI1-TL5001AQDRG4 Datasheet
1Mb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL5001AQDRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com