Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430FR5739IDAR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FR5739IDAR
Description  MIXED SIGNAL MICROCONTROLLER
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR5739IDAR Datasheet(HTML) 1 Page - Texas Instruments

  MSP430FR5739IDAR Datasheet HTML 1Page - Texas Instruments MSP430FR5739IDAR Datasheet HTML 2Page - Texas Instruments MSP430FR5739IDAR Datasheet HTML 3Page - Texas Instruments MSP430FR5739IDAR Datasheet HTML 4Page - Texas Instruments MSP430FR5739IDAR Datasheet HTML 5Page - Texas Instruments MSP430FR5739IDAR Datasheet HTML 6Page - Texas Instruments MSP430FR5739IDAR Datasheet HTML 7Page - Texas Instruments MSP430FR5739IDAR Datasheet HTML 8Page - Texas Instruments MSP430FR5739IDAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 109 page
background image
MSP430FR573x
MSP430FR572x
www.ti.com
SLAS639D – JULY 2011 – REVISED AUGUST 2012
MIXED SIGNAL MICROCONTROLLER
1
FEATURES
23
Embedded Microcontroller
eUSCI_A0 and eUSCI_A1 Support:
16-Bit RISC Architecture up to 24-MHz
UART With Automatic Baud-Rate
Clock
Detection
Wide Supply Voltage Range (2 V to 3.6 V)
IrDA Encode and Decode
-40°C to 85°C Operation
SPI at Rates up to 10 Mbps
Optimized Ultra-Low Power Modes
eUSCI_B0 Supports:
I2C With Multi-Slave Addressing
Consumption
Mode
SPI at Rates up to 10 Mbps
(Typical)
Hardware UART or I2C Bootstrap Loader
Active Mode
81.4 µA/MHz
(BSL)
Standby (LPM3 With VLO)
6.3 µA
Power Management System
Real-Time Clock (LPM3.5 With Crystal)
1.5 µA
Shutdown (LPM4.5)
0.32 µA
Fully Integrated LDO
Supply Voltage Supervisor for Core and
Ultra-Low Power Ferroelectric RAM
Supply Voltages With Reset Capability
Up to 16KB Nonvolatile Memory
Always-On Zero-Power Brownout Detection
Ultra-Low Power Writes
Serial On-Board Programming With No
Fast Write at 125 ns per Word (16KB in 1
External Voltage Needed
ms)
Flexible Clock System
Built in Error Coding and Correction (ECC)
Fixed-Frequency DCO With Six Selectable
and Memory Protection Unit (MPU)
Factory-Trimmed Frequencies (Device
Universal Memory = Program + Data +
Dependent)
Storage
Low-Power Low-Frequency Internal Clock
1015 Write Cycle Endurance
Source (VLO)
Radiation Resistant and Nonmagnetic
32-kHz Crystals (LFXT)
Intelligent Digital Peripherals
High-Frequency Crystals (HFXT)
32-Bit Hardware Multiplier (MPY)
Development Tools and Software
Three-Channel Internal DMA
Free Professional Development
Real-Time Clock With Calendar and Alarm
Environments (IAR, CCS, GCC)
Functions
Low-Cost Full-Featured Kit (MSP-
Five 16-Bit Timers With up to Three
EXP430FR5739)
Capture/Compare
Full Development Kit (MSP-FET430U40A)
16-Bit Cyclic Redundancy Checker (CRC)
Target Board (MSP-TS430RHA40A)
High-Performance Analog
Family Members
16-Channel Analog Comparator With
20 Different Variants and 5 Available
Voltage Reference and Programmable
Packages Summarized in Table 1 and
Hysteresis
Table 2
14-Channel 10-Bit Analog-to-Digital
For Complete Module Descriptions, See the
Converter (ADC) With Internal Reference
MSP430FR57xx Family User's Guide
and Sample-and-Hold
(SLAU272)
200 ksps at 100-µA Consumption
Enhanced Serial Communication
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MSP430 is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2011–2012, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MSP430FR5739IDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR5739IDAR TI1-MSP430FR5739IDAR Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5739IDAR TI1-MSP430FR5739IDAR Datasheet
1Mb / 103P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430FR5739IDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com