Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR011L5J Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FR011L5J
Description  Low-Side Reverse Bias Reverse Polarity Protector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FR011L5J Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FR011L5J Datasheet HTML 4Page - Fairchild Semiconductor FR011L5J Datasheet HTML 5Page - Fairchild Semiconductor FR011L5J Datasheet HTML 6Page - Fairchild Semiconductor FR011L5J Datasheet HTML 7Page - Fairchild Semiconductor FR011L5J Datasheet HTML 8Page - Fairchild Semiconductor FR011L5J Datasheet HTML 9Page - Fairchild Semiconductor FR011L5J Datasheet HTML 10Page - Fairchild Semiconductor FR011L5J Datasheet HTML 11Page - Fairchild Semiconductor FR011L5J Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FR011L5J • Rev. C2
11
Physical Dimensions
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
A. DOES NOT FULLY CONFORM TO JEDEC REGISTRATION
ASME Y14.5M, 1994
0.10
CA B
0.05
C
TOP VIEW
BOTTOM VIEW
RECOMMENDED LAND PATTERN OPT 1
0.10 C
0.08 C
B
A
C
2.00
2.00
0.05
0.00
0.10 C
2X
2X
0.8 MAX
SIDE VIEW
SEATING
PLANE
0.10 C
(0.20)
0.33
0.20
1
3
4
6
4
6
3
1
PIN #1 IDENT
0.65
1.30
1.35
1.05
0.40 TYP
0.65 TYP
0.35
0.25
2.30
1.00
MO-229 DATED AUG/2003
0.61
0.51
0.30
0.66
RECOMMENDED LAND PATTERN OPT 2
4
6
3
1
1.35
(0.475)
1.05
0.40 TYP
0.65 TYP
2.30
1.00
No Traces allowed in
this Area
Pin #1 location
1.05
0.95
D. DRAWING FILENAME: MKT-MLP06Lrev3.
0.50
0.15
0.50
0.20
0.45
(0.20)
1.00
0.80
6X
6X
Figure 20. 6-Lead, Molded Leadless Package (MLP), Dual, Non-JEDEC, 2mm Square, Single-Tied DAP
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.


Similar Part No. - FR011L5J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FR01 ETC-FR01 Datasheet
3Mb / 8P
   dip rotary switch
FR01-AC10HB ETC-FR01-AC10HB Datasheet
3Mb / 8P
   dip rotary switch
FR01-AC10PB ETC-FR01-AC10PB Datasheet
3Mb / 8P
   dip rotary switch
FR01-AC16HB ETC-FR01-AC16HB Datasheet
3Mb / 8P
   dip rotary switch
FR01-AC16PB ETC-FR01-AC16PB Datasheet
3Mb / 8P
   dip rotary switch
More results

Similar Description - FR011L5J

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FR015L3EZ FAIRCHILD-FR015L3EZ Datasheet
493Kb / 12P
   Low-Side Reverse Bias / Reverse Polarity Protector
FR014H5JZ FAIRCHILD-FR014H5JZ Datasheet
809Kb / 12P
   High-Side Reverse Bias / Reverse Polarity Protector With Integrated Over Voltage Transient Suppression
logo
Pasternack Enterprises,...
PE34750 PASTERNACK-PE34750 Datasheet
437Kb / 4P
   Reverse Polarity SMA Male to Reverse Polarity
PE34750-48 PASTERNACK-PE34750-48 Datasheet
434Kb / 4P
   Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750-24 PASTERNACK-PE34750-24 Datasheet
433Kb / 4P
   Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750-36 PASTERNACK-PE34750-36 Datasheet
434Kb / 4P
   Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750-12 PASTERNACK-PE34750-12 Datasheet
433Kb / 4P
   Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750LF PASTERNACK-PE34750LF Datasheet
438Kb / 4P
   Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750-18 PASTERNACK-PE34750-18 Datasheet
434Kb / 4P
   Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750-72 PASTERNACK-PE34750-72 Datasheet
433Kb / 4P
   Reverse Polarity SMA Male to Reverse Polarity SMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com