Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL1431MDREPG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL1431MDREPG4
Description  PRECISION PROGRAMMABLE REFERENCE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL1431MDREPG4 Datasheet(HTML) 3 Page - Texas Instruments

  TL1431MDREPG4 Datasheet HTML 1Page - Texas Instruments TL1431MDREPG4 Datasheet HTML 2Page - Texas Instruments TL1431MDREPG4 Datasheet HTML 3Page - Texas Instruments TL1431MDREPG4 Datasheet HTML 4Page - Texas Instruments TL1431MDREPG4 Datasheet HTML 5Page - Texas Instruments TL1431MDREPG4 Datasheet HTML 6Page - Texas Instruments TL1431MDREPG4 Datasheet HTML 7Page - Texas Instruments TL1431MDREPG4 Datasheet HTML 8Page - Texas Instruments TL1431MDREPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
TL1431-EP
PRECISION PROGRAMMABLE REFERENCE
SLVS529C – APRIL 2004 – REVISED DECEMBER 2006
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VKA
Cathode voltage(2)
37
V
IKA
Continuous cathode current range
–100
150
mA
II(ref)
Reference input current range
–50
µA
10 mA
θ
JA
Package thermal impedance (High K Board)(3)(4)
97
°C/W
(High)
θ
JA (Low)
Package thermal impedance (Low K Board)(3)(4)
165
°C/W
TJ
Operating virtual junction temperature(5)
150
°C
See Dissipation
Continuous total power dissipation
Rating Table
Lead temperature 1,6 mm(1/16 in) from case for 10 s
260
°C
Tstg
Storage temperature range(5)
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to ANODE, unless otherwise noted.
(3)
Temperature and/or supply voltages must be limited to ensure that the maximum dissipation rating is not exceeded.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
(5)
Long-term high-temperature storage and/or use at the absolute maximum ratings may result in a reduction of overall device life. See
http://www.ti.com/ep_quality for additional information on enhanced plastic packaging.
DISSIPATION RATING TABLE
DERATING
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE
TA ≤ 25°C
FACTOR
ABSOLUTE
ABSOLUTE
ABSOLUTE
PACKAGE
THERMAL
POWER RATING
ABOVE TA =
MAXIMUM
MAXIMUM
MAXIMUM
IMPEDANCE
25
°C
POWER RATING POWER RATING POWER RATING
97
°C/W (High K
10 mW/
°C
824 mW
670 mW
257 mW
Board)
D
1102 mW
165
°C/W (Low K
6 mW/
°C
484 mW
393 mW
151 mW
Board)
MIN
MAX
UNIT
VKA
Cathode voltge
VI(ref)
36
V
IKA
Cathode current
1
100
mA
TA
Operating free-air temperature
–55
125
°C
3
Submit Documentation Feedback


Similar Part No. - TL1431MDREPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1431MDREPG4 TI1-TL1431MDREPG4 Datasheet
1,021Kb / 23P
[Old version datasheet]   Precision-Programmable Reference
More results

Similar Description - TL1431MDREPG4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com