Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9962001VPA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9962001VPA
Description  CLASS V, PRECISION PROGRAMMABLE REFERENCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9962001VPA Datasheet(HTML) 1 Page - Texas Instruments

  5962-9962001VPA Datasheet HTML 1Page - Texas Instruments 5962-9962001VPA Datasheet HTML 2Page - Texas Instruments 5962-9962001VPA Datasheet HTML 3Page - Texas Instruments 5962-9962001VPA Datasheet HTML 4Page - Texas Instruments 5962-9962001VPA Datasheet HTML 5Page - Texas Instruments 5962-9962001VPA Datasheet HTML 6Page - Texas Instruments 5962-9962001VPA Datasheet HTML 7Page - Texas Instruments 5962-9962001VPA Datasheet HTML 8Page - Texas Instruments 5962-9962001VPA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
+
CATHODE
ANODE
REF
Vref
REF
ANODE
CATHODE
1
2
3
4
8
7
6
5
CATHODE
NC
NC
NC
REF
NC
ANODE
NC
JG PACKAGE
(TOP VIEW)
NC – No internal connection
TL1431-SP
www.ti.com
SLVSB44 – JULY 2012
CLASS V, PRECISION PROGRAMMABLE REFERENCE
Check for Samples: TL1431-SP
1
FEATURES
QMLV Qualified, SMD 5962-99620
0.4% Initial Voltage Tolerance
0.2-
Ω Typical Output Impedance
Fast Turnon…500 ns
Sink Current Capability…1 mA to 100 mA
Low Reference Current (REF)
Adjustable Output Voltage…VI(ref) to 36 V
DESCRIPTION/ORDERING INFORMATION
The TL1431 is a precision programmable reference with specified thermal stability over automotive, commercial,
and military temperature ranges. The output voltage can be set to any value between VI(ref) (approximately 2.5 V)
and 36 V with two external resistors. This device has a typical output impedance of 0.2
Ω. Active output circuitry
provides a very sharp turnon characteristic, making the device an excellent replacement for Zener diodes and
other types of references in applications such as onboard regulation, adjustable power supplies, and switching
power supplies.
The TL1431 is characterized for operation over the full military temperature range of –55°C to 125°C.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
CDIP – JG
Tube of 50
5962-9962001VPA
9962001VPA
–55°C to 125°C
CFP – U
TBD
5962-9962001VHA (Preview)
9962001VHA
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
SYMBOL
FUNCTIONAL BLOCK DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 5962-9962001VPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9962001VPA TI-5962-9962001VPA Datasheet
387Kb / 24P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
5962-9962001VPA TI-5962-9962001VPA Datasheet
578Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
5962-9962001VPA TI1-5962-9962001VPA Datasheet
253Kb / 14P
[Old version datasheet]   CLASS V, PRECISION PROGRAMMABLE REFERENCE
5962-9962001VPA TI1-5962-9962001VPA Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
5962-9962001VPA TI-5962-9962001VPA Datasheet
282Kb / 14P
[Old version datasheet]   CLASS V, PRECISION PROGRAMMABLE REFERENCE
More results

Similar Description - 5962-9962001VPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1431-SP TI-TL1431-SP_15 Datasheet
226Kb / 14P
[Old version datasheet]   CLASS V, PRECISION PROGRAMMABLE REFERENCE
TL1431-SP TI1-TL1431-SP_13 Datasheet
253Kb / 14P
[Old version datasheet]   CLASS V, PRECISION PROGRAMMABLE REFERENCE
TL1431-SP TI-TL1431-SP_V01 Datasheet
282Kb / 14P
[Old version datasheet]   CLASS V, PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com