Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR12DCM Datasheet(PDF) 4 Page - Motorola, Inc

Part # MCR12DCM
Description  Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCR12DCM Datasheet(HTML) 4 Page - Motorola, Inc

  MCR12DCM Datasheet HTML 1Page - Motorola, Inc MCR12DCM Datasheet HTML 2Page - Motorola, Inc MCR12DCM Datasheet HTML 3Page - Motorola, Inc MCR12DCM Datasheet HTML 4Page - Motorola, Inc MCR12DCM Datasheet HTML 5Page - Motorola, Inc MCR12DCM Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MCR12DCM MCR12DCN
4
Motorola Thyristor Device Data
Figure 7. Typical Holding Current versus
Junction Temperature
Figure 8. Typical Latching Current versus
Junction Temperature
Figure 9. Exponential Static dv/dt versus
Gate–Cathode Resistance
65
125
–40
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
1000
10 K
10
RGK, GATE–CATHODE RESISTANCE (OHMS)
1000
100
10
1.0
–25
5.0
20
50
95
100
VD = 800 V
TJ = 125°C
–10
35
80
110
65
125
–40
10
1.0
–25
5.0
20
50
95
100
–10
35
80
110
100


Similar Part No. - MCR12DCM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR12DCM ONSEMI-MCR12DCM Datasheet
64Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
February, 2006 ??Rev. 5
MCR12DCMT4 ONSEMI-MCR12DCMT4 Datasheet
64Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
February, 2006 ??Rev. 5
MCR12DCMT4G ONSEMI-MCR12DCMT4G Datasheet
64Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
February, 2006 ??Rev. 5
More results

Similar Description - MCR12DCM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com