Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR100-8 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCR100-8
Description  Silicon Controlled Rectifiers(Reverse Blocking Triode Thyristors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCR100-8 Datasheet(HTML) 1 Page - Motorola, Inc

  MCR100-8 Datasheet HTML 1Page - Motorola, Inc MCR100-8 Datasheet HTML 2Page - Motorola, Inc MCR100-8 Datasheet HTML 3Page - Motorola, Inc MCR100-8 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Thyristor Device Data
Silicon Controlled Rectifiers
Reverse Blocking Triode Thyristors
PNPN devices designed for high volume, line-powered consumer applications such
as relay and lamp drivers, small motor controls, gate drivers for larger thyristors, and
sensing and detection circuits. Supplied in an inexpensive plastic TO-226AA package
which is readily adaptable for use in automatic insertion equipment.
• Sensitive Gate Trigger Current — 200 µA Maximum
• Low Reverse and Forward Blocking Current — 100 µA Maximum, TC = 125°C
• Low Holding Current — 5 mA Maximum
• Glass-Passivated Surface for Reliability and Uniformity
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted.)
Rating
Symbol
Value
Unit
Peak Repetitive Forward and Reverse Blocking Voltage(1)
(TJ = 25 to 125°C, RGK = 1 kΩ
MCR100-3
MCR100-4
MCR100-6
MCR100-8
VDRM
and
VRRM
100
200
400
600
Volts
Forward Current RMS (See Figures 1 & 2)
(All Conduction Angles)
IT(RMS)
0.8
Amps
Peak Forward Surge Current, TA = 25°C
(1/2 Cycle, Sine Wave, 60 Hz)
ITSM
10
Amps
Circuit Fusing Considerations
(t = 8.3 ms)
I2t
0.415
A2s
Peak Gate Power — Forward, TA = 25°C
PGM
0.1
Watts
Average Gate Power — Forward, TA = 25°C
PGF(AV)
0.01
Watt
Peak Gate Current — Forward, TA = 25°C
(300
µs, 120 PPS)
IGFM
1
Amp
Peak Gate Voltage — Reverse
VGRM
5
Volts
Operating Junction Temperature Range @ Rated VRRM and VDRM
TJ
–40 to +125
°C
Storage Temperature Range
Tstg
–40 to +150
°C
Lead Solder Temperature
(
t 1/16I from case, 10 s max)
+230
°C
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; however, positive gate
voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant current
source such that the voltage ratings of the devices are exceeded.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MCR100/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
MCR100
Series
SCRs
0.8 AMPERE RMS
100 thru 600 VOLTS
*Motorola preferred devices
CASE 29-04
(TO-226AA)
STYLE 10
K
G
A
K
G
A
*


Similar Part No. - MCR100-8

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MCR100-8 UTC-MCR100-8 Datasheet
15Kb / 2P
   PLASTIC SILICON CONTROLLED RECTIFIERS(PNPN devices designed for high volume)
logo
Tiger Electronic Co.,Lt...
MCR100-8 TGS-MCR100-8 Datasheet
118Kb / 2P
   SOT-89 Plastic-Encapsulate Transistors (SOT-89)
logo
First Silicon Co., Ltd
MCR100-8 FS-MCR100-8 Datasheet
245Kb / 2P
   Silicon Planar PNPN Thyristor
logo
Semtech Corporation
MCR100-8 SEMTECH-MCR100-8 Datasheet
233Kb / 3P
   SCR
logo
Apollo Electron Co., Lt...
MCR100-8 APOLLOELECTRON-MCR100-8 Datasheet
3Mb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
More results

Similar Description - MCR100-8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N3870 MOTOROLA-2N3870 Datasheet
272Kb / 4P
   Silicon Controlled Rectifiers(Reverse Blocking Triode Thyristors)
2N6240 MOTOROLA-2N6240 Datasheet
55Kb / 4P
   Silicon controlled Rectifiers Reverse Blocking Triode Thyristors
logo
ON Semiconductor
MCR310 ONSEMI-MCR310 Datasheet
50Kb / 3P
   Silicon Controlled Rectifiers Reverse Blocking Triode Thyristors
March, 2007 ??Rev. 3
logo
New Jersey Semi-Conduct...
MCR230 NJSEMI-MCR230 Datasheet
114Kb / 3P
   Silicon Controlled Rectifiers Reverse Blocking Triode Thyristors
logo
Motorola, Inc
MCR202 MOTOROLA-MCR202 Datasheet
126Kb / 3P
   SILICON CONTROLLDE RECTIFIERS REVERSE BLOCKING TRIODE THYRISTORS
logo
ON Semiconductor
2N6401 ONSEMI-2N6401 Datasheet
74Kb / 8P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
April, 2001 ??Rev. 2
C122F1 ONSEMI-C122F1 Datasheet
59Kb / 4P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
August, 2005 ??Rev. 3
MCR8N ONSEMI-MCR8N Datasheet
55Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 5
MCR25 ONSEMI-MCR25_05 Datasheet
93Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 5
MCR12DG ONSEMI-MCR12DG Datasheet
105Kb / 4P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2012 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com