Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIB82S167BCNT Datasheet(PDF) 7 Page - Texas Instruments

Part # TIB82S167BCNT
Description  14 횞 48 횞 6 FIELD-PROGRAMMABLE LOGIC SEQUENCER WITH 3-STATE OUTPUTS OR PRESET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIB82S167BCNT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TIB82S167BCNT Datasheet HTML 3Page - Texas Instruments TIB82S167BCNT Datasheet HTML 4Page - Texas Instruments TIB82S167BCNT Datasheet HTML 5Page - Texas Instruments TIB82S167BCNT Datasheet HTML 6Page - Texas Instruments TIB82S167BCNT Datasheet HTML 7Page - Texas Instruments TIB82S167BCNT Datasheet HTML 8Page - Texas Instruments TIB82S167BCNT Datasheet HTML 9Page - Texas Instruments TIB82S167BCNT Datasheet HTML 10Page - Texas Instruments TIB82S167BCNT Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
INPUT
(In)
PRESENT STATE
(PS)
NEXT STATE
(NS)
OUT
(Qn)
INPUT
(In)
PRESENT STATE
(PS)
NEXT STATE
(NS)
OUT
(Qn)
TIB82S167BC
14
× 48 × 6 FIELD-PROGRAMMABLE LOGIC SEQUENCER
WITH 3-STATE OUTPUTS OR PRESET
SRPS026A – D2896, JANUARY 1985 – REVISED NOVEMBER 1995
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
7
test array
A test array that consists of product lines 48 and 49 has been added to these devices to allow testing prior to
programming. The test array is factory programmed as shown in Table 1. Testing is accomplished by connecting
Q0 – Q3 to I10 – I13, PRE/OE to GND, and applying the proper input signals as shown in Figure 2. Product lines
48 and 49 must be deleted during user programming to avoid interference with the programmed logic function.
Table 1. Test Array Program
OPTION PRE/OE
H
AND
OR
PRODUCT
LINE
C C 1
1
1
1
1
1
5
4
3
2
1
0
9
8
7
6
5
4
3
2
1
0
5
4
3
2
1
0
5
4
3
2
1
0
7
6
5
4
3
2
1
0
48
X – H H H H H H H H H H H H H H H H H H H H H H L
L
L
L
L
L
L
L
L
L
L
L
L
L
49
– X L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L H H H H H H H H H H H H H H
tsu
th
tw
I0 – I9
VIH
VIL
VOL
0 V
5 V
VIH
VIL
VOH
CLK
Q0 – Q3
P0 – P7
Internal
State Register
tpd
LOW
HIGH
tpd
tpd
VCC
Figure 2. Test Array Waveforms
Table 2. Test Array Deleted
OPTION PRE/OE
H
AND
OR
PRODUCT
LINE
C C 1
1
1
1
1
1
5
4
3
2
1
0
9
8
7
6
5
4
3
2
1
0
5
4
3
2
1
0
5
4
3
2
1
0
7
6
5
4
3
2
1
0
48
– H H H H H H H H H H H H H H H H H H H H H H –
49
– X L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
X = Fuse intact, – = Fuse blown


Similar Part No. - TIB82S167BCNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIB82S105BC TI1-TIB82S105BC Datasheet
312Kb / 14P
[Old version datasheet]   16 횞 48 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER WITH 3-STATE OUTPUTS OR PRESET
TIB82S105BCFN TI1-TIB82S105BCFN Datasheet
312Kb / 14P
[Old version datasheet]   16 횞 48 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER WITH 3-STATE OUTPUTS OR PRESET
TIB82S105BCN TI1-TIB82S105BCN Datasheet
312Kb / 14P
[Old version datasheet]   16 횞 48 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER WITH 3-STATE OUTPUTS OR PRESET
More results

Similar Description - TIB82S167BCNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIB82S105BC TI1-TIB82S105BC Datasheet
312Kb / 14P
[Old version datasheet]   16 횞 48 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER WITH 3-STATE OUTPUTS OR PRESET
TIBPLS506AC TI1-TIBPLS506AC Datasheet
327Kb / 16P
[Old version datasheet]   13 횞 97 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
logo
NXP Semiconductors
PLS159A PHILIPS-PLS159A Datasheet
132Kb / 12P
   Programmable logic sequencer 16 횞 45 횞 12
October 22, 1993
PLUS405-55 PHILIPS-PLUS405-55 Datasheet
141Kb / 16P
   Programmable logic sequencer 16 횞 64 횞 8
October 22, 1993
PLS100 PHILIPS-PLS100 Datasheet
127Kb / 8P
   Programmable logic arrays 16 횞 48 횞 8
October 22, 1993
PLS168 PHILIPS-PLS168 Datasheet
914Kb / 12P
   FIELD PROGRAMMABLE LOGIC SEQUENCER
1995 Jan 5
PLUS405-37 PHILIPS-PLUS405-37 Datasheet
164Kb / 20P
   Programmable logic sequencers (16 횞 64 횞 8)
1996 Nov 12
PLS173 PHILIPS-PLS173 Datasheet
73Kb / 8P
   Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS153B PHILIPS-PLUS153B Datasheet
72Kb / 8P
   Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLUS17310 PHILIPS-PLUS17310 Datasheet
72Kb / 8P
   Programmable logic array 22 횞 42 횞 10
October 22, 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com