Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIB82S167BC Datasheet(PDF) 5 Page - Texas Instruments

Part # TIB82S167BC
Description  14 횞 48 횞 6 FIELD-PROGRAMMABLE LOGIC SEQUENCER WITH 3-STATE OUTPUTS OR PRESET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIB82S167BC Datasheet(HTML) 5 Page - Texas Instruments

  TIB82S167BC Datasheet HTML 1Page - Texas Instruments TIB82S167BC Datasheet HTML 2Page - Texas Instruments TIB82S167BC Datasheet HTML 3Page - Texas Instruments TIB82S167BC Datasheet HTML 4Page - Texas Instruments TIB82S167BC Datasheet HTML 5Page - Texas Instruments TIB82S167BC Datasheet HTML 6Page - Texas Instruments TIB82S167BC Datasheet HTML 7Page - Texas Instruments TIB82S167BC Datasheet HTML 8Page - Texas Instruments TIB82S167BC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MHz
fmax§
TIB82S167BC
14
× 48 × 6 FIELD-PROGRAMMABLE LOGIC SEQUENCER
WITH 3-STATE OUTPUTS OR PRESET
SRPS026A – D2896, JANUARY 1985 – REVISED NOVEMBER 1995
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
5
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.75 V,
II = – 18 mA
– 1.2
V
VOH
VCC = 4.75 V,
IOH = – 3.2 mA
2.4
3
V
VOL
VCC = 4.75 V,
IOL = 24 mA
0.37
0.5
V
IOZH
VCC = 5.25 V,
VO = 2.7 V
20
µA
IOZL
VCC = 5.25 V,
VO = 0.4 V
–20
µA
II
VCC = 5.25 V,
VI = 5.5 V
25
µA
IIH
VCC = 5.25 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.25 V,
VI = 0.4 V
– 0.25
mA
IO‡
VCC = 5.25 V,
VO = 2.25 V
–30
–112
mA
ICC
VCC = 5.25 V,
PRE/OE at GND,
VI = 4.5 V,
Outputs open
90
160
mA
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITION
MIN
TYP†
MAX
UNIT
Without C array
50
70
With C array
30
45
tpd
CLK
Q
R1 = 500
Ω,
10
15
ns
tpd
PRE
Q
R2 = 500
Ω,
8
20
ns
tpd
VCC↑
Q
See Figure 5
0
10
ns
ten
OE
Q
10
20
ns
tdis
OE
Q
5
10
ns
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions hace been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
§ fmax is independent of the internal programmed configuration and the number of product terms used.
programming information
Texas Instruments Programmable Logic Devices can be programmed using widely available software and
inexpensive device programmers.
Complete programming specifications, algorithms, and the latest information on hardware, software, and
firmware are available upon request. Information on programmers capable of programming Texas Instruments
Programmable Logic is also available, upon request, from the nearest TI field sales office, local authorized TI
distributor, or by calling Texas Instruments at (214) 997-5666.


Similar Part No. - TIB82S167BC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIB82S105BC TI1-TIB82S105BC Datasheet
312Kb / 14P
[Old version datasheet]   16 횞 48 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER WITH 3-STATE OUTPUTS OR PRESET
TIB82S105BCFN TI1-TIB82S105BCFN Datasheet
312Kb / 14P
[Old version datasheet]   16 횞 48 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER WITH 3-STATE OUTPUTS OR PRESET
TIB82S105BCN TI1-TIB82S105BCN Datasheet
312Kb / 14P
[Old version datasheet]   16 횞 48 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER WITH 3-STATE OUTPUTS OR PRESET
More results

Similar Description - TIB82S167BC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIB82S105BC TI1-TIB82S105BC Datasheet
312Kb / 14P
[Old version datasheet]   16 횞 48 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER WITH 3-STATE OUTPUTS OR PRESET
TIBPLS506AC TI1-TIBPLS506AC Datasheet
327Kb / 16P
[Old version datasheet]   13 횞 97 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
logo
NXP Semiconductors
PLS159A PHILIPS-PLS159A Datasheet
132Kb / 12P
   Programmable logic sequencer 16 횞 45 횞 12
October 22, 1993
PLUS405-55 PHILIPS-PLUS405-55 Datasheet
141Kb / 16P
   Programmable logic sequencer 16 횞 64 횞 8
October 22, 1993
PLS100 PHILIPS-PLS100 Datasheet
127Kb / 8P
   Programmable logic arrays 16 횞 48 횞 8
October 22, 1993
PLS168 PHILIPS-PLS168 Datasheet
914Kb / 12P
   FIELD PROGRAMMABLE LOGIC SEQUENCER
1995 Jan 5
PLUS405-37 PHILIPS-PLUS405-37 Datasheet
164Kb / 20P
   Programmable logic sequencers (16 횞 64 횞 8)
1996 Nov 12
PLS173 PHILIPS-PLS173 Datasheet
73Kb / 8P
   Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS153B PHILIPS-PLUS153B Datasheet
72Kb / 8P
   Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLUS17310 PHILIPS-PLUS17310 Datasheet
72Kb / 8P
   Programmable logic array 22 횞 42 횞 10
October 22, 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com