Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIB82S105BC Datasheet(PDF) 1 Page - Texas Instruments

Part # TIB82S105BC
Description  16 횞 48 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER WITH 3-STATE OUTPUTS OR PRESET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIB82S105BC Datasheet(HTML) 1 Page - Texas Instruments

  TIB82S105BC Datasheet HTML 1Page - Texas Instruments TIB82S105BC Datasheet HTML 2Page - Texas Instruments TIB82S105BC Datasheet HTML 3Page - Texas Instruments TIB82S105BC Datasheet HTML 4Page - Texas Instruments TIB82S105BC Datasheet HTML 5Page - Texas Instruments TIB82S105BC Datasheet HTML 6Page - Texas Instruments TIB82S105BC Datasheet HTML 7Page - Texas Instruments TIB82S105BC Datasheet HTML 8Page - Texas Instruments TIB82S105BC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TIB82S105BC
16
× 48 × 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
WITH 3-STATE OUTPUTS OR PRESET
SRPS025A – D2897, SEPTEMBER 1985 – REVISED NOVEMBER 1995
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
© 1995, Texas Instruments Incorporated
1
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
50-MHz Clock Rate
Power-On Preset of All Flip-Flops
6-Bit Internal State Register With 8-Bit
Output Register
Power Dissipation . . . 600 mW Typical
Programmable Asynchronous Preset or
Output Control
Functionally Equivalent to, but Faster Than
82S105A
description
The TIB82S105BC is a TTL field-programmable
state machine of the Mealy type. This state
machine (logic sequencer) contains 48 product
terms (AND terms) and 14 pairs of sum terms (OR
terms). The product and sum terms are used to
control the 6-bit internal state register and the 8-bit
output register.
The outputs of the internal state register (P0 – P5)
are fed back and combined with the 16 inputs
(I0 – I15) to form the AND array. In addition a single
sum term is complemented and fed back to the
AND array, which allows any of the product terms
to be summed, complemented, and used as an
input to the AND array.
The state and output registers are positive-edge-
triggered S/R flip-flops. These registers are
unconditionally preset high during power up.
Pin19 can be used to preset both registers or, by
blowing the proper fuse, be converted to an output
control function.
The TIB82S105BC is characterized for operation
from 0
°C to 75°C.
† Power-up preset and asynchronous preset functions are not identical to 82S105A. See Recommended Operating Conditions.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CLK
I7
I6
I5
I4
I3
I2
I1
I0
Q7
Q6
Q5
Q4
GND
VCC
I8
I9
I10
I11
I12
I13
I14
I15
PRE/OE
Q0
Q1
Q2
Q3
N PACKAGE
(TOP VIEW)
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
I10
I11
I12
I13
I14
I15
PRE/OE
I4
I3
I2
I1
I0
Q7
Q6
426
14 15 16 17 18
FN PACKAGE
(TOP VIEW)


Similar Part No. - TIB82S105BC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIB82S167BC TI1-TIB82S167BC Datasheet
228Kb / 11P
[Old version datasheet]   14 횞 48 횞 6 FIELD-PROGRAMMABLE LOGIC SEQUENCER WITH 3-STATE OUTPUTS OR PRESET
TIB82S167BCNT TI1-TIB82S167BCNT Datasheet
228Kb / 11P
[Old version datasheet]   14 횞 48 횞 6 FIELD-PROGRAMMABLE LOGIC SEQUENCER WITH 3-STATE OUTPUTS OR PRESET
More results

Similar Description - TIB82S105BC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIB82S167BC TI1-TIB82S167BC Datasheet
228Kb / 11P
[Old version datasheet]   14 횞 48 횞 6 FIELD-PROGRAMMABLE LOGIC SEQUENCER WITH 3-STATE OUTPUTS OR PRESET
logo
NXP Semiconductors
PLUS405-55 PHILIPS-PLUS405-55 Datasheet
141Kb / 16P
   Programmable logic sequencer 16 횞 64 횞 8
October 22, 1993
logo
Texas Instruments
TIBPLS506AC TI1-TIBPLS506AC Datasheet
327Kb / 16P
[Old version datasheet]   13 횞 97 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
logo
NXP Semiconductors
PLS100 PHILIPS-PLS100 Datasheet
127Kb / 8P
   Programmable logic arrays 16 횞 48 횞 8
October 22, 1993
PLS159A PHILIPS-PLS159A Datasheet
132Kb / 12P
   Programmable logic sequencer 16 횞 45 횞 12
October 22, 1993
PLUS405-37 PHILIPS-PLUS405-37 Datasheet
164Kb / 20P
   Programmable logic sequencers (16 횞 64 횞 8)
1996 Nov 12
PLS168 PHILIPS-PLS168 Datasheet
914Kb / 12P
   FIELD PROGRAMMABLE LOGIC SEQUENCER
1995 Jan 5
logo
List of Unclassifed Man...
MR27T1602L ETC2-MR27T1602L Datasheet
310Kb / 11P
   1M.Word 횞 16.Bit or 2M.Word 횞 8.Bit P2ROM
MR27T802F ETC2-MR27T802F Datasheet
226Kb / 9P
   512k.Word 횞 16.Bit or 1M.Word 횞 8.Bit P2ROM
logo
NXP Semiconductors
PLS173 PHILIPS-PLS173 Datasheet
73Kb / 8P
   Programmable logic array 22 횞 42 횞 10
October 22, 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com