Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TI380FPAAFNL Datasheet(PDF) 5 Page - Texas Instruments

Part # TI380FPAAFNL
Description  PACKETBLASTERE?
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TI380FPAAFNL Datasheet(HTML) 5 Page - Texas Instruments

  TI380FPAAFNL Datasheet HTML 1Page - Texas Instruments TI380FPAAFNL Datasheet HTML 2Page - Texas Instruments TI380FPAAFNL Datasheet HTML 3Page - Texas Instruments TI380FPAAFNL Datasheet HTML 4Page - Texas Instruments TI380FPAAFNL Datasheet HTML 5Page - Texas Instruments TI380FPAAFNL Datasheet HTML 6Page - Texas Instruments TI380FPAAFNL Datasheet HTML 7Page - Texas Instruments TI380FPAAFNL Datasheet HTML 8Page - Texas Instruments TI380FPAAFNL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TI380FPAA
PACKETBLASTER
SPWS038 – MAY 1997
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Terminal Functions (Continued)
TERMINAL
I/O †
DESCRIPTION
NAME
NO.
I/O †
DESCRIPTION
MAXPL
6
I/O
Low byte of local memory extended address and parity. For the first quarter of a memory cycle, MAXPL
carries the extended address bit AX3; for the second quarter of a memory cycle, MAXPL carries
extended address bit AX2; and for the last half of the memory cycle, MAXPL carries the parity bit for the
low-data byte.
Memory Cycle
1Q
2Q
3Q
4Q
Signal
AX3
AX2
Parity
Parity
MBCLK1
43
I
Local bus clock 1. MBCLK1 is referenced for all local bus transfers.
MBEN
21
O
Buffer enable. MBEN enables the bidirectional buffer outputs on the MADH, MAXPH, MAXPL, and
MADL buses during the data phase. MBEN is used in conjunction with MDDIR, which selects the buffer
output direction.
H = Buffer output disabled
L
= Buffer output enabled
MBGR
37
I
Local bus grant. MBGR indicates that the FPA has been granted access to the adapter local memory
bus.
MBRQ
34
I/O
Local bus request. MBRQ is used by the FPA to request bus-master access to the adapter local memory
bus. The FPA also monitors MBRQ to allow it to defer to other higher-priority bus requests (see
Note 1).
MCAS
26
O
Column-address strobe for DRAMs. The column address is valid for the 3/16 of the memory cycle
following the row-address portion of the cycle. MCAS is driven low every memory cycle while the column
address is valid on MADL0 – MADL7, MAXPH, and MAXPL, except when one of the following conditions
occurs:
1)
When
the
address
accessed
is
a
TI380C2x
or
TI380C3x
internal
register
(>01.0100 – >01.01FF).
2)
When the address accessed is in the TI380C2x or TI380C3x external device address range
(>01.0200 – >01.02FF). This address range includes the FPA registers.
3)
When the BOOT bit in the SIFACL register is zero and the address accessed is in adapter ROM
address range (>00.0000–>00.FFFE or >1F.0000–>1F.FFFE).
MDDIR
31
I/O
Data direction. MDDIR is used for direction control for bidirectional bus drivers. MDDIR becomes valid
before MBEN becomes active.
H = TI380FPAA memory bus write
L
= TI380FPAA memory bus read
MOE
22
O
Memory output enable. MOE is used to enable the outputs of the DRAM memory during a read cycle.
MOE is high for EPROM or BIA ROM read cycles. MOE remains inactive high to keep DRAM outputs
tri-stated:
1)
When the address read is a TI380C2x or TI380C3x internal register (>01.0100–>01.01FF).
2)
When the address read is in the TI380C2x or TI380C3x external device address range
(>01.0200–>01.02FF). This address range includes the FPA registers.
3)
When the BOOT bit in the SIFACL register is zero and the address read is in adapter
ROM-address range (>00.0000–>00.FFFE or 1F.0000–1F.FFFE).
H= Disable DRAM outputs
L = Enable DRAM outputs
† I = input, O = output
NOTE 1: Pin has an open-collector output. EXTINT0 should have an individual 1-k
Ω pullup resistor. A 4.7-kΩ resistor can lead to transmit
underruns in the adapter system and should not be used. For this reason, a 1-k
Ω resistor is specified.


Similar Part No. - TI380FPAAFNL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TI380FPA TI1-TI380FPA Datasheet
337Kb / 24P
[Old version datasheet]   PACKETBLASTER?
TI380FPAFNL TI1-TI380FPAFNL Datasheet
337Kb / 24P
[Old version datasheet]   PACKETBLASTER?
TI380FPAFNLR TI1-TI380FPAFNLR Datasheet
337Kb / 24P
[Old version datasheet]   PACKETBLASTER?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com