Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TI380C25PGE Datasheet(PDF) 9 Page - Texas Instruments

Part # TI380C25PGE
Description  TOKEN-RING COMMPROCESSOR
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TI380C25PGE Datasheet(HTML) 9 Page - Texas Instruments

Back Button TI380C25PGE Datasheet HTML 5Page - Texas Instruments TI380C25PGE Datasheet HTML 6Page - Texas Instruments TI380C25PGE Datasheet HTML 7Page - Texas Instruments TI380C25PGE Datasheet HTML 8Page - Texas Instruments TI380C25PGE Datasheet HTML 9Page - Texas Instruments TI380C25PGE Datasheet HTML 10Page - Texas Instruments TI380C25PGE Datasheet HTML 11Page - Texas Instruments TI380C25PGE Datasheet HTML 12Page - Texas Instruments TI380C25PGE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
TI380C25
TOKEN-RING COMMPROCESSOR
SPWS012 – JANUARY 1995
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Pin Functions (Continued)
PIN
I/O†
DESCRIPTION
NAME
NO.
I/O†
DESCRIPTION
SALE
64
O
System address-latch enable. SALE is the enable pulse used to externally latch the 16 LSBs of the
address from the SADH0 – SADH7 and SADL0 – SADL7 buses at the start of the DMA cycle. Systems
that implement address parity can also externally latch the parity bits (SPH and SPL) for the latched
address.
SBBSY
50
I
System bus busy. The TI380C25 samples the value on SBBSY during arbitration (see Note 1). The
sample has one of two values:
H = Not busy. The TI380C25 can become bus master if the grant condition is met.
L
= Busy. The TI380C25 cannot become bus master.
SBCLK
65
I
System bus clock. The TI380C25 requires SBCLK to synchronize its bus timings for all DMA transfers.
Valid frequencies are 2 MHz – 33 MHz.
SBHE / SRNW
79
I/O
Intel Mode
SBHE is used for system byte high enable. SBHE is a 3-state output driven during DMA;
it is an input at all other times.
H = System byte high not enabled (see Note 1)
L
= System byte high enabled
SBHE / SRNW
79
I/O
Motorola
Mode
SRNW is used for system read not write. SRNW serves as a control signal to indicate
a read or write cycle.
H = Read cycle (see Note 1)
L
= Write cycle
SBRLS
49
I
System bus release. SBRLS indicates to the TI380C25 that a higher-priority device requires the
system bus. The value on SBRLS is ignored when the TI380C25 is not perfoming DMA. SBRLS is
internally synchronized to SBCLK.
H = The TI380C25 can hold onto the system bus (see Note 1).
L
= The TI380C25 should release the system bus upon completion of current DMA cycle. If the
DMA transfer is not yet complete, the SIF rearbitrates for the system bus.
SCS
48
I
System chip select. SCS activates the system interface of the TI380C25 for a DIO read or write.
H = Not selected (see Note 1)
L
= Selected
SDBEN
80
O
System data-bus enable. SDBEN signals to the external data buffers to begin driving data. SDBEN
is activated during both DIO and DMA.
H = Keep external data buffers in the high-impedance state
L
= Cause external data buffers to begin driving data
SDDIR
59
O
System data direction. SDDIR provides the external data buffers with a signal indicating the direction
the data is moving. During DIO writes and DMA reads, SDDIR is low (data direction is into the
TI380C25). During DIO reads and DMA writes, SDDIR is high (data direction is out from the TI380C25).
When the system interface is not involved in a DIO or DMA operation, SDDIR is high by default.
DATA
SDDIR
DIRECTION
DIO
DMA
H
output
read
write
L
input
write
read
† I = input, O = output
NOTE 1: Pin has an internal pullup device to maintain a high-voltage level when left unconnected (no etch).


Similar Part No. - TI380C25PGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TI380C27 TI-TI380C27 Datasheet
1Mb / 77P
[Old version datasheet]   DUAL-PROTOCOL COMMPROCESSOR
TI380C27PGE TI-TI380C27PGE Datasheet
1Mb / 77P
[Old version datasheet]   DUAL-PROTOCOL COMMPROCESSOR
More results

Similar Description - TI380C25PGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TI380C30 TI1-TI380C30 Datasheet
1Mb / 78P
[Old version datasheet]   INTEGRATED TOKEN-RING COMMPROCESSOR AND PHYSICAL-LAYER INTERFACE
TI380C30A TI-TI380C30A Datasheet
1Mb / 81P
[Old version datasheet]   INTEGRATED TOKEN-RING COMMPROCESSOR AND PHYSICAL-LAYER INTERFACE
logo
PCA ELECTRONICS INC.
EPT7081 PCA-EPT7081 Datasheet
28Kb / 1P
   Token Ring Transceiver
logo
XFMRS Inc.
2021 XFMRS-2021 Datasheet
99Kb / 2P
   TOKEN RING MAGNETICS
XF0756L1 XFMRS-XF0756L1 Datasheet
99Kb / 2P
   TOKEN RING MAGNETICS
2021 XFMRS-2021_15 Datasheet
99Kb / 2P
   TOKEN RING MAGNETICS
logo
PCA ELECTRONICS INC.
EPT7063G PCA-EPT7063G Datasheet
30Kb / 1P
   Token Ring Transceiver
logo
Bel Fuse Inc.
0556-5338-00 BEL-0556-5338-00_00 Datasheet
120Kb / 6P
   TOKEN RING MAGNETICS
logo
Rhombus Industries Inc.
F-1801 RHOMBUS-IND-F-1801 Datasheet
28Kb / 1P
   TOKEN RING FILTER
logo
PCA ELECTRONICS INC.
EPT7055AM PCA-EPT7055AM Datasheet
38Kb / 2P
   Token Ring Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com