Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS770012IRGER Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS770012IRGER
Description  Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS770012IRGER Datasheet(HTML) 2 Page - Texas Instruments

  THS770012IRGER Datasheet HTML 1Page - Texas Instruments THS770012IRGER Datasheet HTML 2Page - Texas Instruments THS770012IRGER Datasheet HTML 3Page - Texas Instruments THS770012IRGER Datasheet HTML 4Page - Texas Instruments THS770012IRGER Datasheet HTML 5Page - Texas Instruments THS770012IRGER Datasheet HTML 6Page - Texas Instruments THS770012IRGER Datasheet HTML 7Page - Texas Instruments THS770012IRGER Datasheet HTML 8Page - Texas Instruments THS770012IRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
THS7700
12IRGE
TI YMS
LLLL
= Pin 1 designator
THS7700012IRGE = device name
TI = TI LETTERS
YM = YEAR MONTH DATE CODE
S = ASSEMBLY SITE CODE
LLLL = ASSY LOT CODE
THS770012
SLOS669C
– FEBRUARY 2010 – REVISED JANUARY 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
PACKAGE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
TEMPERATURE
TYPE
DESIGNATOR
MARKING
NUMBER
MEDIA, QUANTITY
RANGE
THS770012IRGE
THS770012IRGET
Tape and reel, 250
THS770012
VQFN-24
RGE
–40°C to +85°C
THS770012IRGE
THS770012IRGER
Tape and reel, 3000
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder on www.ti.com.
Figure 3. DEVICE MARKING INFORMATION
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
THS770012
UNIT
Power supply (VS+ to GND)
5.5
V
Input voltage range
Ground to VS+
V
Differential input voltage, VID
Ground to VS+
V
Continuous input current, II
10
mA
Continuous output current, IO
100
mA
Storage temperature range, Tstg
–65°C to +150°C
°C
Maximum junction temperature, TJ
+150
°C
Maximum junction temperature, continuous operation, long term reliability
+125
°C
Human body model (HBM)
2500
V
ESD ratings
Charged device model (CDM)
1000
V
Machine model (MM)
100
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
2
Submit Documentation Feedback
Copyright
© 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): THS770012


Similar Part No. - THS770012IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS770012 TI1-THS770012 Datasheet
1Mb / 36P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
THS770012 TI1-THS770012_14 Datasheet
1Mb / 36P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
THS770012 TI-THS770012_15 Datasheet
1Mb / 35P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
More results

Similar Description - THS770012IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS770012 TI-THS770012_15 Datasheet
1Mb / 35P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
THS770006 TI1-THS770006_14 Datasheet
1Mb / 40P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
THS770012 TI1-THS770012_14 Datasheet
1Mb / 36P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
logo
National Semiconductor ...
THS770006 NSC-THS770006 Datasheet
1Mb / 39P
   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
logo
Texas Instruments
THS770006 TI-THS770006_10 Datasheet
1,006Kb / 36P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
   16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11900 MAXIM-MAX11900 Datasheet
969Kb / 29P
   16-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Analog Devices
LTC6409 AD-LTC6409 Datasheet
432Kb / 24P
   Differential Amplifier/ADC Driver
AD8476 AD-AD8476_16 Datasheet
572Kb / 25P
   Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
logo
Linear Technology
LTC6430 LINER-LTC6430 Datasheet
718Kb / 12P
   15dB Differential Amplifier and 14-Bit, 310Msps Dual ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com