Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4521SKGD1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521SKGD1
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4521SKGD1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4521SKGD1 Datasheet HTML 3Page - Texas Instruments THS4521SKGD1 Datasheet HTML 4Page - Texas Instruments THS4521SKGD1 Datasheet HTML 5Page - Texas Instruments THS4521SKGD1 Datasheet HTML 6Page - Texas Instruments THS4521SKGD1 Datasheet HTML 7Page - Texas Instruments THS4521SKGD1 Datasheet HTML 8Page - Texas Instruments THS4521SKGD1 Datasheet HTML 9Page - Texas Instruments THS4521SKGD1 Datasheet HTML 10Page - Texas Instruments THS4521SKGD1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
100
1000
10000
100000
1000000
110
120
130
140
150
160
170
180
190
200
210
220
Continuous TJ - °C
Output Load = 10 mA
Output Load = 25 mA
Output Load = 35 mA
THS4521-HT
www.ti.com
SBOS548D – APRIL 2011 – REVISED MAY 2012
ELECTRICAL CHARACTERISTICS: VS+ – VS– = 3.3 V (continued)
At VS+ = 3.3 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP (differential), RL = 1 kΩ differential, G = 1 V/V, single-ended input,
differential output, input and output referenced to midsupply, unless otherwise noted.
-55°C to 125°C
175°C
-55°C to 210°C
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
LEVEL(1)
Slew Rate
49
39
39
V/
μs
C
Gain
0.97
0.99
1.02
0.97
1
1.03
0.97
1
1.03
V/V
A
Common-Mode Offset
Measured at VOUT with VOCM
Voltage from VOCM
input driven, VOCM = 1.65 V
±0.2
±4
±0.7
±0.7
±10
mV
A
Input
±0.5 V
Input Bias Current
VOCM = 1.65 V ±0.5 V
±0.9
±2.73
±0.27
±2.75
±0.91
±2.75
μA
A
0.8 to
0.8 to
0.8 to
VOCM Voltage Range
1.01
2.3
1.09
2.3
V
A
2.5
2.5
2.5
114
∥3.
148
∥3.
148
∥3.
Input Impedance
k
Ω∥pF
C
6
7
7
Default Output
Common-Mode Voltage
Measured at VOUT
±0.3
±5
±0.6
±10
±0.6
±10
mV
A
Offset from
with VOCM input open
(VS+– VS–)/2
(1)
See data sheet for absolute maximum and minimum recommended operating conditions.
(2)
Silicon operating life design goal is 10 years at 105°C junction temperature (does not include package interconnect
life).
(3)
The predicted operating lifetime vs. junction temperature is based on reliability modeling using electromigration as the
dominant failure mechanism affecting device wearout for the specific device process and design characteristics.
(4)
Device is qualified to ensure reliable operation for 1000 hours at maximum rated temperature. This includes, but is
not limited to temperature bake, temperature cycle, electromigration, bond intermetallic life, and mold compound life.
Such qualification testing should not be viewed as justifying use of this component beyond specified performance and
environmental limits. For plastic package only.
Figure 1. THS4521SHKJ/SHKQ/SKGD1 Operating Life Derating Chart
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): THS4521-HT


Similar Part No. - THS4521SKGD1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4521SKGD1 NSC-THS4521SKGD1 Datasheet
758Kb / 28P
   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4521SKGD1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521 Datasheet
1Mb / 43P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4524-EP TI1-THS4524-EP Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4524-EP NSC-THS4524-EP Datasheet
1Mb / 48P
   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4521-HT TI-THS4521-HT_15 Datasheet
653Kb / 27P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4521-HT NSC-THS4521-HT Datasheet
758Kb / 28P
   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4524-EP TI1-THS4524-EP_17 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4541 TI1-THS4541_16 Datasheet
2Mb / 61P
[Old version datasheet]   THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541 TI-THS4541_15 Datasheet
2Mb / 61P
[Old version datasheet]   THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com