Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4521HD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521HD
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4521HD Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS4521HD Datasheet HTML 6Page - Texas Instruments THS4521HD Datasheet HTML 7Page - Texas Instruments THS4521HD Datasheet HTML 8Page - Texas Instruments THS4521HD Datasheet HTML 9Page - Texas Instruments THS4521HD Datasheet HTML 10Page - Texas Instruments THS4521HD Datasheet HTML 11Page - Texas Instruments THS4521HD Datasheet HTML 12Page - Texas Instruments THS4521HD Datasheet HTML 13Page - Texas Instruments THS4521HD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0
5k
10k
15k
20k
25k
30k
35k
Frequency(Hz)
Generator
THS4521
V
=3.3V
G=1V/V
R =1k
V
=5V
S+
F
OUT
PP
W
4
3
2
1
0
1
2
3
4
-
-
-
-
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
-
-
-
-
0
100
200
300
400
500 600
800
900
1k
Time(ns)
V
=3.3V
G=2V/V
R =1k
S+
F
W
R =200
L
W
V
Diff
Input
OUT
1.5
1.0
0.5
0
0.5
1.0
1.5
-
-
-
0
20
40
60
80
100
Time(ns)
2-VStep
0.5-VStep
V
=3.3V
G=1V/V
R =1k
R =200
S+
F
L
W
W
600
500
400
300
200
100
0
0
1
2
3
4
5
DifferentialV
(V)
OUT
V
=3.3V
G=1V/V
R =1k
S+
F
W
R =200
L
W
Rising
Falling
6
3
0
3
6
9
12
15
18
21
24
-
-
-
-
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
G=1V/V
G=2V/V
G=5V/V
G=10V/V
V
=3.3V
R =1k
V =100mV
S+
L
O
PP
W
6
3
0
3
6
9
12
15
18
21
24
-
-
-
-
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
V
=3.3V
R =1k
V =2.0V
S+
L
O
PP
W
G=1V/V
G=2V/V
G=5V/V
G=10V/V
THS4521-HT
SBOS548D – APRIL 2011 – REVISED MAY 2012
www.ti.com
TYPICAL CHARACTERISTICS: VS+ – VS– = 3.3 V
At VS+ = +3.3 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP (differential), RL = 1 kΩ differential, G = 1 V/V, single-ended input,
differential output, and input and output referenced to midsupply, unless otherwise noted. Graphs are plotted for room
temperature only and are given only for reference.
SMALL-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 2.
Figure 3.
LARGE- AND SMALL-SIGNAL PULSE RESPONSE
SLEW RATE vs VOUT
Figure 4.
Figure 5.
10-kHz OUTPUT SPECTRUM ON
OVERDRIVE RECOVERY
AP ANALYZER
Figure 6.
Figure 7.
10
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): THS4521-HT


Similar Part No. - THS4521HD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4521HD NSC-THS4521HD Datasheet
758Kb / 28P
   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4521HD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521 Datasheet
1Mb / 43P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4524-EP TI1-THS4524-EP Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4524-EP NSC-THS4524-EP Datasheet
1Mb / 48P
   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4521-HT TI-THS4521-HT_15 Datasheet
653Kb / 27P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4521-HT NSC-THS4521-HT Datasheet
758Kb / 28P
   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4524-EP TI1-THS4524-EP_17 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4541 TI1-THS4541_16 Datasheet
2Mb / 61P
[Old version datasheet]   THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541 TI-THS4541_15 Datasheet
2Mb / 61P
[Old version datasheet]   THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com