Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFB2022AI Datasheet(PDF) 7 Page - Texas Instruments

Part # TFB2022AI
Description  FUTUREBUS DATA PATH UNIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFB2022AI Datasheet(HTML) 7 Page - Texas Instruments

Back Button TFB2022AI Datasheet HTML 2Page - Texas Instruments TFB2022AI Datasheet HTML 3Page - Texas Instruments TFB2022AI Datasheet HTML 4Page - Texas Instruments TFB2022AI Datasheet HTML 5Page - Texas Instruments TFB2022AI Datasheet HTML 6Page - Texas Instruments TFB2022AI Datasheet HTML 7Page - Texas Instruments TFB2022AI Datasheet HTML 8Page - Texas Instruments TFB2022AI Datasheet HTML 9Page - Texas Instruments TFB2022AI Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TFB2022AI
FUTUREBUS+ DATA PATH UNIT
SLLS183 − AUGUST 1994
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (at any input)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation
2 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−20
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: All voltage values are with respect to GND.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
MFP
6250 mW
50 mW/
°C
4000 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
High-level input voltage, VIH
2
VCC
V
Low-level input voltage, VIL
− 0.5
0.8
V
Operating free-air temperature range, TA
−20
85
°C
electrical characteristics over recommend operating free-air temperature range (unless otherwise
noted)
PARAMETER
MACRO
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT
Input threshold voltage
IPI04LK
VI = VCC or 0 V,
II = ± 1 µA,
CL = 7.4 pF
1.3
V
VOH
High-level output voltage
OPI43LK
IOH = − 4 mA
3.7
V
VOL
Low-level output voltage
OPI43LK
IOL = 4 mA
0.5
V
VOH
High-level output voltage
OPI83LK
IOH = − 8 mA
3.7
V
VOL
Low-level output voltage
OPI83LK
IOL = 8 mA
0.5
V
VOH
High-level output voltage
OPIH3LK
IOH = − 12 mA
3.7
V
VOL
Low-level output voltage
OPIH3LK
IOL = 12 mA
0.5
V
VOH
High-level output voltage
OPJ43LK
IOH = − 4 mA
3.7
V
VOL
Low-level output voltage
OPJ43LK
IOL = 4 mA
0.5
V
VOH
High-level output voltage
OPJ83LK
IOH = − 8 mA
3.7
V
VOL
Low-level output voltage
OPJ83LK
IOL = 8 mA
0.5
V


Similar Part No. - TFB2022AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFB2002B TI1-TFB2002B Datasheet
198Kb / 13P
[Old version datasheet]   FUTUREBUS I/O CONTROLLER
TFB2002BIPPM TI1-TFB2002BIPPM Datasheet
198Kb / 13P
[Old version datasheet]   FUTUREBUS I/O CONTROLLER
TFB2002BMHFHB TI1-TFB2002BMHFHB Datasheet
198Kb / 13P
[Old version datasheet]   FUTUREBUS I/O CONTROLLER
TFB2002BPPM TI1-TFB2002BPPM Datasheet
198Kb / 13P
[Old version datasheet]   FUTUREBUS I/O CONTROLLER
TFB2010 TI1-TFB2010 Datasheet
121Kb / 9P
[Old version datasheet]   FUTUREBUS ARBITRATION BUS CONTROLLER
More results

Similar Description - TFB2022AI

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
logo
Texas Instruments
SN75ALS053 TI1-SN75ALS053 Datasheet
274Kb / 11P
[Old version datasheet]   QUADRUPLE FUTUREBUS TRANSCEIVER
logo
NXP Semiconductors
FB2041 PHILIPS-FB2041 Datasheet
148Kb / 14P
   7-bit Futurebus transceiver
1995 May 25
logo
Texas Instruments
TFB2002B TI1-TFB2002B Datasheet
198Kb / 13P
[Old version datasheet]   FUTUREBUS I/O CONTROLLER
TFB2010 TI1-TFB2010 Datasheet
121Kb / 9P
[Old version datasheet]   FUTUREBUS ARBITRATION BUS CONTROLLER
logo
Motorola, Inc
MC74F3893A MOTOROLA-MC74F3893A Datasheet
37Kb / 5P
   QUAD FUTUREBUS BACKPLANE TRANSCEIVER
logo
NXP Semiconductors
74F3893 PHILIPS-74F3893 Datasheet
72Kb / 10P
   Quad futurebus backplane transceiver
1991 Jan 18
FB2040A PHILIPS-FB2040A Datasheet
414Kb / 12P
   8-bit Futurebus transceiver
1995 May 25
logo
Vaisala
DMU703 VAISALA-DMU703 Datasheet
176Kb / 3P
   Data Management Unit DMU703
DMU801 VAISALA-DMU801 Datasheet
495Kb / 4P
   Data Management Unit DMU801
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com