Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFB2002BPPM Datasheet(PDF) 9 Page - Texas Instruments

Part # TFB2002BPPM
Description  FUTUREBUS I/O CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFB2002BPPM Datasheet(HTML) 9 Page - Texas Instruments

Back Button TFB2002BPPM Datasheet HTML 5Page - Texas Instruments TFB2002BPPM Datasheet HTML 6Page - Texas Instruments TFB2002BPPM Datasheet HTML 7Page - Texas Instruments TFB2002BPPM Datasheet HTML 8Page - Texas Instruments TFB2002BPPM Datasheet HTML 9Page - Texas Instruments TFB2002BPPM Datasheet HTML 10Page - Texas Instruments TFB2002BPPM Datasheet HTML 11Page - Texas Instruments TFB2002BPPM Datasheet HTML 12Page - Texas Instruments TFB2002BPPM Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TFB2002BI
FUTUREBUS+ I/O CONTROLLER
SLLS182 – AUGUST 1994
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
High-level input voltage, VIH
2
VCC
V
Low-level input voltage, VIL
– 0.5
0.8
V
Operating free-air temperature range, TA
–20
85
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
MACRO
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT
Input threshold voltage
IPI04LK
VI = VCC or0V,
1.3
V
VIT +
Positive-going input threshold voltage
IPI09LK
VI = VCC or 0 V,
II = ± 1 µA,
1.6
V
VIT –
Negative-going input threshold voltage
IPI09LK
CL = 7.4 pF
1.2
V
VOL
Low-level output voltage (open drain)
OPI82LK
IOL = 8 mA
0.5
V
VOH
High-level output voltage
OPI43LK
IOH = – 4 mA
3.7
V
VOL
Low-level output voltage
OPI43LK
IOL = 4 mA
0.5
V
VOH
High-level output voltage
OPI83LK
IOH = – 8 mA
3.7
V
VOL
Low-level output voltage
OPI83LK
IOL = 8 mA
0.5
V
VOH
High-level output voltage
OPIH3LK
IOH = – 12 mA
3.7
V
VOL
Low-level output voltage
OPIH3LK
IOL = 12 mA
0.5
V
VOH
High-level output voltage
OPJ83LK
IOH = – 8 mA
3.7
V
VOL
Low-level output voltage
OPJ83LK
IOL = 8 mA
0.5
V
macros
Table 1 lists the internal and external buffer macros used in the TFB2002BI design. To use this table, find the
pin of interest and note the macro name(s). If there is an entry only in the input macro column, the pin is an input.
If there is an entry only in the output macro column, the pin is an output. If there is an entry in both columns,
this is a 3-state bidirectional pin. The macro(s) are also listed in the electrical characteristics table.
Table 1. TFB2002BI (IOC) Pin Names and Macro Numbers
PIN NAME
INPUT MACRO
OUTPUT MACRO
PIN NAME
INPUT MACRO
OUTPUT MACRO
ADDRV*
OPIH3LK
BUSI*
OPI43LK
ADRCV
OPIH3LK
CA < 11:0 >
IPI04LK
AII
IPI04LK
CAI < 2:0 >
IPI04LK
AIO
OPI43LK
CAO < 2:0 >
OPI43LK
AKI
IPI04LK
CCE*
IPI04LK
AKO
OPI43LK
CD < 7:0 >
IPI04LK
OPJ83LK
AQI
IPI04LK
CDP
IPI04LK
OPJ83LK
ARBERR < 1:0 >
IPI04LK
CLK
IPI04LK
ARI
IPI04LK
CM < 7:0 >
IPI04LK
OPI43LK
ASI
IPI04LK
CMWR*
OPI43LK
ASO
OPI43LK
COE*
IPI04LK
BINIT*
OPI43LK
CP
IPI04LK
OPI43LK
BSTAT < 1:0 >*
IPI04LK
OPIH3LK
CWE*
IPI04LK
BSTRDY*
IPI04LK
OPIH3LK
DATAAV*
IPI04LK


Similar Part No. - TFB2002BPPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFB2010 TI1-TFB2010 Datasheet
121Kb / 9P
[Old version datasheet]   FUTUREBUS ARBITRATION BUS CONTROLLER
TFB2010MHSB TI1-TFB2010MHSB Datasheet
121Kb / 9P
[Old version datasheet]   FUTUREBUS ARBITRATION BUS CONTROLLER
TFB2010PJM TI1-TFB2010PJM Datasheet
121Kb / 9P
[Old version datasheet]   FUTUREBUS ARBITRATION BUS CONTROLLER
TFB2022A TI1-TFB2022A Datasheet
160Kb / 10P
[Old version datasheet]   FUTUREBUS DATA PATH UNIT
TFB2022AI TI1-TFB2022AI Datasheet
160Kb / 10P
[Old version datasheet]   FUTUREBUS DATA PATH UNIT
More results

Similar Description - TFB2002BPPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFB2010 TI1-TFB2010 Datasheet
121Kb / 9P
[Old version datasheet]   FUTUREBUS ARBITRATION BUS CONTROLLER
logo
Intel Corporation
6300ESB INTEL-6300ESB Datasheet
7Mb / 848P
   I/O Controller Hub
logo
Red Lion Controls. Inc
ST-GT-1210 REDLION-ST-GT-1210 Datasheet
317Kb / 1P
   Indusrial I/O Controller
logo
Holtek Semiconductor In...
HT6550 HOLTEK-HT6550 Datasheet
1Mb / 39P
   Super I/O Controller
logo
C-Media Electronics
CM109 CMEDIA-CM109 Datasheet
602Kb / 36P
   USB I/O Controller
CM108 CMEDIA-CM108 Datasheet
500Kb / 29P
   USB Audio I/O Controller
CM106F++ CMEDIA-CM106F+ Datasheet
1Mb / 41P
   USB Audio I/O Controller
logo
Intel Corporation
316972-004 INTEL-316972-004 Datasheet
6Mb / 884P
   Intel I/O Controller Hub 9
307013-003 INTEL-307013-003 Datasheet
6Mb / 848P
   Intel I/O Controller Hub 7
319973-003 INTEL-319973-003 Datasheet
5Mb / 840P
   Intel I/O Controller Hub 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com