Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430G2X11-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # MSP430G2X11-Q1
Description  MIXED SIGNAL MICROCONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430G2X11-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  MSP430G2X11-Q1 Datasheet HTML 1Page - Texas Instruments MSP430G2X11-Q1 Datasheet HTML 2Page - Texas Instruments MSP430G2X11-Q1 Datasheet HTML 3Page - Texas Instruments MSP430G2X11-Q1 Datasheet HTML 4Page - Texas Instruments MSP430G2X11-Q1 Datasheet HTML 5Page - Texas Instruments MSP430G2X11-Q1 Datasheet HTML 6Page - Texas Instruments MSP430G2X11-Q1 Datasheet HTML 7Page - Texas Instruments MSP430G2X11-Q1 Datasheet HTML 8Page - Texas Instruments MSP430G2X11-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
Clock
System
Brownout
Protection
RST/NMI
DVCC
DVSS
MCLK
Watchdog
WDT+
15-Bit
Timer0_A2
2 CC
Registers
16MHz
CPU
incl. 16
Registers
Emulation
2BP
JTAG
Interface
SMCLK
ACLK
MDB
MAB
Port P1
8 I/O
Interrupt
capability
pullup/down
resistors
P1.x
8
Spy-Bi
Wire
XIN
XOUT
RAM
128B
Flash
2KB
1KB
Comp_A+
8
Channels
P2.x
Port P2
2 I/O
Interrupt
capability
pullup/down
resistors
2
Clock
System
Brownout
Protection
RST/NMI
DVCC
DVSS
MCLK
Watchdog
WDT+
15-Bit
Timer0_A2
2 CC
Registers
16MHz
CPU
incl. 16
Registers
Emulation
2BP
JTAG
Interface
SMCLK
ACLK
MDB
MAB
Port P1
8 I/O
Interrupt
capability
pull-up/down
resistors
P1.x
8
Spy-Bi
Wire
XIN
XOUT
RAM
128B
Flash
2KB
1KB
0.5KB
P2.x
Port P2
2 I/O
Interrupt
capability
pull-up/down
resistors
2
MSP430G2x11-Q1
MSP430G2x01-Q1
www.ti.com
SLAS775B
– AUGUST 2011 – REVISED NOVEMBER 2011
Functional Block Diagram, MSP430G2x11
Functional Block Diagram, MSP430G2x01
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - MSP430G2X11-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2x11 TI-MSP430G2x11 Datasheet
1Mb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430G2x11 TI-MSP430G2x11 Datasheet
848Kb / 45P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430G2X11 TI-MSP430G2X11 Datasheet
1Mb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430G2X11 TI-MSP430G2X11 Datasheet
1Mb / 48P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430G2X11 TI1-MSP430G2X11 Datasheet
1Mb / 49P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430G2X11-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com