Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQHR501K0K Datasheet(PDF) 3 Page - Tyco Electronics

Part # SQHR501K0K
Description  High Power Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SQHR501K0K Datasheet(HTML) 3 Page - Tyco Electronics

  SQHR501K0K Datasheet HTML 1Page - Tyco Electronics SQHR501K0K Datasheet HTML 2Page - Tyco Electronics SQHR501K0K Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type SQZ - Horizontal
Pluggable
Power
Dimensions
Resistance Range
Rating
W±1
H±1
L±1.5 P±1.5
P1
P2
P3
P4
H1±1 H2±1
Wire
Metal Film
5W
10
10
28
15
4.2
2
5
1.5
25
10.5
R10 - 130R
131R - 100K
7W
10
10
36
20
4.2
2
5
1.5
25
10.5
R10 - 430R
431R - 100K
10W
10
10
48
32
4.2
2
5
1.5
25
10.5
R20 - 470R
471R - 100K
15W
12.5
12
48
32
4.2
2
5
1.5
26
10.5
1R0 - 600R
601R - 150K
20W-25W* 15
13
60
42
7
6
10
2.7
36
15.0
1R0 - 1K0
1K1 - 150K
*NB: 20W & 25W Devices Terminations are not crimped
How to Order
SQP
W
20
1R0
F
Common Part
W - Wire
R - Metal Film
Element
2 - 2 Watts
3 - 3 Watts
5 - 5 Watts
etc
Rated Power
ResistanceValue
SQP - Axial Type
SQZ - Pluggable Type
SQM - Vertical Type
SPS - Vertical Type
SQH - Horizontal Type
SQB - Horizontal Type
(with bracket)
0.1 ohm
(1 milliohm) R10
1 ohm
(1000 milliohms) 1R0
1K ohm
(1000 ohms) 1K0
1M ohm
(1000000 ohms) 1M0
Resistance Tolerance
F - ±1%
G - ±2%
J - ±5%
K - ±10%
Type SQZ - Recommended PCB Hole Dimensions
Power
Rating
a
b
p
5W
2.0
0.8
15
7W
2.0
0.8
20
10W
2.0
0.8
32
15W
2.0
0.8
32
20W_25W
3.5
1.0
42
Suggested PCB Layout Plan
Type SPS - Vertical Mounting with Stabilising Bracket
Power
Dimension
Resistance Range
Rating
L ± 1.5
K ± 0.5
Wire
Metal Film
7W
48
8.5
R10 - 430R
431R - 100K
10W
60
20
R10 - 470R
471R - 100K
5.0
5.0
2.0
0.8
5.0
5.0
R0.2
Ø1.0
High Power Resistors
Type SQ Series
TE Connectivity, TE connectivity (logo) and TE (logo) are trademarks.
Other logos, product and Company names mentioned herein may be trademarks of their respective owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this datasheet, TE does not guarantee that it is error-free, nor does TE make any other
representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the information contained herein
at any time without notice. TE expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantabili-
ty or fitness for a particular purpose. The dimensions in this datasheet are for reference purposes only and are subject to change without notice. Specifications are subject to change
without notice. Consult TE for the latest dimensions and design specifications.


Similar Part No. - SQHR501K0K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SQHR201K0F ETC2-SQHR201K0F Datasheet
255Kb / 3P
   Type SQ Series
SQHR201K0G ETC2-SQHR201K0G Datasheet
255Kb / 3P
   Type SQ Series
SQHR201K0J ETC2-SQHR201K0J Datasheet
255Kb / 3P
   Type SQ Series
SQHR201K0K ETC2-SQHR201K0K Datasheet
255Kb / 3P
   Type SQ Series
SQHR201M0F ETC2-SQHR201M0F Datasheet
255Kb / 3P
   Type SQ Series
More results

Similar Description - SQHR501K0K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1773285 MACOM-1773285 Datasheet
255Kb / 3P
   High Power Resistors
SQMR510KJ MACOM-SQMR510KJ Datasheet
255Kb / 3P
   High Power Resistors
logo
List of Unclassifed Man...
MCHP03W8F4700T5E ETC2-MCHP03W8F4700T5E Datasheet
303Kb / 6P
   High Power Resistors
logo
Tyco Electronics
SQMR52K2J MACOM-SQMR52K2J Datasheet
250Kb / 3P
   High Power Resistors
logo
Welwyn Components Limit...
SC3 WELWYN-SC3 Datasheet
600Kb / 3P
   High Power Chip Resistors
logo
Bourns Electronic Solut...
CRM2512 BOURNS-CRM2512 Datasheet
385Kb / 2P
   High power chip resistors
CRM1206 BOURNS-CRM1206 Datasheet
204Kb / 2P
   High power chip resistors
logo
TT Electronics.
SCW-SC3LF-100R TTELEC-SCW-SC3LF-100R Datasheet
986Kb / 3P
   High Power Chip Resistors
logo
Bourns Electronic Solut...
CRM2010 BOURNS-CRM2010 Datasheet
228Kb / 2P
   High power chip resistors
logo
Rohm
LTR10 ROHM-LTR10_10 Datasheet
140Kb / 4P
   High Power Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com