Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2095-350-BT1LF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2095-350-BT1LF
Description  High Voltage 2-Electrode Gas Discharge Tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2095-350-BT1LF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2095-350-BT1LF Datasheet HTML 1Page - Bourns Electronic Solutions 2095-350-BT1LF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Size: 8 mm diameter, 8 mm length
Axial leaded device
High voltage range up to 6 kV
High insulation resistance
RoHS compliant*
UL Recognized
Applications
Industrial equipment/electronics
Telecommunications electronics
Consumer electronics
Characteristics
2095 Series High Voltage 2-Electrode Gas Discharge Tube
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Test Methods per ITU-T (CCITT) K.12 and IEC 61643-311.
Characteristic
Model No.
2095-80
2095-100
2095-140
2095-160
2095-200
DC Sparkover ±20 % @ 100 V/s
800 V
1000 V
1400 V
1600 V
2000 V
Impulse Sparkover
100 V/µs
1000 V/µs
< 1100 V
< 1200 V
< 1300 V
< 1400 V
< 2100 V
< 2200 V
< 2300 V
< 2400 V
< 2700 V
< 2800 V
Insulation Resistance (IR) 1............................. 250/500/1000 Vdc.............................................> 1 G
Ω
Glow Voltage ................................................... 10 mA................................................................~ 60 V
Arc Voltage ...................................................... 1 A.....................................................................~ 15 V
Capacitance..................................................... 1 MHz ...............................................................< 1.5 pF
Impulse Discharge Current
2095-80 through 2095-250 ......................... 8,000 A, 8/20 µs................................................
1 operation
5,000 A, 8/20 µs................................................
10 operations
2095-270 through 2095-600 ....................... 5,000 A, 8/20 µs................................................
1 operation
3,000 A, 8/20 µs................................................
10 operations
Alternating Discharge Current
2095-80 through 2095-250 ......................... 2 Arms, 50 Hz, 1 second...................................
1 operation min.
10 Arms, 50 Hz, 9 cycles ..................................
1 operation min.
2095-270 through 2095-300 ....................... 3 Arms, 50 Hz, 1 second...................................
1 operation min.
5 Arms, 50 Hz, 9 cycles ....................................
1 operation min.
2095-350 through 2095-600
2.5 Arms, 50 Hz, 1 second................................
1 operation min.
5 Arms, 50 Hz, 9 cycles ....................................
1 operation min.
Impulse Life ..................................................... 100 A, 10/1000 µs.............................................> 100 operations 2
Operating Temperature...............................................................................................................
-30 to +85 °C
Storage Temperature..................................................................................................................
-40 to +115 °C
Climatic Category (IEC 60068-1)................................................................................................
40 / 90 / 21
Notes:
• UL Recognized component: UL File E135337.
• At delivery AQL 0.65 Level II, DIN ISO 2859.
Note 1:
DC Breakdown
IR Measuring Voltage
800-1000 V..............................250 V
1400-2000 V............................500 V
2500-6000 V............................1000 V
Note 2:
Model 2095-270 and 2095-300 meet >300 operations at 100 A, 10/1000 µs.
Characteristic
Model No.
2095-250
2095-270
2095-300
2095-350
2095-400
DC Sparkover ±20 % @ 100 V/s
2500 V
2700 V
3000 V
3500 V
4000 V
Impulse Sparkover
100 V/µs
1000 V/µs
< 3500 V
< 3600 V
< 3600 V
< 3800 V
< 4100 V
< 4200 V
< 4900 V
< 5000 V
< 5300 V
< 5500 V
Characteristic
Model No.
2095-450
2095-500
2095-600
DC Sparkover ±20 % @ 100 V/s
4500 V
5000 V
6000 V
Impulse Sparkover
100 V/µs
1000 V/µs
< 5800 V
< 6000 V
< 6000 V
< 6400 V
< 7000 V
< 7800 V


Similar Part No. - 2095-350-BT1LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2095-350-BT1LF BOURNS-2095-350-BT1LF Datasheet
237Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
More results

Similar Description - 2095-350-BT1LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2093-100 BOURNS-2093-100 Datasheet
236Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2093-100 BOURNS-2093-100_15 Datasheet
238Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2095-80 BOURNS-2095-80_15 Datasheet
237Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2097-100 BOURNS-2097-100 Datasheet
164Kb / 2P
   High-Voltage 2-Electrode Gas Discharge Tube
2093 BOURNS-2093 Datasheet
238Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2087-80 BOURNS-2087-80_15 Datasheet
208Kb / 2P
   High Voltage Mini-2-Electrode Gas Discharge Tube
logo
Socay Electornics Co., ...
UN2E8-1600L SOCAY-UN2E8-1600L Datasheet
418Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E8-1000LL SOCAY-UN2E8-1000LL Datasheet
416Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E5-1000D SOCAY-UN2E5-1000D Datasheet
377Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
logo
Bourns Electronic Solut...
2089-100 BOURNS-2089-100 Datasheet
341Kb / 2P
   High Voltage Mini-2-Electrode Gas Discharge Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com