Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2089-140 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2089-140
Description  High Voltage Mini-2-Electrode Gas Discharge Tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2089-140 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2089-140 Datasheet HTML 1Page - Bourns Electronic Solutions 2089-140 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Mini-compact size: 5.5 mm diameter,
6 mm length
Axial leaded device
High voltage range up to 4 kV
High insulation resistance
RoHS compliant*
UL Recognized
Applications
Industrial equipment/electronics
Telecommunications electronics
Consumer electronics
Characteristics
2089 Series High Voltage Mini-2-Electrode Gas Discharge Tube
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Test Methods per ITU-T (CCITT) K.12 and IEC 61643-311.
Characteristic
Model No.
2089-100
2089-120
2089-140
2089-160
2089-200
DC Sparkover ±20 % @ 100 V/s
1000 V
1200 V
1400 V
1600 V
2000 V
Impulse Sparkover
100 V/µs
1000 V/µs
< 1300 V
< 1400 V
< 1800 V
< 2000 V
< 2200 V
< 2400 V
< 2400 V
< 2600 V
< 2800 V
< 3000 V
Insulation Resistance (IR) 1............................. 500/1000 Vdc....................................................> 1 G
Ω
Glow Voltage ................................................... 10 mA................................................................~ 60 V
Arc Voltage ...................................................... 1 A.....................................................................~ 15 V
Capacitance..................................................... 1 MHz ...............................................................< 1.5 pF
Impulse Discharge Current.............................. 3,000 A, 8/20 µs................................................
1 operation
......................................................................... 1,500 A, 8/20 µs................................................
10 operations
Alternating Discharge Current ......................... 2 Arms, 50 Hz, 1 second...................................
1 operation min.
4 Arms, 50 Hz, 9 cycles ....................................
1 operation min.
Impulse Life ..................................................... 100 A, 10/1000 µs.............................................> 300 operations
Operating Temperature...............................................................................................................
-30 to +85 °C
Storage Temperature..................................................................................................................
-40 to +115 °C
Climatic Category (IEC 60068-1)................................................................................................
40 / 90 / 21
Notes:
• UL Recognized component: UL File E135337.
• At delivery AQL 0.65 Level II, DIN ISO 2859.
Note 1:
DC Breakdown
IR Measuring Voltage
1000–2000 V .......................................500 V
2500–3600 V .......................................1000 V
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
Characteristic
Model No.
2089-250
2089-300
2089-350
2089-360
DC Sparkover ±20 % @ 100 V/s
2500 V
3000 V
3500 V
3600 V
Impulse Sparkover
100 V/µs
1000 V/µs
< 3300 V
< 3500 V
< 3800 V
< 4000 V
< 4300 V
< 4500 V
< 4400 V
< 4600 V


Similar Part No. - 2089-140

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2089-6201-00 MA-COM-2089-6201-00 Datasheet
117Kb / 3P
   Two-, Four-, & Eight-Way Isolated Power Dividers Wilkinson
2089-6201-00 MA-COM-2089-6201-00 Datasheet
117Kb / 3P
   Two-, Four-, & Eight-Way Isolated Power
2089-6201-00 MA-COM-2089-6201-00 Datasheet
425Kb / 4P
   Excellent Amplitude and Phase Balance
2089-6202-00 MA-COM-2089-6202-00 Datasheet
117Kb / 3P
   Two-, Four-, & Eight-Way Isolated Power Dividers Wilkinson
2089-6202-00 MA-COM-2089-6202-00 Datasheet
117Kb / 3P
   Two-, Four-, & Eight-Way Isolated Power
More results

Similar Description - 2089-140

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2087-80 BOURNS-2087-80_15 Datasheet
208Kb / 2P
   High Voltage Mini-2-Electrode Gas Discharge Tube
2087 BOURNS-2087 Datasheet
234Kb / 2P
   High Voltage Mini-2-Electrode Gas Discharge Tube
2087-80 BOURNS-2087-80 Datasheet
253Kb / 2P
   High Voltage Mini-2-Electrode Gas Discharge Tube
2093-100 BOURNS-2093-100 Datasheet
236Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2095-80 BOURNS-2095-80 Datasheet
284Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2093-100 BOURNS-2093-100_15 Datasheet
238Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2095-80 BOURNS-2095-80_15 Datasheet
237Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2097-100 BOURNS-2097-100 Datasheet
164Kb / 2P
   High-Voltage 2-Electrode Gas Discharge Tube
2093 BOURNS-2093 Datasheet
238Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2087-150-SM-RPLF BOURNS-2087-150-SM-RPLF Datasheet
202Kb / 2P
   2087 Series High Voltage Mini-2-Electrode Gas Discharge Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com