Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5342DDV Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5342DDV
Description  100 W STEREO DIGITAL AMPLIFIER POWER STAGE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5342DDV Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5342DDV Datasheet HTML 6Page - Texas Instruments TAS5342DDV Datasheet HTML 7Page - Texas Instruments TAS5342DDV Datasheet HTML 8Page - Texas Instruments TAS5342DDV Datasheet HTML 9Page - Texas Instruments TAS5342DDV Datasheet HTML 10Page - Texas Instruments TAS5342DDV Datasheet HTML 11Page - Texas Instruments TAS5342DDV Datasheet HTML 12Page - Texas Instruments TAS5342DDV Datasheet HTML 13Page - Texas Instruments TAS5342DDV Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TAS5342
SLAS557B–SEPTEMBER 2007–REVISED OCTOBER 2007
AUDIO SPECIFICATIONS (PBTL) (continued)
Audio performance is recorded as a chipset consisting of a TAS5518 pwm processor (modulation index limited to 97.7%) and
a TAS5342 power stage. PCB and system configuraton are in accordance with recommended guidelines. Audio frequency =
1kHz, PVDD_x = 31.5 V, GVDD_x = 12 V, RL = 3 Ω, fS = 384 kHz, ROC = 27 kΩ, TC = 75°C, Output Filter: LDEM = 10 μH, CDEM
= 1.0 uF, unless otherwise noted.
TAS5342
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
PO = 0 W, all half bridges
Pidle
Power dissipation due to idle losses (IPVDD_X)
2
W
switching(2)
(2) Actual system idle losses are affected by core losses of output inductors.
PVDD_x = 31.5 V, GVDD_X = 12 V, VDD = 12 V, TC (Case temperature) = 25°C, fS = 384 kHz, unless otherwise specified.
TAS5342
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Internal Voltage Regulator and Current Consumption
Voltage regulator, only used as a
VREG
VDD = 12 V
3
3.3
3.6
V
reference node
Operating, 50% duty cycle
7.2
17
IVDD
VDD supply current
mA
Idle, reset mode
5.54
11
50% duty cycle
8
16
IGVDD_X
Gate supply current per half-bridge
mA
Reset mode
1
1.8
50% duty cycle, without output filter or load
16.6
25
mA
IPVDD_X
Half-bridge idle current
Reset mode, no switching
465
558
μ
A
Output Stage MOSFETs
Drain-to-source resistance, Low
RDSon,LS
TJ = 25°C, excludes metallization resistance,
80
89
mΩ
Side
Drain-to-source resistance, High
RDSon,HS
TJ = 25°C, excludes metallization resistance,
80
89
mΩ
Side
I/O Protection
Undervoltage protection limit,
Vuvp,G
9.5
V
GVDD_X
Vuvp,hyst(1)
Undervoltage protection limit,
250
mV
GVDD_X
BSTuvpF
Puts device into RESET when BST
5.85
V
voltage falls below limit
BSTuvpR
Brings device out of RESET when
7
V
BST voltage rises above limit
OTW(1)
Overtemperature warning
115
125
135
°C
Temperature drop needed below
OTWHYST(1)
OTW temp. for OTW to be inactive
25
°C
after the OTW event
OTE(1)
Overtemperature error threshold
145
155
165
°C
OTE-
OTE - OTW differential, temperature
30
°C
OTWdifferential(1)
delta between OTW and OTE
OLPC
Overload protection counter
fS = 384 kHz
1.25
ms
Resistor—programmable, high-end,
IOC
Overcurrent limit protection
10.1
A
ROC = 27 kΩ with 1 ms pulse
IOCT
Overcurrent response time
150
ns
tACTIVITY
Time for PWM activity detector to
Lack of transistion of any PWM input
13.2
μ
S
DETECTOR
activite when no PWM is present
(1) Specified by design
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5342
Not Recommended for New Designs


Similar Part No. - TAS5342DDV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5342DDV TI-TAS5342DDV Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVG4 TI-TAS5342DDVG4 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVR TI-TAS5342DDVR Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5342DDV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342L TI-TAS5342L Datasheet
822Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5182 TI-TAS5182 Datasheet
253Kb / 15P
[Old version datasheet]   100-W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5182 TI-TAS5182_07 Datasheet
608Kb / 18P
[Old version datasheet]   100−W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI1-TAS5352_16 Datasheet
1Mb / 29P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com