Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYD13K Datasheet(PDF) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BYD13K
Description  Controlled avalanche rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BYD13K Datasheet(HTML) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

  BYD13K Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BYD13K Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BYD13K Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
200V-1000V
0.750A-1.4A
BYD13D THRU BYD13M
Controlled avalanche rectifiers
Solid line: Tj =25 °C.
Dotted line: Tj = 175 °C.
Fig.6
Forward current as a function of forward
voltage; maximum values.
handbook, halfpage
0
6
4
2
0
2
1
IF
(A)
VF (V)
Fig.7
Reverse current as a function of junction
temperature; maximum values.
handbook, halfpage
200
0
10 3
10
2
10
1
160
120
40
80
(
µA)
I
R
T
j
(
oC)
VR =VRRMmax.
Fig.8
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
1
10
102
10
3
1
10 2
10
(pF)
C
d
V
R
(V)


Similar Part No. - BYD13K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYD13K PHILIPS-BYD13K Datasheet
39Kb / 7P
   Controlled avalanche rectifiers
1996 May 24
logo
EIC discrete Semiconduc...
BYD13K EIC-BYD13K Datasheet
46Kb / 2P
   CONTROLLED AVALANCHE RECTIFIER DIODES
More results

Similar Description - BYD13K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYW54 PHILIPS-BYW54 Datasheet
46Kb / 7P
   Controlled avalanche rectifiers
1996 Oct 03
BAS11 PHILIPS-BAS11 Datasheet
42Kb / 7P
   Controlled avalanche rectifiers
1996 Sep 26
1N5059 PHILIPS-1N5059 Datasheet
74Kb / 7P
   Controlled avalanche rectifiers
1996 Jun 19
logo
Shenzhen Taychipst Elec...
BYG50D TAYCHIPST-BYG50D Datasheet
4Mb / 3P
   Controlled avalanche rectifiers
logo
NXP Semiconductors
BYM56 PHILIPS-BYM56 Datasheet
48Kb / 7P
   Controlled avalanche rectifiers
1996 May 24
BYD11 PHILIPS-BYD11 Datasheet
46Kb / 7P
   Controlled avalanche rectifiers
1996 Sep 26
BYG50 PHILIPS-BYG50 Datasheet
41Kb / 6P
   Controlled avalanche rectifiers
1996 May 24
logo
New Jersey Semi-Conduct...
BYW54 NJSEMI-BYW54 Datasheet
136Kb / 2P
   Controlled avalanche rectifiers
logo
NXP Semiconductors
BYD12 PHILIPS-BYD12 Datasheet
49Kb / 8P
   Controlled avalanche rectifiers
1998 Dec 03
BYD13 PHILIPS-BYD13 Datasheet
39Kb / 7P
   Controlled avalanche rectifiers
1996 May 24
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com