Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F5341IRGZT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5341IRGZT
Description  MIXED SIGNAL MICROCONTROLLER
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5341IRGZT Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F5341IRGZT Datasheet HTML 1Page - Texas Instruments MSP430F5341IRGZT Datasheet HTML 2Page - Texas Instruments MSP430F5341IRGZT Datasheet HTML 3Page - Texas Instruments MSP430F5341IRGZT Datasheet HTML 4Page - Texas Instruments MSP430F5341IRGZT Datasheet HTML 5Page - Texas Instruments MSP430F5341IRGZT Datasheet HTML 6Page - Texas Instruments MSP430F5341IRGZT Datasheet HTML 7Page - Texas Instruments MSP430F5341IRGZT Datasheet HTML 8Page - Texas Instruments MSP430F5341IRGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
MSP430F534x
www.ti.com
SLAS706C – JULY 2011 – REVISED AUGUST 2012
MIXED SIGNAL MICROCONTROLLER
1
FEATURES
Low Supply-Voltage Range: 1.8 V to 3.6 V
Low-Frequency Trimmed Internal Reference
Source (REFO)
Ultralow Power Consumption
32-kHz Watch Crystals (XT1)
Active Mode (AM):
All System Clocks Active
High-Frequency Crystals up to 32 MHz
290 µA/MHz at 8 MHz, 3 V, Flash Program
(XT2)
Execution (Typical)
16-Bit Timer TA0, Timer_A With Five
150 µA/MHz at 8 MHz, 3 V, RAM Program
Capture/Compare Registers
Execution (Typical)
16-Bit Timer TA1, Timer_A With Three
Standby Mode (LPM3):
Capture/Compare Registers
Real-Time Clock With Crystal, Watchdog,
16-Bit Timer TA2, Timer_A With Three
and Supply Supervisor Operational, Full
Capture/Compare Registers
RAM Retention, Fast Wake-Up:
16-Bit Timer TB0, Timer_B With Seven
1.9 µA at 2.2 V, 2.1 µA at 3 V (Typical)
Capture/Compare Shadow Registers
Low-Power Oscillator (VLO), General-
Two Universal Serial Communication
Purpose Counter, Watchdog, and Supply
Interfaces (USCI)
Supervisor Operational, Full RAM
Retention, Fast Wake-Up:
USCI_A0 and USCI_A1 Each Support:
1.4 µA at 3 V (Typical)
Enhanced UART supporting Auto-
Off Mode (LPM4):
Baudrate Detection
Full RAM Retention, Supply Supervisor
IrDA Encoder and Decoder
Operational, Fast Wake-Up:
Synchronous SPI
1.1 µA at 3 V (Typical)
USCI_B0 and USCI_B1 Each Support:
Shutdown Mode (LPM4.5):
I2CTM
0.18 µA at 3 V (Typical)
Synchronous SPI
Wake-Up From Standby Mode in 3.5 µs
12-Bit Analog-to-Digital (A/D) Converter With
(Typical)
Internal Reference, Sample-and-Hold, and
16-Bit RISC Architecture, Extended Memory,
Autoscan Feature
up to 25-MHz System Clock
Comparator
Flexible Power Management System
Hardware Multiplier Supporting 32-Bit
Fully Integrated LDO With Programmable
Operations
Regulated Core Supply Voltage
Serial Onboard Programming, No External
Supply Voltage Supervision, Monitoring,
Programming Voltage Needed
and Brownout
Three Channel Internal DMA
Unified Clock System
Basic Timer With Real-Time Clock Feature
FLL Control Loop for Frequency
Family Members are Summarized in Table 1
Stabilization
For Complete Module Descriptions, See the
Low-Power Low-Frequency Internal Clock
MSP430x5xx and MSP430x6xx Family User's
Source (VLO)
Guide (SLAU208)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MSP430F5341IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5341 TI1-MSP430F5341 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
More results

Similar Description - MSP430F5341IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com