Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY550-200 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BY550-200
Description  SOFT RECOVERY FAST-SWITCHING PLASTIC RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BY550-200 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  BY550-200 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BY550-200 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
BY550-50 THRU BY550-1000
BY550-50 THRU BY550-1000
50V-1000V
5.0A
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
100
Forward voltage, V
0.4
0.8
1
0.1
0.01
10
1.6
1.2
2.0
Tj=25 C
Pulse width=300 S
1% duty cycle
Typical Forward Characteristics
Lead Temperature
Forward current derating curve
Temperature ( C )
40
0
80
Ambient Temperature
2
4
6
140
120
40
0.01
0
0.1
80
100
Tj=25 C
Tj=50 C
10
1
Tj=100 C
Percent of peak reverse voltage, %
Typical Reverse Characteristics
Ta=25 C
10ms single half sine wave at rated load
10
1
10
100
Repetitive
100
200
Non-repetitive
Number of cycles at 50Hz
Maximum peak forward surge current
10
Reverse voltage, v
5
1
100
Typical junction capacitance
10
100
Tj=25 C
f=1MHz
SOFT RECOVERY FAST-SWITCHING PLASTIC RECTIFIERS


Similar Part No. - BY550-200

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
BY550-200 JGD-BY550-200 Datasheet
138Kb / 2P
   5.0 AMP.SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
BY550-200 LUGUANG-BY550-200 Datasheet
163Kb / 2P
   Plastic Silicon Rectifiers
logo
EIC discrete Semiconduc...
BY550-200 EIC-BY550-200 Datasheet
16Kb / 2P
   SILICON RECTIFIER DIODES
logo
First Components Intern...
BY550-200 FCI-BY550-200 Datasheet
4Mb / 2P
   5.0 Amps Miniature PLASTIC SILICON RECTIFIERS Diffused junction
logo
Diotec Semiconductor
BY550-200 DIOTEC-BY550-200 Datasheet
179Kb / 2P
   Silicon Rectifiers
More results

Similar Description - BY550-200

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BY500-100 SEMTECH_ELEC-BY500-100 Datasheet
177Kb / 2P
   SOFT RECOVERY FAST-SWITCHING PLASTIC RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY500-100 TAYCHIPST-BY500-100 Datasheet
1Mb / 2P
   SOFT RECOVERY FAST-SWITCHING PLASTIC RECTIFIERS
logo
Continental Device Indi...
MR850 CDIL-MR850 Datasheet
261Kb / 5P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIERS
logo
Pan Jit International I...
BY396 PANJIT-BY396_09 Datasheet
67Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
BY500-50 GOOD-ARK-BY500-50 Datasheet
157Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Luguang Electr...
BY500-1000 LUGUANG-BY500-1000 Datasheet
1Mb / 2P
   Soft Recovery Fast Switching Plastic Rectifier
logo
Transys Electronics
BY396 TRSYS-BY396 Datasheet
139Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY396P VISHAY-BY396P Datasheet
68Kb / 4P
   Soft Recovery Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Pan Jit International I...
MR850 PANJIT-MR850_09 Datasheet
67Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY396P VISHAY-BY396P_V01 Datasheet
79Kb / 4P
   Soft Recovery Fast Switching Plastic Rectifier
01-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com