Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F5329IPNR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5329IPNR
Description  MIXED SIGNAL MICROCONTROLLER
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5329IPNR Datasheet(HTML) 2 Page - Texas Instruments

  MSP430F5329IPNR Datasheet HTML 1Page - Texas Instruments MSP430F5329IPNR Datasheet HTML 2Page - Texas Instruments MSP430F5329IPNR Datasheet HTML 3Page - Texas Instruments MSP430F5329IPNR Datasheet HTML 4Page - Texas Instruments MSP430F5329IPNR Datasheet HTML 5Page - Texas Instruments MSP430F5329IPNR Datasheet HTML 6Page - Texas Instruments MSP430F5329IPNR Datasheet HTML 7Page - Texas Instruments MSP430F5329IPNR Datasheet HTML 8Page - Texas Instruments MSP430F5329IPNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 102 page
background image
MSP430F532x
SLAS678C
– AUGUST 2010 – REVISED NOVEMBER 2011
www.ti.com
DESCRIPTION
The Texas Instruments MSP430 family of ultralow-power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with extensive
low-power modes is optimized to achieve extended battery life in portable measurement applications. The device
features a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code
efficiency. The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in
3.5
µs (typical).
The MSP430F5329, MSP430F5327, and MSP430F5325 are microcontroller configurations with an integrated
3.3-V LDO, four 16-bit timers, a high-performance 12-bit analog-to-digital converter (ADC), two universal serial
communication interfaces (USCI), hardware multiplier, DMA, real-time clock module with alarm capabilities, and
63 I/O pins. The MSP430F5328, MSP430F5326, and MSP430F5324 include all of these peripherals but have 47
I/O pins.
Typical applications include analog and digital sensor systems, data loggers, etc., and various general-purpose
applications.
Family members available are summarized in Table 1.
Table 1. Family Members
USCI
Flash
SRAM
ADC12_A
Comp_B
Package
Channel A:
Channel B:
Device
Timer_A(1)
Timer_B(2)
I/O
(KB)
(KB)
(Ch)
(Ch)
Type
UART/IrDA/
SPI/I2C
SPI
MSP430F5329
128
10
5, 3, 3
7
2
2
14 ext / 2 int
12
63
80 PN
64 RGC,
MSP430F5328
128
10
5, 3, 3
7
2
2
10 ext / 2 int
8
47
80 ZQE
MSP430F5327
96
8
5, 3, 3
7
2
2
14 ext / 2 int
12
63
80 PN
64 RGC,
MSP430F5326
96
8
5, 3, 3
7
2
2
10 ext / 2 int
8
47
80 ZQE
MSP430F5325
64
6
5, 3, 3
7
2
2
14 ext / 2 int
12
63
80 PN
64 RGC,
MSP430F5324
64
6
5, 3, 3
7
2
2
10 ext / 2 int
8
47
80 ZQE
(1)
Each number in the sequence represents an instantiation of Timer_A with its associated number of capture compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_A, the first
instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output generators, respectively.
(2)
Each number in the sequence represents an instantiation of Timer_B with its associated number of capture compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_B, the first
instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output generators, respectively.
Ordering Information(1)
PACKAGED DEVICES(2)
TA
PLASTIC 80-PIN LQFP (PN)
PLASTIC 64-PIN VQFN (RGC)
PLASTIC 80-BALL BGA (ZQE)
MSP430F5329IPN(3)
MSP430F5328IRGC(3)
MSP430F5328IZQE(3)
–40°C to 85°C
MSP430F5327IPN(3)
MSP430F5326IRGC(3)
MSP430F5326IZQE(3)
MSP430F5325IPN(3)
MSP430F5324IRGC(3)
MSP430F5324IZQE(3)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/package.
(3)
Product Preview
2
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - MSP430F5329IPNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5329IPNR TI-MSP430F5329IPNR Datasheet
3Mb / 127P
[Old version datasheet]   MSP430F532x Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5329IPNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com