Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F5328IZQE Datasheet(PDF) 9 Page - Texas Instruments

Part # MSP430F5328IZQE
Description  MIXED SIGNAL MICROCONTROLLER
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5328IZQE Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP430F5328IZQE Datasheet HTML 5Page - Texas Instruments MSP430F5328IZQE Datasheet HTML 6Page - Texas Instruments MSP430F5328IZQE Datasheet HTML 7Page - Texas Instruments MSP430F5328IZQE Datasheet HTML 8Page - Texas Instruments MSP430F5328IZQE Datasheet HTML 9Page - Texas Instruments MSP430F5328IZQE Datasheet HTML 10Page - Texas Instruments MSP430F5328IZQE Datasheet HTML 11Page - Texas Instruments MSP430F5328IZQE Datasheet HTML 12Page - Texas Instruments MSP430F5328IZQE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 102 page
background image
MSP430F532x
www.ti.com
SLAS678C
– AUGUST 2010 – REVISED NOVEMBER 2011
Table 2. Terminal Functions (continued)
TERMINAL
NO.
I/O(1)
DESCRIPTION
NAME
PN
RGC
ZQE
Regulated core power supply output (internal usage only, no external current
VCORE(2)
20
17
J2
loading)
General-purpose digital I/O with port interrupt
P1.0/TA0CLK/ACLK
21
18
H2
I/O
TA0 clock signal TA0CLK input ; ACLK output (divided by 1, 2, 4, or 8)
General-purpose digital I/O with port interrupt
P1.1/TA0.0
22
19
H3
I/O
TA0 CCR0 capture: CCI0A input, compare: Out0 output
BSL transmit output
General-purpose digital I/O with port interrupt
P1.2/TA0.1
23
20
J3
I/O
TA0 CCR1 capture: CCI1A input, compare: Out1 output
BSL receive input
General-purpose digital I/O with port interrupt
P1.3/TA0.2
24
21
G4
I/O
TA0 CCR2 capture: CCI2A input, compare: Out2 output
General-purpose digital I/O with port interrupt
P1.4/TA0.3
25
22
H4
I/O
TA0 CCR3 capture: CCI3A input compare: Out3 output
General-purpose digital I/O with port interrupt
P1.5/TA0.4
26
23
J4
I/O
TA0 CCR4 capture: CCI4A input, compare: Out4 output
General-purpose digital I/O with port interrupt
P1.6/TA1CLK/CBOUT
27
24
G5
I/O
TA1 clock signal TA1CLK input
Comparator_B output
General-purpose digital I/O with port interrupt
P1.7/TA1.0
28
25
H5
I/O
TA1 CCR0 capture: CCI0A input, compare: Out0 output
General-purpose digital I/O with port interrupt
P2.0/TA1.1
29
26
J5
I/O
TA1 CCR1 capture: CCI1A input, compare: Out1 output
General-purpose digital I/O with port interrupt
P2.1/TA1.2
30
27
G6
I/O
TA1 CCR2 capture: CCI2A input, compare: Out2 output
General-purpose digital I/O with port interrupt
P2.2/TA2CLK/SMCLK
31
28
J6
I/O
TA2 clock signal TA2CLK input ; SMCLK output
General-purpose digital I/O with port interrupt
P2.3/TA2.0
32
29
H6
I/O
TA2 CCR0 capture: CCI0A input, compare: Out0 output
General-purpose digital I/O with port interrupt
P2.4/TA2.1
33
30
J7
I/O
TA2 CCR1 capture: CCI1A input, compare: Out1 output
General-purpose digital I/O with port interrupt
P2.5/TA2.2
34
31
J8
I/O
TA2 CCR2 capture: CCI2A input, compare: Out2 output
General-purpose digital I/O with port interrupt
P2.6/RTCCLK/DMAE0
35
32
J9
I/O
RTC clock output for calibration
DMA external trigger input
General-purpose digital I/O with port interrupt
P2.7/UCB0STE/
Slave transmit enable
– USCI_B0 SPI mode
36
33
H7
I/O
UCA0CLK
Clock signal input
– USCI_A0 SPI slave mode
Clock signal output
– USCI_A0 SPI master mode
(2)
VCORE is for internal usage only. No external current loading is possible. VCORE should only be connected to the recommended
capacitor value, CVCORE.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - MSP430F5328IZQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5328IZQE TI-MSP430F5328IZQE Datasheet
3Mb / 127P
[Old version datasheet]   MSP430F532x Mixed-Signal Microcontrollers
MSP430F5328IZQER TI-MSP430F5328IZQER Datasheet
3Mb / 127P
[Old version datasheet]   MSP430F532x Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5328IZQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com