Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F5333IZQWT Datasheet(PDF) 7 Page - Texas Instruments

Part # MSP430F5333IZQWT
Description  MIXED SIGNAL MICROCONTROLLER
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5333IZQWT Datasheet(HTML) 7 Page - Texas Instruments

Back Button MSP430F5333IZQWT Datasheet HTML 3Page - Texas Instruments MSP430F5333IZQWT Datasheet HTML 4Page - Texas Instruments MSP430F5333IZQWT Datasheet HTML 5Page - Texas Instruments MSP430F5333IZQWT Datasheet HTML 6Page - Texas Instruments MSP430F5333IZQWT Datasheet HTML 7Page - Texas Instruments MSP430F5333IZQWT Datasheet HTML 8Page - Texas Instruments MSP430F5333IZQWT Datasheet HTML 9Page - Texas Instruments MSP430F5333IZQWT Datasheet HTML 10Page - Texas Instruments MSP430F5333IZQWT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 101 page
background image
MSP430F533x
www.ti.com
SLAS721B – AUGUST 2010 – REVISED AUGUST 2012
Table 3. Terminal Functions
TERMINAL
NO.
I/O(1)
DESCRIPTION
NAME
PZ
ZQW
General-purpose digital I/O
P6.4/CB4/A4
1
A1
I/O
Comparator_B input CB4
Analog input A4 – ADC
General-purpose digital I/O
P6.5/CB5/A5
2
B2
I/O
Comparator_B input CB5
Analog input A5 – ADC
General-purpose digital I/O
Comparator_B input CB6
P6.6/CB6/A6/DAC0
3
B1
I/O
Analog input A6 – ADC
DAC12.0 output (not available on '5335, '5333 devices)
General-purpose digital I/O
Comparator_B input CB7
P6.7/CB7/A7/DAC1
4
C2
I/O
Analog input A7 – ADC
DAC12.1 output (not available on '5335, '5333 devices)
General-purpose digital I/O
P7.4/CB8/A12
5
C1
I/O
Comparator_B input CB8
Analog input A12 –ADC
General-purpose digital I/O
P7.5/CB9/A13
6
C3
I/O
Comparator_B input CB9
Analog input A13 – ADC
General-purpose digital I/O
Comparator_B input CB10
P7.6/CB10/A14/DAC0
7
D2
I/O
Analog input A14 – ADC
DAC12.0 output (not available on '5335, '5333 devices)
General-purpose digital I/O
Comparator_B input CB11
P7.7/CB11/A15/DAC1
8
D1
I/O
Analog input A15 – ADC
DAC12.1 output (not available on '5335, '5333 devices)
General-purpose digital I/O
P5.0/VREF+/VeREF+
9
D4
I/O
Output of reference voltage to the ADC
Input for an external reference voltage to the ADC
General-purpose digital I/O
P5.1/VREF-/VeREF-
10
E4
I/O
Negative terminal for the ADC's reference voltage for both sources, the internal
reference voltage, or an external applied reference voltage
E1,
AVCC1
11
Analog power supply
E2
AVSS1
12
F2
Analog ground supply
XIN
13
F1
I
Input terminal for crystal oscillator XT1
XOUT
14
G1
O
Output terminal of crystal oscillator XT1
AVSS2
15
G2
Analog ground supply
General-purpose digital I/O
P5.6/ADC12CLK/DMAE0
16
H1
I/O
Conversion clock output ADC
DMA external trigger input
General-purpose digital I/O with port interrupt and mappable secondary function
P2.0/P2MAP0
17
G4
I/O
Default mapping: USCI_B0 SPI slave transmit enable; USCI_A0 clock input/output
(1)
I = input, O = output, N/A = not available on this package offering
Copyright © 2010–2012, Texas Instruments Incorporated
7


Similar Part No. - MSP430F5333IZQWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5333IZQWR TI1-MSP430F5333IZQWR Datasheet
1Mb / 112P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5333IZQWR TI-MSP430F5333IZQWR Datasheet
3Mb / 124P
[Old version datasheet]   MSP430F533x Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5333IZQWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com