Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN8P0404K Datasheet(PDF) 4 Page - SONiX Technology Company

Part # SN8P0404K
Description  OPT ROM:4096 16bits , RAM:128 8bits
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P0404K Datasheet(HTML) 4 Page - SONiX Technology Company

  SN8P0404K Datasheet HTML 1Page - SONiX Technology Company SN8P0404K Datasheet HTML 2Page - SONiX Technology Company SN8P0404K Datasheet HTML 3Page - SONiX Technology Company SN8P0404K Datasheet HTML 4Page - SONiX Technology Company SN8P0404K Datasheet HTML 5Page - SONiX Technology Company SN8P0404K Datasheet HTML 6Page - SONiX Technology Company SN8P0404K Datasheet HTML 7Page - SONiX Technology Company SN8P0404K Datasheet HTML 8Page - SONiX Technology Company SN8P0404K Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image

   
 








 



        
  ! "#$ %&'( )*   +,-  ./01 ! 2   
   3 4/0 1    5 6-7  8  -7  9:  -; 
 <=> -7  !" #$% &  ?@A   
'  BC  DEF  GHI;JK () B & ;IJK )(
* LMLN O  PQRSTU ( V&WXYZ[\]^ _`
a.  * b_`a.Zc]^defg7h ij!"#kl_` mno` pq
 _`r.%

 




♦ /01s
/01s
/01s
/01s
 ♦  ?@As
?@As
?@As
?@As

tus+

 vw?@s   

(tus

* Xw?@s ' 

 

♦ xyaz
xyaz
xyaz
xyaz {|
{|
{|
{|  O
O
O
O s
s
s
s
 ♦PQRSTU
PQRSTU
PQRSTU
PQRSTU

 BLM}s O~€#%
 ♦ 


  DEF
DEF
DEF
DEF 


GHI;J
GHI;J
GHI;J
GHI;J

 BLMLN}s O~€ 
K
K
K
K 

# ‚ƒ#%
 ♦ 


   ;IJK
;IJK
;IJK
;IJK 

 BLMLN}s O„…‚ 


ƒ%
 ♦ †_` s
†_` s
†_` s
†_` s

 BLMLN}s O‡ () LM 
kl_` sˆF‰!… ,-

|%

 a.sˆF‰!… ,-

 

♦ 


  56-7
56-7
56-7
56-7 
 ♦ iŠa.s
iŠa.s
iŠa.s
iŠa.s
♦ -7
-7
-7
-7 9:-;
9:-;
9:-;
9:-; 

) s./
♦ -7
-7
-7
-7 9:-; C[‹ŒM 
9:-; C[‹ŒM 
9:-; C[‹ŒM 
9:-; C[‹ŒM  
) s./

‹
‹
‹
‹  #
#
#
#

s ./
♦ <=>-7
<=>-7
<=>-7
<=>-7 

01s./




♦ #Ž‘s
#Ž‘s
#Ž‘s
#Ž‘s



+‘’…  “  ”\•– 


†—˜.%



”\7™s •–…  _`7h% 


 ‘š  ›œž%



 ‘š  ›œž%



Ÿ #  ‘š  ›œ 


ž%



 ‘…¡¢£%



 









Similar Part No. - SN8P0404K

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8P0111P SONIX-SN8P0111P Datasheet
142Kb / 3P
   8-bit microcontroller
SN8P0111S SONIX-SN8P0111S Datasheet
142Kb / 3P
   8-bit microcontroller
SN8P0112P SONIX-SN8P0112P Datasheet
142Kb / 3P
   8-bit microcontroller
SN8P0112S SONIX-SN8P0112S Datasheet
142Kb / 3P
   8-bit microcontroller
SN8P0113P SONIX-SN8P0113P Datasheet
142Kb / 3P
   8-bit microcontroller
More results

Similar Description - SN8P0404K

ManufacturerPart #DatasheetDescription
logo
Winbond
W541E261 WINBOND-W541E261 Datasheet
352Kb / 13P
   4BIT MICROCONTROLLER, 2K 횞16 ROM, 128 횞4 RAM 128 -DOT LCD
logo
Intersil Corporation
HM-6504 INTERSIL-HM-6504 Datasheet
167Kb / 10P
   4096 x 1 CMOS RAM
logo
Winbond
W541E WINBOND-W541E Datasheet
236Kb / 13P
   4BIT MICROCONTROLLER, 4K 횞16 ROM, 256 횞4 RAM 128 -DOT LCD
logo
Sanyo Semicon Device
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
logo
Samsung semiconductor
S3C7544 SAMSUNG-S3C7544 Datasheet
206Kb / 27P
   Single-chip CMOS microcontroller, 512 x 4-bit RAM, 4096 x 8-bit ROM
logo
List of Unclassifed Man...
MK4027 ETC-MK4027 Datasheet
970Kb / 11P
   4096 X 1 BIT DYNAMIC RAM
logo
Sanyo Semicon Device
LC875J96B SANYO-LC875J96B Datasheet
148Kb / 23P
   ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F67C8A SANYO-LC87F67C8A Datasheet
553Kb / 26P
   CMOS LSI FROM 128KBITE RAM 4096 BYTE
LC877648B SANYO-LC877648B Datasheet
183Kb / 25P
   CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
logo
Zarlink Semiconductor I...
MA5104 ZARLINK-MA5104 Datasheet
262Kb / 12P
   RADIATION HARD 4096 x 1 BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com