Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN8P0404K Datasheet(PDF) 9 Page - SONiX Technology Company

Part # SN8P0404K
Description  OPT ROM:4096 16bits , RAM:128 8bits
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P0404K Datasheet(HTML) 9 Page - SONiX Technology Company

Back Button SN8P0404K Datasheet HTML 5Page - SONiX Technology Company SN8P0404K Datasheet HTML 6Page - SONiX Technology Company SN8P0404K Datasheet HTML 7Page - SONiX Technology Company SN8P0404K Datasheet HTML 8Page - SONiX Technology Company SN8P0404K Datasheet HTML 9Page - SONiX Technology Company SN8P0404K Datasheet HTML 10Page - SONiX Technology Company SN8P0404K Datasheet HTML 11Page - SONiX Technology Company SN8P0404K Datasheet HTML 12Page - SONiX Technology Company SN8P0404K Datasheet HTML 13Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image

   
 








 


 
 ÈcZÉÊ./01!2   ËÌ  .-; ÍÎ
‘ ÏZ  ! $ ÐÑ ÒÒ2Ò<ÓŸÔ  34%+./01Õօ 
¤×U Ø , Ù 1, d”\?@ÚÛÜU%ÝÞU Ø , Ù 111, d
ßѐ‘.× Ÿà ˜34 111, áÕâ㠚¢ä.åž%


 

!  
!


!


 !


!


!


!


!


!


 !


!





!  










!


!  













!


!



 


 
  væ! 2  ,'&1,3 4/0 1 „ …ßÑ ‚ ƒ34 V& W
X /01Ê ,'11, Öç…èÐÑ é%

2.1.
RAM BANK
 :

(¶

,




&1,
‚ƒU

,




11,
gÐÑ 



Similar Part No. - SN8P0404K

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8P0111P SONIX-SN8P0111P Datasheet
142Kb / 3P
   8-bit microcontroller
SN8P0111S SONIX-SN8P0111S Datasheet
142Kb / 3P
   8-bit microcontroller
SN8P0112P SONIX-SN8P0112P Datasheet
142Kb / 3P
   8-bit microcontroller
SN8P0112S SONIX-SN8P0112S Datasheet
142Kb / 3P
   8-bit microcontroller
SN8P0113P SONIX-SN8P0113P Datasheet
142Kb / 3P
   8-bit microcontroller
More results

Similar Description - SN8P0404K

ManufacturerPart #DatasheetDescription
logo
Winbond
W541E261 WINBOND-W541E261 Datasheet
352Kb / 13P
   4BIT MICROCONTROLLER, 2K 횞16 ROM, 128 횞4 RAM 128 -DOT LCD
logo
Intersil Corporation
HM-6504 INTERSIL-HM-6504 Datasheet
167Kb / 10P
   4096 x 1 CMOS RAM
logo
Winbond
W541E WINBOND-W541E Datasheet
236Kb / 13P
   4BIT MICROCONTROLLER, 4K 횞16 ROM, 256 횞4 RAM 128 -DOT LCD
logo
Sanyo Semicon Device
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
logo
Samsung semiconductor
S3C7544 SAMSUNG-S3C7544 Datasheet
206Kb / 27P
   Single-chip CMOS microcontroller, 512 x 4-bit RAM, 4096 x 8-bit ROM
logo
List of Unclassifed Man...
MK4027 ETC-MK4027 Datasheet
970Kb / 11P
   4096 X 1 BIT DYNAMIC RAM
logo
Sanyo Semicon Device
LC875J96B SANYO-LC875J96B Datasheet
148Kb / 23P
   ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F67C8A SANYO-LC87F67C8A Datasheet
553Kb / 26P
   CMOS LSI FROM 128KBITE RAM 4096 BYTE
LC877648B SANYO-LC877648B Datasheet
183Kb / 25P
   CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
logo
Zarlink Semiconductor I...
MA5104 ZARLINK-MA5104 Datasheet
262Kb / 12P
   RADIATION HARD 4096 x 1 BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com