Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75163B Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75163B
Description  OCTAL GENERAL-PURPOSE INTERFACE US TRANSCEIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75163B Datasheet(HTML) 5 Page - Texas Instruments

  SN75163B Datasheet HTML 1Page - Texas Instruments SN75163B Datasheet HTML 2Page - Texas Instruments SN75163B Datasheet HTML 3Page - Texas Instruments SN75163B Datasheet HTML 4Page - Texas Instruments SN75163B Datasheet HTML 5Page - Texas Instruments SN75163B Datasheet HTML 6Page - Texas Instruments SN75163B Datasheet HTML 7Page - Texas Instruments SN75163B Datasheet HTML 8Page - Texas Instruments SN75163B Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SN75163B
OCTAL GENERALPURPOSE INTERFACE BUS TRANSCEIVER
SLLS006A − D2611, OCTOBER 1985 − REVISED FEBRUARY 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−5
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORMS
TEST CIRCUIT
tPHL
1.0 V
1.5 V
2.2 V
1.5 V
D Input
tPLH
B Output
3 V
0 V
VOH
VOH
B
3 V
TE
(see Note B)
CL = 30 pF
480
200
5 V
Output
50
D
3 V
PE
Generator
(see Note A)
Figure 1. Terminal-to-Bus Test Circuit and Voltage Waveforms
VOLTAGE WAVEFORMS
TEST CIRCUIT
1.5 V
1.5 V
tPHL
1.5 V
1.5 V
B Input
tPLH
D Output
3 V
0 V
VOH
VOL
D
CL = 30 pF
(see Note B)
3 k
240
4.3 V
Output
TE
B
50
Generator
(see Note A)
Figure 2. Bus-to-Terminal Test Circuit and Voltage Waveforms
480
CL = 15 pF
(see Note B)
TEST CIRCUIT
VOLTAGE WAVEFORMS
VOL
3.5 V
0.8 V
VOH
0 V
3 V
tPHZ
tPLZ
0.5 V
90%
1.5 V
1.0 V
2 V
1.5 V
TE Input
S2 Closed
S1 to GND
B Output
tPZL
S2 Open
tPZH
S1 to 3 V
B Output
TE
S2
3 V
S1
B
200
5 V
Output
PE
D
50
Generator
(see Note A)
Figure 3. TE-to-Bus Test Circuit and Voltage Waveforms
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.


Similar Part No. - SN75163B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75160B TI-SN75160B Datasheet
194Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160BDW TI-SN75160BDW Datasheet
194Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160BDW TI1-SN75160BDW Datasheet
917Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160BDWE4 TI1-SN75160BDWE4 Datasheet
917Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160BDWG4 TI1-SN75160BDWG4 Datasheet
917Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
More results

Similar Description - SN75163B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS164 TI1-SN75ALS164_14 Datasheet
585Kb / 18P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160B TI1-SN75160B_13 Datasheet
917Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS164 TI-SN75ALS164 Datasheet
198Kb / 13P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS162 TI1-SN75ALS162_14 Datasheet
786Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS163 TI-SN75ALS163 Datasheet
143Kb / 10P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS163 TI1-SN75ALS163_13 Datasheet
245Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160B TI-SN75160B Datasheet
194Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS165 TI1-SN75ALS165 Datasheet
193Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75164B TI1-SN75164B Datasheet
230Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
logo
Renesas Technology Corp
HD75161A RENESAS-HD75161A Datasheet
245Kb / 12P
   Octal General Purpose Interface Bus Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com