Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F2481TRGCT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2481TRGCT
Description  MIXED SIGNAL MICROCONTROLLER
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F2481TRGCT Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP430F2481TRGCT Datasheet HTML 5Page - Texas Instruments MSP430F2481TRGCT Datasheet HTML 6Page - Texas Instruments MSP430F2481TRGCT Datasheet HTML 7Page - Texas Instruments MSP430F2481TRGCT Datasheet HTML 8Page - Texas Instruments MSP430F2481TRGCT Datasheet HTML 9Page - Texas Instruments MSP430F2481TRGCT Datasheet HTML 10Page - Texas Instruments MSP430F2481TRGCT Datasheet HTML 11Page - Texas Instruments MSP430F2481TRGCT Datasheet HTML 12Page - Texas Instruments MSP430F2481TRGCT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
MSP430F23x
MSP430F24x(1)
MSP430F2410
www.ti.com
SLAS547H
– JUNE 2007 – REVISED AUGUST 2011
Table 2. Terminal Functions, MSP430F23x
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AVCC
64
Analog supply voltage, positive. Supplies only the analog portion of ADC12.
AVSS
62
Analog supply voltage, negative. Supplies only the analog portion of ADC12.
DVCC
1
Digital supply voltage, positive. Supplies all digital parts.
DVSS
63
Digital supply voltage, negative. Supplies all digital parts.
P1.0/TACLK/CAOUT
12
I/O
General-purpose digital I/O / Timer_A, clock signal TACLK input/Comparator_A output
P1.1/TA0
13
I/O
General-purpose digital I/O / Timer_A, capture: CCI0A input, compare: Out0 output/BSL transmit
P1.2/TA1
14
I/O
General-purpose digital I/O / Timer_A, capture: CCI1A input, compare: Out1 output
P1.3/TA2
15
I/O
General-purpose digital I/O / Timer_A, capture: CCI2A input, compare: Out2 output
P1.4/SMCLK
16
I/O
General-purpose digital I/O / SMCLK signal output
P1.5/TA0
17
I/O
General-purpose digital I/O / Timer_A, compare: Out0 output
P1.6/TA1
18
I/O
General-purpose digital I/O / Timer_A, compare: Out1 output
P1.7/TA2
19
I/O
General-purpose digital I/O / Timer_A, compare: Out2 output
P2.0/ACLK/CA2
20
I/O
General-purpose digital I/O / ACLK output/Comparator_A input
P2.1/TAINCLK/CA3
21
I/O
General-purpose digital I/O / Timer_A, clock signal at INCLK
General-purpose digital I/O / Timer_A, capture: CCI0B input/Comparator_A output/BSL
P2.2/CAOUT/TA0/CA4
22
I/O
receive/Comparator_A input
P2.3/CA0/TA1
23
I/O
General-purpose digital I/O / Timer_A, compare: Out1 output/Comparator_A input
P2.4/CA1/TA2
24
I/O
General-purpose digital I/O / Timer_A, compare: Out2 output/Comparator_A input
General-purpose digital I/O / input for external resistor defining the DCO nominal frequency/Comparator_A
P2.5/ROSC/CA5
25
I/O
input
P2.6/ADC12CLK/CA6
26
I/O
General-purpose digital I/O / conversion clock - 12-bit ADC/Comparator_A input
P2.7/TA0/CA7
27
I/O
General-purpose digital I/O / Timer_A, compare: Out0 output/Comparator_A input
P3.0/UCB0STE/ UCA0CLK
28
I/O
General-purpose digital I/O / USCI_B0 slave transmit enable/USCI A0 clock input/output
P3.1/UCB0SIMO/UCB0SDA
29
I/O
General-purpose digital I/O / USCI_B0 slave in/master out in SPI mode, SDA I2C data in I2C mode
P3.2/UCB0SOMI/ UCB0SCL
30
I/O
General-purpose digital I/O / USCI_B0 slave out/master in in SPI mode, SCL I2C clock in I2C mode
P3.3/UCB0CLK/UCA0STE
31
I/O
General-purpose digital I/O / USCI_B0 clock input/output, USCI A0 slave transmit enable
General-purpose digital I/O / USCI_A0 transmit data output in UART mode, slave data in/master out in SPI
P3.4/UCA0TXD/ UCA0SIMO
32
I/O
mode
P3.5/UCA0RXD/
General-purpose digital I/O / USCI_A0 receive data input in UART mode, slave data out/master in in SPI
33
I/O
UCA0SOMI
mode
P3.6
34
I/O
General-purpose digital I/O
P3.7
35
I/O
General-purpose digital I/O
P4.0/TB0
36
I/O
General-purpose digital I/O / Timer_B, capture: CCI0A/B input, compare: Out0 output
P4.1/TB1
37
I/O
General-purpose digital I/O / Timer_B, capture: CCI1A/B input, compare: Out1 output
P4.2/TB2
38
I/O
General-purpose digital I/O / Timer_B, capture: CCI2A/B input, compare: Out2 output
P4.3
39
I/O
General-purpose digital I/O
P4.4
40
I/O
General-purpose digital I/O
P4.5
41
I/O
General-purpose digital I/O
P4.6
42
I/O
General-purpose digital I/O
P4.7/TBCLK
43
I/O
General-purpose digital I/O / Timer_B, clock signal TBCLK input
P5.0
44
I/O
General-purpose digital I/O
P5.1
45
I/O
General-purpose digital I/O
P5.2
46
I/O
General-purpose digital I/O
P5.3
47
I/O
General-purpose digital I/O
P5.4/MCLK
48
I/O
General-purpose digital I/O / main system clock MCLK output
P5.5/SMCLK
49
I/O
General-purpose digital I/O / submain system clock SMCLK output
P5.6/ACLK
50
I/O
General-purpose digital I/O / auxiliary clock ACLK output
General-purpose digital I/O / switch all PWM digital output ports to high impedance - Timer_B TB0 to
P5.7/TBOUTH/SVSOUT
51
I/O
TB6/SVS comparator output
P6.0/A0
59
I/O
General-purpose digital I/O / analog input A0 - 12-bit ADC
P6.1/A1
60
I/O
General-purpose digital I/O / analog input A1 - 12-bit ADC
P6.2/A2
61
I/O
General-purpose digital I/O / analog input A2 - 12-bit ADC
Copyright
© 2007–2011, Texas Instruments Incorporated
9


Similar Part No. - MSP430F2481TRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2481TRGCT TI-MSP430F2481TRGCT Datasheet
1Mb / 91P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2481TRGCT TI-MSP430F2481TRGCT Datasheet
1Mb / 92P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2481TRGCT TI-MSP430F2481TRGCT Datasheet
1Mb / 93P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2481TRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com