Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F2132TRTV Datasheet(PDF) 2 Page - Texas Instruments

Part # MSP430F2132TRTV
Description  MIXED SIGNAL MICROCONTROLLER
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F2132TRTV Datasheet(HTML) 2 Page - Texas Instruments

  MSP430F2132TRTV Datasheet HTML 1Page - Texas Instruments MSP430F2132TRTV Datasheet HTML 2Page - Texas Instruments MSP430F2132TRTV Datasheet HTML 3Page - Texas Instruments MSP430F2132TRTV Datasheet HTML 4Page - Texas Instruments MSP430F2132TRTV Datasheet HTML 5Page - Texas Instruments MSP430F2132TRTV Datasheet HTML 6Page - Texas Instruments MSP430F2132TRTV Datasheet HTML 7Page - Texas Instruments MSP430F2132TRTV Datasheet HTML 8Page - Texas Instruments MSP430F2132TRTV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 77 page
background image
MSP430F21x2
SLAS578J
– NOVEMBER 2007 – REVISED JANUARY 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Table 1. Available Options
PACKAGED DEVICES(1)(2)
TA
PLASTIC 28-PIN TSSOP (PW)
PLASTIC 32-PIN QFN (RHB)
PLASTIC 32-PIN QFN (RTV)
MSP430F2112IPW
MSP430F2112IRHB
MSP430F2112IRTV
-40
°C to 85°C
MSP430F2122IPW
MSP430F2122IRHB
MSP430F2122IRTV
MSP430F2132IPW
MSP430F2132IRHB
MSP430F2132IRTV
MSP430F2112TPW
MSP430F2112TRHB
MSP430F2112TRTV
-40
°C to 105°C
MSP430F2122TPW
MSP430F2122TRHB
MSP430F2122TRTV
MSP430F2132TPW
MSP430F2132TRHB
MSP430F2132TRTV
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Development Tool Support
All MSP430 microcontrollers include an Embedded Emulation Module (EEM) that allows advanced debugging
and programming through easy-to-use development tools. Recommended hardware options include:
Debugging and Programming Interface
– MSP-FET430UIF (USB)
– MSP-FET430PIF (Parallel Port)
Debugging and Programming Interface with Target Board
– MSP-FET430U28 (PW package)
Production Programmer
– MSP-GANG430
2
Submit Documentation Feedback
Copyright
© 2007–2012, Texas Instruments Incorporated


Similar Part No. - MSP430F2132TRTV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2132TRTV TI1-MSP430F2132TRTV Datasheet
1Mb / 80P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2132TRTVR TI-MSP430F2132TRTVR Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2132TRTVR TI1-MSP430F2132TRTVR Datasheet
1Mb / 80P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2132TRTVT TI-MSP430F2132TRTVT Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2132TRTVT TI1-MSP430F2132TRTVT Datasheet
1Mb / 80P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2132TRTV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com