Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F2616TZQW Datasheet(PDF) 10 Page - Texas Instruments

Part # MSP430F2616TZQW
Description  MIXED SIGNAL MICROCONTROLLER
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F2616TZQW Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430F2616TZQW Datasheet HTML 6Page - Texas Instruments MSP430F2616TZQW Datasheet HTML 7Page - Texas Instruments MSP430F2616TZQW Datasheet HTML 8Page - Texas Instruments MSP430F2616TZQW Datasheet HTML 9Page - Texas Instruments MSP430F2616TZQW Datasheet HTML 10Page - Texas Instruments MSP430F2616TZQW Datasheet HTML 11Page - Texas Instruments MSP430F2616TZQW Datasheet HTML 12Page - Texas Instruments MSP430F2616TZQW Datasheet HTML 13Page - Texas Instruments MSP430F2616TZQW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
MSP430F261x
MSP430F241x
SLAS541J – JUNE 2007 – REVISED DECEMBER 2011
www.ti.com
Table 2. Terminal Functions
TERMINAL
NO.
I/O
DESCRIPTION
NAME
64
80
113
PIN
PIN
PIN
Analog supply voltage, positive terminal. Supplies only the analog portion of
AVCC
64
80
A2
ADC12 and DAC12.
Analog supply voltage, negative terminal. Supplies only the analog portion of
AVSS
62
78
B2, B3
ADC12 and DAC12.
DVCC1
1
1
A1
Digital supply voltage, positive terminal. Supplies all digital parts.
DVSS1
63
79
A3
Digital supply voltage, negative terminal. Supplies all digital parts.
DVCC2
52
F12
Digital supply voltage, positive terminal. Supplies all digital parts.
DVSS2
53
E12
Digital supply voltage, negative terminal. Supplies all digital parts.
General-purpose digital I/O pin/Timer_A, clock signal TACLK
P1.0/TACLK/ CAOUT
12
12
G2
I/O
input/Comparator_A output
General-purpose digital I/O pin/Timer_A, capture: CCI0A input, compare: Out0
P1.1/TA0
13
13
H1
I/O
output/BSL transmit
General-purpose digital I/O pin/Timer_A, capture: CCI1A input, compare: Out1
P1.2/TA1
14
14
H2
I/O
output
General-purpose digital I/O pin/Timer_A, capture: CCI2A input, compare: Out2
P1.3/TA2
15
15
J1
I/O
output
P1.4/SMCLK
16
16
J2
I/O
General-purpose digital I/O pin/SMCLK signal output
P1.5/TA0
17
17
K1
I/O
General-purpose digital I/O pin/Timer_A, compare: Out0 output
P1.6/TA1
18
18
K2
I/O
General-purpose digital I/O pin/Timer_A, compare: Out1 output
P1.7/TA2
19
19
L1
I/O
General-purpose digital I/O pin/Timer_A, compare: Out2 output
P2.0/ACLK/CA2
20
20
M1
I/O
General-purpose digital I/O pin/ACLK output/Comparator_A input
P2.1/TAINCLK/CA3
21
21
M2
I/O
General-purpose digital I/O pin/Timer_A, clock signal at INCLK
General-purpose digital I/O pin/Timer_A, capture: CCI0B input/Comparator_A
P2.2/CAOUT/TA0/CA4
22
22
M3
I/O
output/BSL receive/Comparator_A input
General-purpose digital I/O pin/Timer_A, compare: Out1 output/Comparator_A
P2.3/CA0/TA1
23
23
L3
I/O
input
General-purpose digital I/O pin/Timer_A, compare: Out2 output/Comparator_A
P2.4/CA1/TA2
24
24
L4
I/O
input
General-purpose digital I/O pin/input for external resistor defining the DCO
P2.5/ROSC/CA5
25
25
M4
I/O
nominal frequency/Comparator_A input
P2.6/ADC12CLK/
General-purpose digital I/O pin/conversion clock - 12-bit ADC/DMA channel 0
26
26
J4
I/O
DMAE0(1)/CA6
external trigger/Comparator_A input
General-purpose digital I/O pin/Timer_A, compare: Out0 output/Comparator_A
P2.7/TA0/CA7
27
27
L5
I/O
input
P3.0/UCB0STE/
General-purpose digital I/O pin/USCI_B0 slave transmit enable/USCI_A0
28
28
M5
I/O
UCA0CLK
clock input/output
P3.1/UCB0SIMO/
General-purpose digital I/O pin/USCI_B0 slave in/master out in SPI mode,
29
29
L6
I/O
UCB0SDA
SDA I2C data in I2C mode
P3.2/UCB0SOMI/
General-purpose digital I/O pin/USCI_B0 slave out/master in in SPI mode,
30
30
M6
I/O
UCB0SCL
SCL I2C clock in I2C mode
P3.3/UCB0CLK/
General-purpose digital I/O/USCI_B0 clock input/output, USCI_A0 slave
31
31
L7
I/O
UCA0STE
transmit enable
P3.4/UCA0TXD/
General-purpose digital I/O pin/USCI_A transmit data output in UART mode,
32
32
M7
I/O
UCA0SIMO
slave data in/master out in SPI mode
P3.5/UCA0RXD/
General-purpose digital I/O pin/USCI_A0 receive data input in UART mode,
33
33
L8
I/O
UCA0SOMI
slave data out/master in in SPI mode
P3.6/UCA1TXD/
General-purpose digital I/O pin/USCI_A1 transmit data output in UART mode,
34
34
M8
I/O
UCA1SIMO
slave data in/master out in SPI mode
P3.7/UCA1RXD/
General-purpose digital I/O pin/USCI_A1 receive data input in UART mode,
35
35
L9
I/O
UCA1SOMI
slave data out/master in in SPI mode
(1)
MSP430F261x devices only
10
Submit Documentation Feedback
Copyright © 2007–2011, Texas Instruments Incorporated


Similar Part No. - MSP430F2616TZQW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2616TZQW TI-MSP430F2616TZQW Datasheet
1Mb / 102P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2616TZQW TI-MSP430F2616TZQW Datasheet
6Mb / 102P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2616TZQW TI1-MSP430F2616TZQW Datasheet
1Mb / 107P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MARCH2011
MSP430F2616TZQW TI1-MSP430F2616TZQW Datasheet
2Mb / 120P
[Old version datasheet]   MSP430F261x, MSP430F241x Mixed-Signal Microcontrollers
MSP430F2616TZQWR TI-MSP430F2616TZQWR Datasheet
1Mb / 102P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2616TZQW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com